|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
R NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 3DD13007M IC VCEO PC(TO-220C) MAIN CHARACTERISTICS 8A 400V 80W Package APPLICATIONS Energy-saving ligh Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier RoHS FEATURES High breakdown voltage High current capability High switching speed High reliability RoHS product ORDER MESSAGE Order codes 3DD13007M-O-C-N-B Halogen Free NO Marking D13007M Package TO-220C Packaging Tube 200910C 1/5 R 3DD13007M ABSOLUTE RATINGS (Tc=25) Parameter Symbol VCEO VEBO IC ICP IB IBP PC Tj Tstg Value 700 400 9 8 16 4 8 80 150 -55~+150 Unit V V V A A A A W -- -- -- Collector- Emitter VoltageVBE=0 VCES Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Base CurrentDC Base Currentpulse Total Dissipation (TO-220C) Junction Temperature Storage Temperature pulse5ms Pulse Test: Pulse Width = 5.0 ms, Duty Cycle < 10%. ElECTRICAL CHARACTERISTIC V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO Hfe(1) Hfe(2) VCE(sat)(1) VCE(sat)(2) VBE(sat) tf ts fT Parameter Tests conditions IC=10mA,IB=0 IC=1mA,IB=0 IE=1mA,IC=0 VCB=700V, IE=0 VCE=400V,IB=0 VEB=9V, IC=0 VCE =5V, VCE =5V, IC=5A, IC=8A, IC=5A, IC=1A IC=5A IB=1A IB=1.6A IB=1A IC=5A,IB1=-IB2=1A Value(min) - 100 50 10 50 1.0 2.0 1.5 0.7 4 - Value(typ) Value(max) Unit V V V A A A 400 700 9 8 5 4 V V V S S MHz VCC=24V VCE=10V, IC=0.5A THERMAL CHARACTERISTIC Parameter Symbol Value(min) Value(max) Unit /W TO-220C Thermal Resistance Junction Case TO-220C Rth(j-c) - 1.56 200910C 2/5 R 3DD13007M ELECTRICAL CHARACTERISTICS (curves) hFE - IC VBEsat- IC VBEsat hFE VCE(sat)- IC VCEsat POWER DERATING FACTOR PC-TC SOA IC(A), IC(A), RSOA VCE (V) VCE (V) 200910C 3/5 R 3DD13007M Unit mm PACKAGE MECHANICAL DATA TO-220C E A F symbol A B b c D D2 E MIN 4.30 1.10 0.70 0.40 15.20 9.00 9.70 2.39 1.25 12.60 2.80 2.60 2.20 3.50 MAX 4.70 1.40 0.95 0.65 16.20 9.40 10.10 2.69 1.40 13.60 3.20 3.00 2.60 3.80 P Q D2 D L2 e F L L2 Q Q1 B b L e e Q1 c P 200910C 4/5 R 3DD13007M NOTE 1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this. specification sheet and is subject to change without prior notice. 1. 2. 3. 4. 99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 CONTACT JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 AppendixRevision History Date 2009-10-23 Last Rev. 200905B New Rev. 200910C Description of Changes 200910C 5/5 |
Price & Availability of 3DD13007M-O-C-N-B |