Part Number Hot Search : 
M54HC MB3893A S8890 BP100 43000 ADL5500 BAT54SW PZTA63
Product Description
Full Text Search
 

To Download 3DD13003X-O-MS-N-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13003X
IC VCEO PC(TO-92) PC(TO-126(S)) PC(TO-220)
MAIN CHARACTERISTICS
1.5A 400V 1W 20W 40W
Package
l l l l l
APPLICATIONS
l Electronic ballasts l High frequency switching power
TO-92
TO-126
supply l High frequency power transform l Commonly power amplifier circuit
l l l l l RoHS
FEATURES
l High breakdown voltage l High current capability l High switching speed l High reliability l RoHS product
TO-126S
TO-220
ORDER MESSAGE
Order codes 3DD13003X-O-T-B-A 3DD13003X-O-T-N-C 3DD13003X-O-M-N-C 3DD13003X-O-M-N-B 3DD13003X-O-MS-N-C 3DD13003X-O-MS-N-B 3DD13003X-O-Z-N-C 3DD13003X-O-Z-N-B Marking 13003X 13003X 13003X 13003X 13003X 13003X 13003X 13003X Halogen Free NO NO NO NO NO NO NO NO Package TO-92 TO-92 TO-126 TO-126 TO-126S TO-126S TO-220 TO-220 Packaging Brede Bag Bag Tube Bag Tube Bag Tube
201003H
1/7
R
3DD13003X
ABSOLUTE RATINGS (Tc=25)
V V V A A W W W
Unit
Parameter
Symbol
Value
Unit
-- -- -- V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tf ts fT IC=10mA,IB=0 IC=1mA,IB=0 IE=1mA,IC=0 VCB=580V, IE=0 VCE=400V,IB=0 VEB=7V, IC=0
Collector- Emitter VoltageVBE=0 VCES Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-92) Total Dissipation (TO-126(S)) Total Dissipation (TO-220) Junction Temperature Storage Temperature
Value(min)
600 400 9 1.5 3.0 1 20 40 150 -55~+150 5 10 5 40 0.5 3 1 0.7 4
VCEO VEBO IC ICP PC PC PC Tj Tstg 490 800 13 20 0.18 0.18 0.9 -
ElECTRICAL CHARACTERISTIC
Parameter
Tests conditions
Value(typ) Value(max)
400 600 9 8 4
V V V A A A V V V S S MHz
VCE=10V, IC=500mA IC=0.5A, IB=0.1A IC=1.5A, IB=0.5A IC=0.5A, IB=0.1A VCC=24V IC=0.5A,IB1=-IB2=0.1A VCC=24V IC=0.5A,IB1=-IB2=0.1A VCE=10V, Ic=0.5A
THERMAL CHARACTERISTIC

Parameter
Symbol
Value(min) Value(max)
Unit
TO-92 Thermal Resistance Junction Case TO-92 TO-126(S) Thermal Resistance Junction Case TO-126(S) TO-220 Thermal Resistance Junction Case TO-220
Rth(j-a) Rth(j-c) Rth(j-c)
-
125 6.25 3.125
/W /W /W
201003H
2/7
R
3DD13003X
ELECTRICAL CHARACTERISTICS (curves)
hFE - IC
VCE(sat)- IC VCE(sat)
hFE
ICA VBEsat- IC VBE(sat)V ICA
ICA SOA
TC=25 DC
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
ICA PC-TC PC (percent)
VCEV
TC
201003H
3/7
R
3DD13003X
Unit mm
PACKAGE MECHANICAL DATA TO-92
A B b c D E e F L Q Z Z1
3.30-3.90 0.35-0.55 0.35-0.55 0.31-0.51 4.30-4.90 4.30-4.90 1.17-1.37 1.00-1.60 12.50-15.50 1.00-1.60 2O 5O
201003H
4/7
R
3DD13003X
Unit mm
symbol A B C D E Q Q1 L L2 b e
PACKAGE MECHANICAL DATA TO-126
MIN 2.50 1.22 0.30 10.50 7.10 3.80 1.07 15.30 2.10 0.60 2.19
MAX 2.90 1.28 0.70 11.10 8.10 4.20 1.47 15.70 2.30 0.90 2.39
PACKAGE MECHANICAL DATA TO-126S
Unit mm
A B c D E Q Q1 L L2 b e
2.50-2.90 1.22-1.28 0.30-0.70 10.50-11.10 7.10-8.10 3.80-4.20 1.07-1.47 7.80-8.20 2.10-2.30 0.60-0.90 2.19-2.39
201003H
5/7
R
3DD13003X
Unit mm
A B1 b c D D2 E e F L L2 P Q Q1 mm 4.4-4.8 1.1-1.4 0.7-0.95 0.3-0.55 14.45-16.0 8.2-9.2 9.6-10.4 2.54typ 1.2-1.35 13.05-14.05 3.7-3.9 3.5-4.0 2.4-3.0 2.2-2.9
PACKAGE MECHANICAL DATA TO-220
201003H
6/7
R
3DD13003X
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-7-30 2009-10-29 2010-3-9 Last Rev. 200906E 200907F 200910G New Rev. 200907F 200910G 201003H
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 Description of Changes TO-126S hFE Icbo
AppendixRevision History
201003H
7/7


▲Up To Search▲   

 
Price & Availability of 3DD13003X-O-MS-N-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X