Part Number Hot Search : 
SMBG5933 SSP2N90A SIC403A 000901 BCP52TA P6KE15 SIC403A FTD2017R
Product Description
Full Text Search
 

To Download 2SD1616AG-X-G03-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SD1616/A
NPN EPITAXIAL SILICON TRANSISTOR
DESCRIPTION
* Audio frequency power amplifier * Medium speed switching
NPN SILICON TRANSISTOR
Lead-free: 2SD1616L/2SD1616AL Halogen-free: 2SD1616G/2SD1616AG
ORDERING INFORMATION
Normal 2SD1616-x-AB3-R 2SD1616-x-G03-K 2SD1616-x-T92-B 2SD1616-x-T92-K 2SD1616-x-T9S-K 2SD1616A-x-AB3-R 2SD1616A-x-G03-K 2SD1616A-x-T92-B 2SD1616A-x-T92-K 2SD1616A-x-T9S-K Ordering Number Lead Free Plating 2SD1616L-x-AB3-R 2SD1616L-x-G03-K 2SD1616L-x-T92-B 2SD1616L-x-T92-K 2SD1616L-x-T9S-K 2SD1616AL-x-AB3-R 2SD1616AL-x-G03-K 2SD1616AL-x-T92-B 2SD1616AL-x-T92-K 2SD1616AL-x-T9S-K Halogen-Free 2SD1616G-x-AB3-R 2SD1616G-x-G03-K 2SD1616G-x-T92-B 2SD1616G-x-T92-K 2SD1616G-x-T9S-K 2SD1616AG-x-AB3-R 2SD1616AG-X-G03-K 2SD1616AG-x-T92-B 2SD1616AG-x-T92-K 2SD1616AG-x-T9S-K Package SOT-89 SIP-3 TO-92 TO-92 TO-92SP SOT-89 SIP-3 TO-92 TO-92 TO-92SP Pin Assignment 1 2 3 B C E E C B E C B E C B E C B B C E E C B E C B E C B E C B Packing Tape Reel Bulk Tape Box Bulk Bulk Tape Reel Bulk Tape Box Bulk Bulk
www.unisonic.com.tw Copyright (c) 2008 Unisonic Technologies Co., Ltd
1 of 4 QW-R201-008.D
2SD1616/A
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
PARAMETER SYMBOL 2SD1616 2SD1616A 2SD1616 2SD1616A
NPN SILICON TRANSISTOR
RATINGS UNIT 60 Collector to Base Voltage VCBO V 120 50 Collector to Emitter Voltage VCEO V 60 Emitter to Base Voltage VEBO 6 V DC IC 1 A Collector Current 2 A Pulse(Note2) ICM Total Power Dissipation PC 750 mW Junction Temperature TJ +150 C Storage Temperature TSTG -55 ~ +150 C Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Pulse width10ms, Duty cycle<50%
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified.)
PARAMETER Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base Emitter On Voltage Collector Cut-Off Current Emitter Cut-Off Current DC Current Gain Transition Frequency Output Capacitance Turn On Time Storage Time Fall Time SYMBOL VCE (SAT) VBE (SAT) VBE (ON) ICBO IEBO hFE1 hFE2 fT Cob tON tSTG tF TEST CONDITIONS IC=1A, IB=50mA IC=1A, IB=50mA VCE =2V, IC =50mA VCB=60V VEB= 6V 2SD1616 VCE =2V, IC =100mA 2SD1616A VCE =2V, IC=1A VCE =2V, IC =100mA VCB =10V, f =1MHz VCE =10V, IC =100mA IB1 = -IB2 =10mA VBE(OFF) = -2 ~ -3V MIN TYP 0.15 0.9 640 MAX UNIT 0.3 V 1.2 V 700 mV 100 nA 100 nA 600 400 MHz pF s s s
600
135 135 81 100
160 19 0.07 0.95 0.07
CLASSIFICATION OF hFE1
RANK hFE1 Y 135 ~ 270 G 200 ~ 400 L 300 ~ 600
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4 QW-R201-008.D
2SD1616/A
TYPICAL CHARACTERISTICS
Collector Output Capacitance 1000 500 300 Capacitance, Cob (pF) 100 50 30 10 5 3 Current Gain-Bandwidth Product, fT (MHz) IE=0 f=1.0MHz 1000
NPN SILICON TRANSISTOR
Current Gain-Bandwidth Product VCE=2V 500 300 100 50 30 10 5 3 1 0.01 0.03 0.1 0.3 1 35 10 Collector Current, IC (A)
1
3
5
10
30 50
100
300
Collector-Base Voltage, VCB (V)
Switching Time 10 5 3 1 0.5 0.3 0.1 0.05 0.03 0.01 0.001 0.003 VCC=10V IC=10xIB1= -10xIB2
tSTG
tF tON
0.01 0.030.05 0.1 Collector Current, IC (A)
0.30.5
1
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4 QW-R201-008.D
2SD1616/A
TYPICAL CHARACTERISTICS(Cont.)
DC Current Gain 1000 500 300 DC Current Gain, hFE 100 50 30 10 5 3 1 0.01 0.03 0.05 0.1 Saturation Voltage, VCE (SAT), VBE (SAT), (V) VCE=2V 10 5 3 1 0.5 0.3 0.1 0.05 0.03
NPN SILICON TRANSISTOR
Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage IC=20IB
VBE (SAT)
VCE (SAT)
0.3 0.5
1
35
10
0.01
0.03 0.05 0.1
0.3 0.5
1
35
10
Collector Current, IC (A)
Collector Current, IC (A)
Collector Current, IC (A)
20 0m DC
s
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UT C products described or contained herein. UT C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably expected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2SD1616A
2SD1616
Power Dissipation, PD (W)
4 of 4 QW-R201-008.D


▲Up To Search▲   

 
Price & Availability of 2SD1616AG-X-G03-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X