Part Number Hot Search : 
GP30KL MAX6033 GS832 UFT7140 GP30KL M62004L BH1414K EE08019
Product Description
Full Text Search
 

To Download 2SA489 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
2SA489
DESCRIPTION *With TO-220 package *Low collector saturation voltage *Short switching time APPLICATIONS *Various inductance lamp drivers for electrical equipment
*Inverters;converters *Power amplification *Switching regulator ,driver
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -70 -60 -5 -4 30 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-30mA ,IB=0 IC=-1mA; IE=0 IE=-1mA; IC=0 IC=-3A; IB=-0.3A IC=-3A; IB=-0.3A VCB=-70V; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-5V IC=-0.5A ; VCE=-5V 40 3 MIN -60 -70 -5
2SA489
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V V
-1.0 -1.5 -10 -10 240
V V A A
MHz
hFE Classifications R 40-80 O 70-140 Y 120-240
2
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA489
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA489

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X