Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download 1N5400-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400 - 1N5408
3.0A RECTIFIER Features
* * * * *
Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 200A Peak Low Reverse Leakage Current Lead Free Finish, RoHS Compliant (Note 3)
A
B
A
Mechanical Data
* * * * * * *
Case: DO-201AD Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Tin. Plated Leads Solderable per MIL-STD-202, Method 208 e3 Polarity: Cathode Band Marking: Type Number Weight: 1.1 grams (approximate) Dim A B C D DO-201AD Min 25.40 7.20 1.20 4.80
C
D
Max 3/4 9.50 1.30 5.30
All Dimensions in mm @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TA = 105C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 3.0A @ TA = 25C @ TA = 150C (Note 2) Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJA Tj, TSTG 1N 5400 50 35
1N 5401 100 70
1N 5402 200 140
1N 5404 400 280 3.0 200 1.0 10 100
1N 5406 600 420
1N 5407 800 560
1N 5408 1000 700
Unit V V A A V mA
50 15 -65 to +150
25
pF C/W C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS28007 Rev. 7 - 2
1 of 3 www.diodes.com
1N5400-1N5408
a Diodes Incorporated
4.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
200 100
Tj = 25C
I(AV), AVERAGE FORWARD CURRENT (A)
3.0
10
2.0
1.0
1.0
0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.2 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
200
100
IFSM, PEAK FORWARD SURGE CURRENT (A)
CT, TOTAL CAPACITANCE (pF)
1N5400 - 1N5405
100
1N5406 - 1N5408
10
Tj = 25C Pulse width = 8.3ms
f = 1MHz Tj = 25C
10 1.0 10 100
1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance 100
NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current
DS28007 Rev. 7 - 2
2 of 3 www.diodes.com
1N5400-1N5408
Ordering Information
Device 1N5400-B 1N5400-T 1N5401-B 1N5401-T 1N5402-B 1N5402-T 1N5404-B 1N5404-T 1N5406-B 1N5406-T 1N5407-B 1N5407-T 1N5408-B 1N5408-T
Notes:
(Note 4) Packaging DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD Shipping 500 Bulk 1.2K/Tape & Reel, 13 inch 500 Bulk 1.2K/Tape & Reel, 13 inch 500 Bulk 1.2K/Tape & Reel, 13 inch 500 Bulk 1.2K/Tape & Reel, 13 inch 500 Bulk 1.2K/Tape & Reel, 13 inch 500 Bulk 1.2K/Tape & Reel, 13 inch 500 Bulk 1.2K/Tape & Reel, 13 inch
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS28007 Rev. 7 - 2
3 of 3 www.diodes.com
1N5400-1N5408


▲Up To Search▲   

 
Price & Availability of 1N5400-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X