Part Number Hot Search : 
FQH90N15 Z5233B IC6C596 02111 AN143 ODM8211P 02111 AK2368
Product Description
Full Text Search
 

To Download 165X15179X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D-S U B H o o d s a n d Accessories
D-SUB Plastic Hood IP67
Straight cable entry - 9-50 pos.
Description
Water resistant hood for Standard D-SUB and Combination D-SUB Connectors With large internal space for high power and coaxial contacts Material: - Plastic hood black: PBT + Glas filled, UL 94 V-0 - Plastic hood metallized: ABS, UL 94 V-0 Fastening: - M3 or 4-40 UNC short screws stainless steel - M3 or 4-40 UNC jack screws stainless steel Bulk or single packaged units
RoHS compliant - CSA listed, File No.: LR 115000-1 - UL listed, File No.: E202784
Product drawing
Jack screw
Short screw
Shellsize
1 2 3 4 5
A
40.76 49.06 62.80 78.86 76.46
B
25.00 33.30 47.04 63.50 61.10
C
SW 22 SW 24 SW 24 SW 33 SW 42
OD
24.60 26.50 26.50 36.20 47.00
E
51.00 51.00 59.50 67.00 67.00
F
22.00 22.00 22.00 22.00 24.80
G
77.00 79.00 87.50 99.00 107.00
H
44.00 52.00 52.00 52.00 52.00
Cable O
5 - 10 6 - 12 6 - 12 9 - 16 13 - 20
Order data
D-SUB Plastic hood - Black No. of pos. Design
09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing Black housing M3 Jack screw M3 Jack screw M3 Jack screw M3 Jack screw M3 Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw M3 Short screw M3 Short screw M3 Short screw M3 Short screw M3 Short screw 4-40 UNC Short screw 4-40 UNC Short screw 4-40 UNC Short screw 4-40 UNC Short screw 4-40 UNC Short screw
D-SUB Plastic hood - Metallized Part Number
165 X 15119 X 165 X 15129 X 165 X 15139 X 165 X 15149 X 165 X 15159 X 165 X 14819 X 165 X 14829 X 165 X 14839 X 165 X 14849 X 165 X 14859 X 165 X 15169 X 165 X 15179 X 165 X 15189 X 165 X 15199 X 165 X 15209 X 165 X 14869 X 165 X 14879 X 165 X 14889 X 165 X 14899 X 165 X 14909 X
No. of pos. Design
09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 09 15 25 37 50 Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing Metallized housing M3 Jack screw M3 Jack screw M3 Jack screw M3 Jack screw M3 Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw 4-40 UNC Jack screw M3 Short screw M3 Short screw M3 Short screw M3 Short screw M3 Short screw 4-40 UNC Short screw 4-40 UNC Short screw 4-40 UNC Short screw 4-40 UNC Short screw 4-40 UNC Short screw
Part Number
165 X 15319 X 165 X 15329 X 165 X 15339 X 165 X 15349 X 165 X 15359 X 165 X 15019 X 165 X 15029 X 165 X 15039 X 165 X 15049 X 165 X 15059 X 165 X 15369 X 165 X 15379 X 165 X 15389 X 165 X 15399 X 165 X 15409 X 165 X 15069 X 165 X 15079 X 165 X 15089 X 165 X 15099 X 165 X 15109 X
For single packaged add the letter E" at the end of the part number.
10| 36


▲Up To Search▲   

 
Price & Availability of 165X15179X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X