Part Number Hot Search : 
ADJ51006 CYW2336 1202A 244MT IDT7202 ACTR423 P0102 D78F0
Product Description
Full Text Search
 

To Download UM4306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UM4300 / UM7300
SWITCHING / ATTENUATOR PIN DIODES
DESCRIPTION
The UM4300 and UM7300 series combine a diode chip of extremely thick intrinsic region with a low thermal resistance construction. This results in diodes uniquely applicable to very low distortion linear attenuators and specialized functions. The UM4300 series, with large cross-sectional chip area offers the highest power capability, of the two series. The UM7300 series offers lower capacitance. Both diode series are intended for use in linear attenuators operating from HF to beyond 1 GHz. Low distortion is a result of transit time frequencies below 5 MHz. Operated as RF switches, either diode series can be operated at low dc reverse bias voltages, to hold off much higher RF voltage levels.
KEY FEATURES
Extremely low distortion performance Useful frequency range extends below 500 kHz Power dissipation to 20 W (UM4300) Capacitance as low as 0.7 pF (UM7300) Voltage ratings to 1000V Non cavity design Thermally matched Isolated stud package available
WWW . Microsemi . C O M
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED) UM4300 Pkg
A B&E C D SM ALL
UM7300
Condition
25 C Pin Temperature 1/2 in. total length to 25 C Contact Free Air 25 C Stud Temperature 25 C Stud Temperature 25 C End Cap Temperature 1 us pulse (Single)
PD
(W)
(C/W)
PD
(W)
(C/W)
20 10 2.5 20 15 15
7.5 15 7.5 10 20 500 kW
7.5 4 7.5 6 5.5
20 37.5 20 25 18 100 kW
APPLICATIONS / BENEFITS
RF Switching RF Attenuators Pick and Place compatible Surface Mount Versions RoHS compliant packaging available: use UMX4301SM, etc
1
VOLTAGE RATINGS
Reverse Voltage @ 10uA 100 200 600 1000 Part Number UM4301 UM4302 UM4306 UM4310 UM7301 UM7302 UM7306 UM7310
UM4300 / UM7300 UM4300 / UM7300
IMPORTANT: For the most current data consult MICROSEMI's website: www.MICROSEMI.com
1 - RoHS compliant versions of the UM4300 and UM7300 are available. Specify UMX4300 or UMX7300 for RoHS version. Consult factory for details.
Copyright 2005
Rev: 3/30/2009
Microsemi
Microwave Products 75 Technology Drive, Lowell MA 01851 Tel: (978) 442-5600
Page 1
UM4300 / UM7300
SWITCHING / ATTENUATOR PIN DIODES
ELECTRICAL CHARACTERISTICS (@ 25C unless otherwise specified) Parameter
Reverse Current (Max) Series Resistance(Max) Series Resistance(Min) Capacitance (Max) Parallel Resistance(Min) Carrier Lifetime(Min) I-Region Width (Min)
Symbol
IR RS RS CT RP
Conditions
At rated voltage If = 100 mA, F= 100 MHz If = 10 uA, F= 100 MHz VR = 100 V, F = 1 MHZ VR = 100 V, F = 100 MHz IF = 10 mA --
UM4300
10 1.5 1000 2.2 200k 6.0 250
UM7300
10 3.0 3000 0.7 150k 4.0 250
Units
uA Ohms Ohms pF Ohms us um
WWW . Microsemi . C O M
W
TYPICAL RS VS IF
100
TYPICAL IF VS VF
TYPICAL
10-1
10-2
If (A)
UM4300 10-3
UM7300 10-4
10-5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Vf (V)
RP VS VR (UM4300)
102
RP VS VR (UM4300)
100 MHz
500 MHz 1 GHz
Rp (kOhms)
3 GHz 101
GRAPHS GRAPHS
100 100 101 102 103
Vr (V)
Copyright 2005
Rev: 3/30/2009
Microsemi
Microwave Products 75 Technology Drive, Lowell MA 01851 Tel: (978) 442-5600
Page 2
UM4300 / UM7300
SWITCHING / ATTENUATOR PIN DIODES
THERMAL IMP. VS PULSE WIDTH
PULSE THERMAL IMPEDANCE ( C/W)
102
NORMALIZED RS VS TEMP.
1.3
o
1 10
NORMALIZED DIODE RESISTANCE
1.2
0 10
UM4300
1.1
UM7300 -1 10
1.0
0.9
WWW . Microsemi . C O M
10-2
0.8
-3 10 -6 10 -5 10 10 -4 10 -3 10 -2 10 -1 0 10
0.7 -60 -40 -20 0 20 40 o 60 80 100 120
PULSE WIDTH (SEC)
TEMPERATURE ( C)
POWER DISS. VS LEAD TEMP. (UM4300)
POWER DISS. VS LEAD TEMP. (UM7300)
POWER RATINGS (STUD PKG)
20 18 W
MAX POWER DISSIPATION (W)
15
15 W
UM4300C
UM4300D 10 7.5 W 6W 5 UM7300D UM7300C
GRAPHS GRAPHS
0 0 25 50 75 100 125 150 175
STUD TEMPERATURE (oC)
Copyright 2005
Rev: 3/30/2009
Microsemi
Microwave Products 75 Technology Drive, Lowell MA 01851 Tel: (978) 442-5600
Page 3
UM4300 / UM7300
SWITCHING / ATTENUATOR PIN DIODES PACKAGE STYLES
STYLE `A' STYLE `B'
WWW . Microsemi . C O M
STYLE `C'
STYLE `CR'
STYLE `D'
STYLE `DR'
STYLE `E'
STYLE `SM'
MECHANICAL MECHANICAL
Copyright 2005
Rev: 3/30/2009
Microsemi
Microwave Products 75 Technology Drive, Lowell MA 01851 Tel: (978) 442-5600
Page 4
UM4300 / UM7300
SWITCHING / ATTENUATOR PIN DIODES
UM7300 STYLE `SM' FOOTPRINT
UM4300 STYLE `SM' FOOTPRINT
WWW . Microsemi . C O M
UM7300 Style SM, A Size Footprint
UM4300 Style SM, B Size Footprint
1. These dimensions will match the terminals and provide for additional solder fillets at the outboard ends at least as wide as the terminals themselves, assuming accuracy of placement within 0.005" 2. If the mounting method chosen requires use of an adhesive separate from the solder compound, a round (or square) spot of cement as shown should be centrally located.
MECHANICAL MECHANICAL
Copyright 2005
Rev: 3/30/2009
Microsemi
Microwave Products 75 Technology Drive, Lowell MA 01851 Tel: (978) 442-5600
Page 5


▲Up To Search▲   

 
Price & Availability of UM4306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X