Part Number Hot Search : 
0505E SD550T LM431AC 0F0S5 74HC04D PCA10 APC18T04 VXZ22
Product Description
Full Text Search
 

To Download RV2-16V101MF55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
RV2/VE2
Features
Aluminum Electrolytic Capacitors
CE32 Type
* Vertical chip type miniaturized for 5.5mm, high capacitors
SPECIFICATIONS
Items Operating Temperature Range Capacitance Tolerance Leakage Current (at 20) Dissipation Factor (Tanat 120Hz, 20) Low Temperature Characteristics (at 120Hz) Performance
-40 ~ +85 20% I = 0.01CV or 3 (A) whichever is greater (after 2 minutes) Where, C= rated capacitance in F. V = rated DC working voltage in V. Rated Voltage Tan(max) 4 0.42 6.3 0.28 10 0.24 16 0.20 25 0.14 35 0.12 25 2 3 35 2 3 50 0.10 50 2 3 (at 120Hz, 20)
Impedance ratio shall not exceed the values given in the table below. Rated Voltage 4 6.3 10 16 7 3 3 2 Impedance Z(-25)/Z(+20) Ratio 15 8 5 4 Z(-40)/Z(+20) Test Time Capacitance Change
2000 Hrs Within 20% of initial value (4WV30%)
Load Life Test
Dissipation Factor Less than 200% of specified value (4WV300%) Leakage Current Within specified value * The above specifications shall be satisfied when the capacitors are restored to 20after the rated voltage applied for 2000 hrs at 85. Test time: 1000 hrs; other items are the same as those for the load life test. Freq.(Hz) V.DC(V) Under 16 25 ~ 35 50 50 0.8 0.8 0.8 120 1.0 1.0 1.0 1K 1.15 1.25 1.35 10K up 1.25 1.40 1.50
Shelf Life Test Ripple Current & Frequency Multipliers Other Standards
JIS C 5101-18
DIAGRAM OF DIMENSIONS
D 4 5 6.3 L 5.30.2 5.30.2 5.30.2 A 4.3 5.3 6.6 B 4.3 5.3 6.6 C 2.0 2.3 2.7 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 Unit: mm P0.2 1.0 1.5 2.0
DIMENSION & PERMISSIBLE RIPPLE CURRENT
V.DC F 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 Contents 0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
Dimension: D x L(mm) Ripple Current: mA/rms at 120 Hz, 85C
10V (1A) 16V (1C)
DxL mA
4V (0G)
DxL mA
6.3V (0J)
DxL mA
25V (1E)
DxL mA
35V (1V)
DxL mA
50V (1H)
D 4x5.3 4x5.3 4x5.3 4x5.3 4x5.3 4x5.3 4x5.3 5x5.3 6.3x5.3 mA 3 5 6 7 10 15 19 26 44
DxL
mA
www..com
4x5.3 4x5.3 5x5.3 6.3x5.3
31 37 63 110
4x5.3 5x5.3 5x5.3 6.3x5.3
31 44 52 89
4x5.3 5x5.3 5x5.3 6.3x5.3 6.3x5.3
23 39 48 67 98
4x5.3 5x5.3 6.3x5.3 6.3x5.3 6.3x5.3
26 44 63 75 103
4x5.3 5x5.3 6.3x5.3 6.3x5.3
19 32 55 67
4x5.3 5x5.3 6.3x5.3
20 34 59
Remark: VE2 is the new series name, RV2 is still effective.
82
E.CAP.No1.2002/2003


▲Up To Search▲   

 
Price & Availability of RV2-16V101MF55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X