Part Number Hot Search : 
IC16F887 MICROS E36CA 1N6003 50A01 SBR120S3 TFMM5300 HT9435
Product Description
Full Text Search
 

To Download REC-34L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 50 L, 34 L
Vishay Sfernice
Precision Linear Transducers, Conductive Plastic (REC)
FEATURES
* Measurement Range 25mm to 450mm * High accuracy 1% down to 0.025% * Essentially infinite resolution * Long life * Sealed on request The 50 L and 34 L are compact, accurate and adaptable motion transducers for both industrial and military markets.
ELECTRICAL SPECIFICATIONS
50 L Theoretical electrical travel (TET = E) in increments of 25mm Independent linearity (over TET) on request Actual electrical travel (AET) Ohmic values (RT) Resistance tolerance at 20C Repeatability Maximum power rating Wiper current Load resistance Number of tracks Insulation resistance Dielectric Strength 1000M 500VRMS 50Hz 25mm 300mm 34 L 25mm 450mm
1% - 0.1% 0.05% for E 100mm 0.025% for E 200mm see table 1 400/cm to 2k/cm 20% 0.01% 0.05W/cm at 70C, 0W at 125C recommended: a few A - 1mA max. continuous minimum 103 x RT 1; on request 2 500VDC 750VRMS 50Hz
MECHANICAL SPECIFICATIONS
50 L Mechanical travel Housing Operating force on request Shaft (free rotation) Termination on request Wiper Sealing TET + 2mm min. anodized aluminium 0.35N typical (standard model) 3 wires PTFE AWG-30 cable or connector IP65 on request 2.50N typical (sealed model) L = 300mm 34 L
stainless steel
precious metal multifinger
PERFORMANCE
Operating life Temperature range Sine vibration on 3 axes Mechanical shocks on 3 axes 50 million cycles typical - 55C + 125C 1.5mm peak to peak or 15g - 10 Hz - 2000Hz 50g - 11ms - half sine
www.vishay.com 26
For technical questions, contact sfer@vishay.com
Document Number: 54011 Revision 21-Dec-01
50 L, 34 L
Precision Linear Transducers, Conductive Plastic (REC)
STANDARD MODEL DIMENSIONS in millimeters, general tolerance 1mm
34 L
OA
Vishay Sfernice
50 L
0.5 Z O C 0.25 25.4 1 L Z
0.5
ELECTRICAL CONNECTIONS
Terminals wire cable blue red white 3 Alim. (+): green 2 Wiper: TET = E AET MT 1 Alim. (-): red yellow
Table 1 TET = E 25mm to 275mm 300mm to 450mm AET E + 1mm TOL. 0.5mm
Table 2 DIMENSIONS Shaft Body E + 1mm 0.8mm Body Length oA oC L 50 L 34 L
-0 -0 3.175 - 0.025 5 - 0.025 12.7 E + 41 7 19.05 E + 63 12
TET = Theoretical electrical travel AET = Actual electrical travel MT = Mechanical travel
Tightening Zone Z
ACCESSORIES ON REQUEST - DIMENSIONS in millimeters, general tolerance 3mm
Clamp for 34L Vishay Reference: CQ00051
34
Clamp for 50L Vishay Reference: CQ00050
15 6.1
26
11 6.1
26
13
O9 11 0.3 11 0.3
9.5
19
O9
5.5
O 4.5
O 4.5
Document Number: 54011 Revision 21-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 27
5.5
50 L, 34 L
Vishay Sfernice Precision Linear Transducers, Conductive Plastic (REC)
OPTIONS - DIMENSIONS in millimeters, general tolerance 1mm
OPTION 1: SEALED (IP65)
W03280 (34 L) W03242 (50 L)
L 13 max. O 13 max
Table 3 MODEL 34 L 50 L
L TET + 83.5 TET + 70.5
OPTION 2: DELIVERED WITH CLAMPS AND BINDER CONNECTOR 680
34 L ... W05013
O 6.35 X 0.9 1/4-28 NEF-2A 2 23 11.4 Ajustable fixing max clearance A 34.5 X = TET + 70 10 O 3.9 11.1 on flats 6.35 on flats O 19.05
34.4 44.8
OPTION 3: SPRING LOADED SHAFT; OUTPUT BY SHIELDED CABLE
W01744 (34 L) W01743 (50 L)
O 13 max
A
L
13 max.
Table 4 MODEL 34 L1 34 L2 34 L3 34 L4 50 L1 50 L2 50 L3 50 L4
A 61.4 93.6 125.8 158 70 116 162 208
L TET + 119.5
TET + 97.8
OPTION 4: DOUBLE BALL JOINT
W03263 (34 L) W01565 (50 L) 34 L 50 L
W
X OV Y B L
15
Table 5 MODEL CODE 50 L W01565 L1 to L3 L4 to L6 34 L W03263 L1 to L5 L6 to L10 L11 to L12
B TET + 108.5 TET + 133.5 TET + 151.6 TET + 173.6 TET + 230
L TET + 57.5 TET + 82.5 TET + 82.8 TET + 104.8 TET + 161.2
oV 3 3 5 5 5
W 6 6 8 8 8
X 12 12 18 18 18
Y 30 30 42 42 42
2 2 2 2 2
TET 25 to 75 100 to 150 25 to 125 150 to 250 275 to 300
ORDERING INFORMATION
REC SERIES 34 MODEL L NUMBER OF TRACKS L = 1 track LL = 2 tracks 3 THEORETICAL ELECTRICAL TRAVEL Times 25mm D LINEARITY 103 OHMIC VALUE First 2 digits are significant numbers 3rd digit indicates number of zeros W... MODIFICATIONS Special feature code number
A: D: E: F:
1% 0.1% 0.05% 0.025%
www.vishay.com 28
For technical questions, contact sfer@vishay.com
Document Number: 54011 Revision 21-Dec-01


▲Up To Search▲   

 
Price & Availability of REC-34L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X