|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
R. 016040, R. 016070 Vishay Draloric Tubular Capacitors, Tag Mounting RA 016040 RA 016070 6 x 0.4 (0.236 x 0.016 3 0.2 (0.118 0.008) 3KVp 3KVp RB 016040 RB 016070 3KVp 3KVp RC 016040 RC 016070 3KVp 3KVp RE 016040 RE 016070 3KVp 3KVp 18 + 1 (0.709 + 0.04) 0.4 (0.016) L2 L3 0.5 (0.02) L4 L5 4 (0.157) 0.5 (0.02) 33 (1.299) 25 0.3 (0.984 0.012) L1 o 20 (0.787 DIA) 33 (1.299) Insulating base 45 (1.772) 35 0.6 (1.378 0.024) 18 + 1 (0.709 + 0.04) 25 0.3 (0.984 0.012) + 0.008 ) (0.169 + 0.016) o 16 (0.630 DIA) +1 19 * Dimensions in millimeters (inches) MODEL RA 016040 RB 016040 RC 016040 RE 016040 40 (1.575) 20 1 (0.787 0.039) 20 1 (0.394 0.039) 46 1 (1.811 0.039) 41 1 (1.614 0.039) (0.748 + 0.004 ) RA 016070 RB 016070 RC 016070 RE 016070 70 (2.756) 35 1 (1.378 0.039) 35 1 (1.378 0.039) 76 1 (2.992 0.039) 71 1 (2.795 0.039) Length L1 Length L2 Length L3 Length L4 Length L5 MATERIAL: Capacitor elements made from Class 1 ceramic dielectric with noble metal electrodes. Connection terminals: Copper/brass, silver plated. MARKING: Type designator, Capacitance value and tolerance, Rated voltage (peak value), Production date code, Ceramic material code, DRALORIC Logo FINISH: Capacitor body completely laquered. Insulating ceramic base glazed (Model RC only). ORDERING INFORMATION RC 016040 MODEL 3KVp RATED VOLTAGE 300pF CAPACITANCE VALUE 10% TOLERANCE (0.130 + 0.008) 3.3 + 0.2 (0.130 23 (0.906) 4.3 + 0.4 33 + 0.2 R 42 CERAMIC www.vishay.com 60 For technical questions, contact powcap@vishay.com Document Number: 22109 Revision 16-Nov-01 R. 016040, R. 016070 Tubular Capacitors, Tag Mounting R. 016040 CERAMIC CAPACITANCE VALUE [pF] 25 30 R7 40 50 60 R 16 80 100 120 R 42 160 200 250 300 400 500 R 85 600 800 1000 3 4.2 5 3 4.2 5 3 3.5 5 RATED VOLTAGE [KVp] RATED POWER [KVAr] RATED CURRENT [ARMS] Vishay Draloric R. 016070 CERAMIC CAPACITANCE VALUE [pF] 50 R7 60 80 100 R 16 120 200 250 R 42 300 400 500 600 800 R 85 1000 1200 1600 3 7 5 3 7 5 3 5.6 5 RATED VOLTAGE [KVp] RATED POWER [KVAr] RATED CURRENT [ARMS] CAPACITANCE TOLERANCES: 20%, 10%, 5% Other capacitance values and tolerances are available on request. Document Number: 22109 Revision 16-Nov-01 For technical questions, contact powcap@vishay.com www.vishay.com 61 |
Price & Availability of R016 |