Part Number Hot Search : 
E39CA BC847BW TM162 08L35PF ISR2050C 2SK1215 0805H STD4N25
Product Description
Full Text Search
 

To Download PEG40SS-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
PEG SERIES
PAGE ONE OF THREE
3,1675,3+($'(56WUDLJKW
FEATURES
SINGLE ROW (1 to 40 Positions)

MATE-RITE TIP prevents scraping of mating socket Insulator standoffs reduce rework due to flux residue Board retention option prevents unwanted movement Coined tails improve solder action Mates with Crane's ATP, ATS, ABH, ABS, ABT Sockets; JUN jumpers
STANDARD PART DIMENSIONS MATING
POST "A" P POST "B" POST "M" POST "I" SINGLE ROW 0.318" / 8,08mm 0.230" / 5,84mm 0.295" / 7,49mm DUAL ROW 0.318" / 8,08mm 0.230" / 5,84mm 0.295" / 7,49mm TRIPLE ROW 0.318" / 8,08mm 0.230" / 5,84mm 0.295" / 7,49mm
See Attached Options (next page)
DUAL ROW (2 to 80 Positions)
INSULATOR BODY
W H S WIDTH HEIGHT STANDOFF
SINGLE ROW
DUAL ROW
TRIPLE ROW
0.096" / 2,44mm 0.098" / 2,49mm 0.015" / 0,38mm
0.198" / 5,03mm 0.098" / 2,49mm 0.015" / 0,38mm
0.295" / 7,49mm 0.098" / 2,49mm 0.015" / 0,38mm
DataShee
.com
PC TAIL L LENGTH SINGLE ROW 0.125" / 3,18mm DUAL ROW 0.125" / 3,18mm TRIPLE ROW 0.125" / 3,18mm
For other lengths, see Selected Options (next page)
MATERIALS INSULATOR BODY POST Glass Filled Polyester (UL94V-O)
TRIPLE ROW (9 to 120 Positions)
Phosphor Bronze
OPTIONAL HOLD-DOWN PEGS Crane's Patented hold-down pegs (top and bottom entry available) secure the part to the PC board preventing misalignment during handling or soldering. See section on HOLDDOWN PEGS for more information. NOTE: Hold-down peg not available on triple row parts.
Top Entry Peg Shown
See SPECIFICATIONS and PERFORMANCE DATA for more detail
'(6&$SSURYHG3URGXFWV
(Defense Electronics Supply Center)
SAMPLE HOTLINE: 1-800-676-7644
.com
CRANE CONNECTORS * 4700 Smith Road * Cincinnati, Ohio 45212 USA * E-mail Address: info@craneconnectors.com Phone: (513) 631-4700 * Fax (513) 631-5700 * Toll Free US (800) 676-7644 * Canada (800) 420-7310
DataSheet 4 U .com
www..com
PEG SERIES
0.100" (2,54mm) Centers To Mate With 0.025" (0,64mm) Square Mating Posts
PAGE TWO OF THREE
HOW TO ORDER CRANE'S PEG SERIES STANDARD PART NUMBER -OPTIONAL
PRODUCT SERIES See page below for insulator options TOTAL NUMBER OF POSITIONS
PEG
SINGLE DUAL TRIPLE
01-40 02-80 09-120
NUMBER OF ROWS
SINGLE DUAL TRIPLE
S D T
TYPE OF HEADER
STRAIGHT
S
PLATING (See Specs At Bottom Of Page)
G,T or M, H, L, F NOTE: Some platings may be subject to minimums
t4U.com MATING POST DATA
Mating Post Length 0.318" / 8,08mm 0.230" / 5,84mm 0.295" / 7,49mm
Minimum Gold Plated Area 0.200" / 5,08mm 0.180' / 4,57mm 0.200" / 5,08mm A B M I
DataShee
.com
OPTIONAL LENGTH - See Below
TAIL (O.125" / 3,18mm STANDARD)
COINED KINKED FINE LINE* SQUARE
0.028" / 0,71mm Diagonal 0.028" / 0,71mm Diagonal 0.018" / 0,46mm Diagonal 0.025" / 0,64mm SQ
R K F Q
* The FINE LINE option is not available in all pin lengths.
SELECTED OPTIONS
POST
0.420"
TAIL
0.125" 0.125" 0.125" 0.125" 0.100" 0.165 0.220 0.320 4 5 6 7 T T T T 2 2 2 2 1 1 2 3 0 0 0 0 0 6 2 2 0 5 0 0
If the standard dimensions shown above meet your needs, disregard this section. If you need one of our OPTIONAL dimensions, just add the designator (see chart) to the end of the standard part number. EXAMPLE: To order a 0.420" post with a 0.125" tail, specify part number: PEG40SS-GIR420 Many other sizes are available. Please call us for more information.
I
0.520" 0.620" 0.720" 0.230" 0.230"
B
0.230" 0.230"
.com
CONTINUED - Please Page down for More Choices
DataSheet 4 U .com
www..com
INSULATOR OPTIONS
The standard color of our PEG SERIES insulator is white. For a black insulator, add a "B" (EX: BPEG) to the beginning of the standard part number. For HIGH TEMP plastic (only available in black), add a "G" (EX: GPEG) to the standard part number.
B
0.230" 0.230" 0.318" 0.318"
0.420 0.520 0.100 0.165 0.220 0.320 0.420 0.520
T T T T T T T T
4 5 1 1 2 3 4 5
2 2 0 6 2 2 2 2
0 0 0 5 0 0 0 0
A
0.318" 0.318" 0.318" 0.318"
CRANE CONNECTORS - PLATING SPECIFICATIONS
PLATING OPTIONS CONTACT AREA Inches (Millimeters) 15" (0,00038) Gold 100" (0,00254) Tin / Lead 50" (0,00127) Gold 30" (0,00076) Gold 10" (0,00025) Gold 3" (0,00008) Gold PC TAIL Inches (Millimeters) 100" (0,00254) Tin/Lead - Min 100" (0,00254) Tin/Lead - Min 100" (0,00254) Tin/Lead - Min 100" (0,00254) Tin/Lead - Min 100" (0,00254) Tin/Lead - Min 100" (0,00254) Tin/Lead - Min UNDERPLATE Inches (Millimeters) 50" (0,00127) Nickel - Min. 50" (0,00127) Nickel - Min. 50" (0,00127) Nickel - Min. 50" (0,00127) Nickel - Min. 50" (0,00127) Nickel - Min. 50" (0,00127) Nickel - Min.
G T M H L F
Selective Tin / Lead Selective Selective Selective Selective
t4U.com
.com
STANDARD TAIL OPTIONS ON 0.100" (2,54mm) PIN STRIP HEADERS STANDARDS
ISO9001
"R" COINED
The standard "R" option provides a coined tail improving solder action while ma k in g in s e r tio n easier.
"K" KINKED
The "K" option provides a kinked tail, reducing unwanted movement on the PC board.
"F" FINE
The "F" option combines an 0.018" rounded tail with an 0.025" square post. This fine line feature allows more traces between holes.
"Q" SQUARE
The "Q" option provides an 0.025" square tail for use in wire wrap applications. UL File No. E120111 (N)
Crane Connectors File No. A-3620
Recognized to U.S. and Canadian requirements under the Component Recognition Program of Underwriters Laboratories Inc.
Registered by UL to ISO9001 under UL's accreditation by Raad voor de Certificatie (RvC), the Dutch Council for Certification.
ENGINEERING NOTE: The information presented in this catalog page is accurate to the best of our knowledge. Due to ongoing efforts to advance design and material performance, the information is subject to change without notice.
.com
SAMPLE HOTLINE: 1-800-676-7644
CRANE CONNECTORS * 4700 Smith Road * Cincinnati, Ohio 45212 USA * E-mail Address: info@craneconnectors.com Phone: (513) 631-4700 * Fax (513) 631-5700 * Toll Free US (800) 676-7644 * Canada (800) 420-7310
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of PEG40SS-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X