Part Number Hot Search : 
IRLD110 MKTD05 FB5002 10X12 15005 VT8225 2503F SUR503EF
Product Description
Full Text Search
 

To Download NVFMCS20DC12V12AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 23x15.5x26 Features
Switching capacity up to 25A. PC board mounting and insert mounting available. Suitable for automation system and automobile auxiliary etc.
Ordering Information
NVFM C
Z 20
DC12V 1.5 b
7
D
8 5 Coil rated Voltage(V)DC:6,12,24,48 6 Coil power consumption1.2:1.2W1.5:1.5W 7 Terminals b: PCB typea: plug in type 8 Coil transient suppression: D: with diode R: with resistant. NIL: standard
1 2 3 4 5 6 1 Part numberNVFM 2 Contact arrangementA:1A (1.2W)C:1C(1.5W) 3 EnclosureS: Sealed typeZ: Dust cover 4 Contact Current25:25A/14VDC20:20A/14VDC
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1A SPSTNO f1C SPDT(B-M) Ag SnO2 , AgNi Ag CdO 1A 25A/14VDC 1C 20A/14VDC 350W 75VDC Max. Switching Current:25A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (70%of rated voltage ) release voltage VDC(min) (10% of rated voltage) 0.6 1.2 2.4 4.8 0.6 1.2 2.4 4.8 1.5 10 7 1.2 10 7
Dash numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms
Release Time ms
Rated 006-1200 012-1200 024-1200 048-1200 006-1500 012-1500 024-1500 048-1500 6 12 24 48 6 12 24 48
Max. 7.8 15.6 31.2 62.4 7.8 15.6 31.2 62.4 30 120 480 1920 24 96 384 1536 4.2 8.4 16.8 33.6 4.2 8.4 16.8 33.6
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
143
-40~85 Ambient Temperature 85% (at 40) IEC68-2-3 Test Ca Relative Humidity Mass 18.5g Note: 1). ,When testing, coil terminals shall be connect , if coil transient suppression is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
>acCa
naiU>ac>ioeN
Mounting (Bottom views)
na>>ioeN
Note: Footprint as shown above is also available.
Dimensions
Wiring diagram (Bottom views)
mm 0.8 1.4 2.1 2.4 2.5 2.7 3.2 4.5 4.8 5.5 6.3 6.4 8 9 9.5 11.5 14 15 15.5 23 26
0.031 0.055 0.083 0.094 0.098 0.106 0.126 0.177 0.189 0.127 0.248 0.252 0.315 0.354 0.374 0.453 0.551 0.591 0.610 0.905 1.024
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data


▲Up To Search▲   

 
Price & Availability of NVFMCS20DC12V12AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X