Part Number Hot Search : 
SR320 4VCXH1 R1045 71M65 10100 74477710 2SK1230 1N4409B
Product Description
Full Text Search
 

To Download MJF18008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
DESCRIPTION With TO-220F package High voltage ,high speed Improved efficiency due to low base rive requirements: -High and flat DC current gain hFE -Fast switching APPLICATIONS Designed for use in 220V line-operated switchmode power supplies and electronic light ballasts.
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
MJF18008
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current Base current-Peak Total power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 1000 450 9 8 16 4 8 45 150 -65~150 ae ae UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C Rth j-A PARAMETER Thermal resistance junction to case Thermal resistance junction to ambient VALUE 2.78 62.5 ae UNIT ae /W /W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage CONDITIONS IC=0.1A L=25mH IC=2A IB=0.2A TC=125ae IC=4.5A IB=0.9A TC=125ae IC=2A IB=0.2A IC=4.5A IB=0.9A VCES=RatedVCES; VEB=0 TC=125ae VCES=800V ICEO IEBO hFE-1 hFE-2 hFE-3 hFE-4 fT COB Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain DC current gain Transition frequency Collector outoput capacitance VCE=RatedVCEO; IB=0 VEB=9V; IC=0 IC=1A ; VCE=5V IC=4.5A ; VCE=1V IC=2A ; VCE=1V IC=10mA ; VCE=5V IC=0.5A ; VCE=10V f=1MHz ; VCB=10V 10%,Pulse Width=20|I s VCC=300V ,IC=2A IB1=0.2A; IB2=1.0A 14 6 11 10 MIN 450 SYMBOL VCEO(SUS) VCEsat-1
MJF18008
TYP.
MAX
UNIT V
0.6 0.65 0.7 0.8 1.10 1.25 0.1 0.5 0.1 0.1 0.1 34
V
VCEsat-2 VBEsat-1 VBEsat-2
Collector-emitter saturation voltage Emitter-base saturation voltage Emitter-base saturation voltage
V V V
ICES
Collector cut-off current
mA
mA mA
13 100
MHz pF
Switching times resistive load,Duty CycleU ton toff ton toff Turn-on time Turn-off time Turn-on time Turn-off time
0.3 2.5 0.18 2.5 |I
|I |I
s s s |I s
VCC=300V ,IC=4.5A IB1=0.9A; IB2=2.25A
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
MJF18008
Fig.2 Outline dimensions
JMnic


▲Up To Search▲   

 
Price & Availability of MJF18008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X