Part Number Hot Search : 
1E104 N4148WS D1005 0M500 1N534 PM534 NJW1138M STM495
Product Description
Full Text Search
 

To Download MB377106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS04-27400-11E
ASSP For power supply applications
BIPOLAR
Power Supply Monitor
MB3771
DESCRIPTION
The Fujitsu MB3771 is designed to monitor the voltage level of one or two power supplies (+5 V and an arbitrary voltage) in a microprocessor circuit, memory board in large-size computer, for example. If the circuit's power supply deviates more than a specified amount, then the MB3771 generates a reset signal to the microprocessor. Thus, the computer data is protected from accidental erasure. Using the MB3771 requires few external components. To monitor only a +5 V supply, the MB3771 requires the connection of one external capacitor. The level of an arbitrary detection voltage is determined by two external resistors. The MB3771 is available in an 8-pin Dual In-Line, Single In-Line Package or space saving Flat Package.
FEATURES
* * * * * * * * * * Precision voltage detection (VSA = 4.2 V 2.5 %) User selectable threshold level with hysteresis (VSB = 1.23 V 1.5 %) Monitors the voltage of one or two power supplies (5 V and an arbitrary voltage, >1.23 V) Usable as over voltage detector Low voltage output for reset signal (VCC = 0.8 V Typ) Minimal number of external components (one capacitor Min) Low power dissipation (ICC = 0.35 mA Typ, VCC = 5 V) Detection threshold voltage has hysteresis function Reference voltage is connectable. One type of package (SOP-8pin : 1 type)
APPLICATION
* Industrial Equipment * Arcade Amusement etc.
Copyright(c)2003-2006 FUJITSU LIMITED All rights reserved
MB3771
PIN ASSIGNMENT
(TOP VIEW) CT VSC OUTC GND 1 2 3 4 8 7 6 5 RESET VSA VSB /RESIN VCC
(FPT-8P-M01)
BLOCK DIAGRAM
VCC 5 1.24 V
1.24 V 100 k VSA 7 40 k
+ - Comp. A +
REFERENCE VOLTAGE
+ -
R Q
12 A
10 A
2
VSC
-
+
-
Comp. C
+
VSB / RESIN 6
- Comp. B
S 4 1 CT 8 3 GND
RESET OUTC
2
MB3771
FUNCTIONAL DESCRIPTIONS
Comparators Comp.A and Comp.B apply a hysteresis to the detected voltage, so that when the voltage at either the VSA or VSB pin falls below 1.23 V the RESET output signal goes to "low" level. Comp. B may be used to detect any given voltage(APPLICATION CIRCUIT 3 : Arbitrary Voltage Supply Monitor), and can also be used as a forced reset pin (with reset hold time) with TTL input (APPLICATION CIRCUIT 6 : 5V Power Supply Monitor with forced RESET input (VCC = 5 V) ). Note that if Comp.B is not used, the VSB pin should be connected to the VCC pin (APPLICATION CIRCUIT 1 : 5V Power Supply Monitor). Instantaneous breaks or drops in the power supply can be detected as abnormal conditions by the MB3771 within a 2 s interval. However because momentary breaks or drops of this duration do not cause problems in actual systems in some cases, a delayed trigger function can be created by connecting capacitors to the VSA or VSB pin (APPLICATION CIRCUIT 8 : Supply Voltage Monitoring with Delayed Trigger). Because the RESET output has built-in pull-up resistance, there is no need to connect to external pull-up resistance when connected to a high impedance load such as a CMOS logic IC. Comparator Comp. C is an open-collector output comparator without hysteresis, in which the polarity of input/ output characteristics is reversed. Thus Comp. C is useful for over-voltage detection (APPLICATION CIRCUIT 11 : Low Voltage and Over Voltage Detection (VCC = 5 V) ) and positive logic RESET signal output (APPLICATION CIRCUIT 7 : 5 V Power Supply Monitor with Non-inverted RESET), as well as for creating a reference voltage (APPLICATION CIRCUIT 10 : Reference Voltage Generation and Voltage Sagging Detection). Note that if Comp. C is not used, the VSC pin should be connected to the GND pin (APPLICATION CIRCUIT 1 : 5V Power Supply Monitor).
FUNCTION EXPLANATION
VHYS VS
VCC
VCC CT 1 2 3 4 8 7 6 5 RESET 0.8 V t TPO TPO
RESET
t (1) (2) (3) (4) (5) (6) (7) (8)
(1) When VCC rises to about 0.8V, RESET goes low. (2) When VCC reaches VS +VHYS, CT then begins charging. RESET remains low during this time (3) RESET goes high when CT begins charging. : TPO = CT x 10 5 (Refer to "CT pin capacitance vs. reset hold time" in "TYPICAL CHARACTERISTICS".) (4) When VCC level drops lower then VS, then RESET goes low and CT starts discharging. (5) When VCC level reaches VS + VHYS, then CT starts charging. In the case of voltage sagging, if the period from the time VCC goes lower than or equal to VS to the time VCC reaches VS +VHYS again, is longer than tPI, (as specified in the AC Characteristics), CT is discharged and charged successively. (6) After TPO passes, and VCC level exceeds VS + VHYS, then RESET goes high. (7) Same as Point 4. (8) RESET remains low until VCC drops below 0.8V. 3
MB3771
ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Symbol VCC VSA Input voltage VSB VSC Power dissipation Storage temperature PD Tstg Rating Min -0.3 -0.3 -0.3 -0.3 -55 Max +20 VCC + 0.3 ( < +20) +20 +20 200 (Ta 85 C) +125 Unit V V V V mW C
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Output current Operating ambient temperature Symbol VCC IRESET IOUTC Ta Value Min 3.5 0 0 -40 Max 18 20 6 +85 Unit V mA mA C
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand.
4
MB3771
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(VCC = 5 V, Ta = + 25 C) Parameter Power supply current Symbol ICC1 ICC2 VSAL (DOWN) Detection voltage VSAH (UP) Hysteresis width Detection voltage Deviation of detection voltage Hysteresis width Input current VHYSA VSB VSB VHYSB IIHB IILB VOHR Output voltage Output sink current CT charge current Input current Detection voltage Deviation of detection voltage Output leakage current Output voltage Output sink current Reset operation minimum supply voltage VOLR IRESET ICT IIHC IILC VSC VSC IOHC VOLC IOUTC VCCL VSB = 5 V VSB = 0 V IRESET = -5 A, VSB = 5 V IRESET = 3mA, VSB = 0 V IRESET = 10mA, VSB = 0 V VOLR = 1.0 V, VSB = 0 V VSB = 5 V, VCT = 0.5 V VSC = 5 V VSC = 0 V Ta = -40 C to +85 C VCC = 3.5 V to 18 V VOHC = 18 V IOUTC = 4 mA, VSC = 5 V VOLC = 1.0 V, VSC = 5 V VOLR = 0.4 V, IRESET = 200 A VSB Ta = -40 C to +85 C VCC = 3.5 V to 18 V Conditions VSB = 5 V, VSC = 0 V VSB = 0 V, VSC = 0 V VCC Ta = -40 C to +85 C VCC Ta = -40 C to +85 C Value Min 4.10 4.05 4.20 4.15 50 1.212 1.200 14 4.5 20 9 1.225 1.205 6 Typ 350 400 4.20 4.20 4.30 4.30 100 1.230 1.230 3 28 0 20 4.9 0.28 0.38 40 12 0 50 1.245 1.245 3 0 0.15 15 0.8 Max 500 600 4.30 4.35 4.40 4.45 150 1.248 1.260 10 42 250 250 0.4 0.5 16 500 500 1.265 1.285 10 1 0.4 1.2 Unit A A V V V V mV V V mV mV nA nA V V V mA A nA nA V V mV A V mA V
5
MB3771
2. AC Characteristics
Parameter
Symbol tPI tPO tr tf tPD*
1
Conditions RL = 2.2 k, CL = 100 pF RL = 2.2 k, CL = 100 pF
(VCC = 5 V, Ta = + 25 C, CT = 0.01 F) Value Unit Min Typ Max 5.0 0.5 1.0 1.0 0.1 2 0.5 1.0 1.5 1.5 0.5 10 s ms s s s s s
VSA, VSB input pulse width Reset hold time RESET rise time RESET fall time Propagation delay time
tPHL*2 tPLH*2
*1: In case of VSB termination. *2: In case of VSC termination.
6
MB3771
APPLICATION CIRCUIT
1. 5V Power Supply Monitor
Monitored by VSA. Detection threshold voltage is VSAL and VSAH
VCC
MB3771
1 CT 2 3 4 8 7 6 5 RESET
Logic circuit
2. 5V Power Supply Voltage Monitor (Externally Fine-Tuned Type)
The VSA detection voltage can be adjusted externally. Resistance R1 and R2 are set sufficiently lower than the IC internal partial voltage resistance, so that the detection voltage can be set using the ratio between resistance R1 and R2. (Refer to the table below). * R1, R2 calculation formula (when R1 << 100 k, R2 <<40 k) VSAL = (R1 + R2 ) x VSB /R2 [V], VSAH = (R1 + R2 ) x (VSB + VHYSB) / R2 [V] : : R1 (k) 10 9.1 R2 (k) 3.9 3.9
Detection voltage : VSAL (V) Detection voltage : VSAH (V)
4.37 4.11
4.47 4.20
VCC
MB3771
1 2 3 4 8 7 6 5 RESET R1 R2
CT
Logic Circuit
7
MB3771
3. Arbitrary Voltage Supply Monitor
(1) Case: VCC 18 V * Detection Voltage can be set by R1 and R2. Detection Voltage = (R1 + R2) x VSB/R2 * Connect Pin 7 to VCC when VCC less than 4.45 V. * Pin 7 can be opened when VCC greater than 4.45 V Power Dissipation can be reduced. Note : Hysteresis of 28 mV at VSB at termination is available. Hysteresis width dose not depend on (R1 + R2).
VCC
MB3771
1 2 3 4 8 7 6 5 RESET R1 R2
CT
(2) Monitoring VCC > 18 V * Detection Voltage can be set by R1 and R2 Detection Voltage = (R1 + R2) x VSB/R2 * The RESET signal output is = 0V (low level) and = 5 V (high level). VCC voltage cannot be output. : : Do not pull up RESET to VCC. * Changing the resistance ratio between R4 and R5 changes the constant voltage output, thereby changing the voltage of the high level RESET output. Note that the constant voltage output should not exceed 18 V. * The 5 V output can be used as a power supply for control circuits with low current consumption. * In setting the R3 resistance level, caution should be given to the power consumption in the resistor. The table below lists sample resistance values for reference (using 1/4 resistance). VCC (V) 140 100 40
Detection voltage (V)
RESET Output min. power supply voltage (V) 6.7 3.8 1.4
R1 (M) 1.6 1.3 0.51
R2 (k) 20 20 20
R3 (k) 110 56 11
Output Current
(mA) < 0.2 < 0.5 < 1.6
100 81 33
* Values are actual measured values (using IOUTC = 100 A, VOLC = 0.4 V). Lowering the resistance value of R3 reduces the minimum supply voltage of the RESET output, but requires resistance with higher allowable loss.
VCC R3
5 V output(Stablized)
R4: 100 k
0.47 F
1 2 3 4
8 7 6 5 R2 R1
RESET
CT
R5: 33 k
8
MB3771
4. 5 V and 12 V Power Supply Monitor (2 types of power supply monitor VCC1 = 5 V, VCC2 =12 V)
* 5 V is monitored by VSA. Detection voltage is about 4.2 V * 12 V is monitored by VSB. When R1 = 390 k and R2 = 62 k, Detection voltage is about 9.0 V.Generally the detection voltage is determined by the following equation. Detection Voltage = (R1 + R2) x VSB/R2
VCC2 VCC1
MB3771
1 2 3 4 8 7 6 5 RESET R1: 390 k R2: 62 k
CT
Logic circuit
5. 5 V and 12 V Power Supply Monitor (RESET signal is generated by 5 V, VCC1 = 5 V, VCC2 = 12 V)
* 5 V is monitored by VSA, and generates RESET signal when VSA detects voltage sagging. * 12 V is monitored by VSC, and generates its detection signal at OUTC. * The detection voltage of 12 V monitoring and its hysteresis is determined by the following equations. R1 + R2 + R3 Detection voltage = x VSC (8.95 V in the circuit above) R2 + R3 R1 (R3 - R3 // R4) (R2 + R3) (R2 + R3 // R4)
Hysteresis width =
x VSC
(200 mV in the circuit above)
VCC2 VCC1 R L: 10 k MB3771 1 2 3 4 R4: 510 k R3: 30 k CT 8 7 6 5 RESET IRQ
or Port Logic Circuit
R1: 390 k
R5: 100 k
R2: 33 k
9
MB3771
6. 5 V Power Supply Monitor with forced RESET input (VCC = 5 V)
RESIN is an TTL compatible input.
RESIN VCC
MB3771
1 2 CT 3 4 8 7 6 5
Logic Circuit
RESET
7. 5 V Power Supply Monitor with Non-inverted RESET
In this case, Comparator C is used to invert RESET signal. OUTC is an open-collector output. RL is used an a pull-up resistor.
VCC
MB3771
RL: 10 k CT RESET 1 2 3 4 8 7 6 5
8. Supply Voltage Monitoring with Delayed Trigger
When the voltage shown in the diagram below is applied at VCC, the minimum value of the input pulse width is increased to 40 s (when C1 = 1000 pF). The formula for calculating the minimum value of the input pulse width [TPI] is: TPI [s] = 4 x 10-2 x C1 [pF] :
TP VCC 5V 4V
MB3771
1 2 3 4 8 7 6 5 RESET
CT
C1
10
MB3771
9. Dual (Positive/Negative) Power Supply Voltage Monitoring (VCC = 5 V, VEE = Negative Power Supply)
Monitors a 5 V and a negative (any given level) power supply. R1, R2, and R3 should be the same value. Detection Voltage = VSB - VSB x R4/R3 Example if VEE = -5 V, R4 = 91 k Then the detected voltage = -4.37 V In cases where VEE may be output when VCC is not output, it is necessary to use a Schottky barrier diode (SBD).
VCC
R5 : 5.1 k R4 VEE R3 : 20 k 0.22 F CT SBD
MB3771
1 2 3 4 8 7 6 5 R2 : 20 k RESET R1 : 20 k
10. Reference Voltage Generation and Voltage Sagging Detection
(1) 9V Reference Voltage Generation and 5V/9V Monitoring Detection Voltage = 7.2 V In the above examples, the output voltage and the detection voltage are determined by the following equations: Detection Voltage = (R1 + R2) x VSB/R2
15 V V CC : 5 V R 5 : 3 k
MB3771
CT 0.47 F 1 2 3 4 8 7 6 5 RESET R3 : 7.5 k R4 : 1.2 k 9 V ( 50 mA) R 1: 300 k R 2: 62 k
11
MB3771
(2) 5 V Reference Voltage Generation and 5V Monitoring (No.1) Detection Voltage = 4.2 V In the above examples, the output voltage and the detection voltage are determined by the following equations: Output Voltage = (R3 + R4) x VSC/R4
15 V R5 : 3 k
MB3771
CT 0.47 F 1 2 3 4 8 7 6 5 R3 : 3.6 k R4 : 1.2 k RESET 5 V( 50 mA)
(3) 5 V Reference Voltage Generation and 5 V Monitoring (No. 2) The value of R1 should be calculated from the current consumption of the MB3771, the current flowing at R2 and R3, and the 5 V output current. The table below provides sample resistance values for reference. VCC (V) 40 24 15
VCC R1 1 2 3 4 R2 : 100 k R3 : 33 k GND 0.47 F 8 7 6 5 5V RESET
R1 (k) 11 6.2 4.7
Output Current (mA)
< 1.6 < 1.4 < 0.6
CT
(4) 1.245 V Reference Voltage Generation and 5 V Monitoring Resistor R1 determines Reference current. Using 1.2 k as R1, reference current is about 2 mA.
VCC (5 V)
R1 : 10 k 1 2 3 4 0.47 F 8 7 6 5 RESET
CT
GND
Reference Voltage 1.245 V Typ
12
MB3771
11. Low Voltage and Over Voltage Detection (VCC = 5 V)
VSH has no hysteresis. When over voltage is detected, RESET is held in the constant time as well as when low voltage is detected. VSL = (R1 + R2) x VSB/R2 VSH = (R3 + R4) x VSC/R4
VCC R3 R1
MB3771
RESET 1 2 3 4 8 7 6 5 R2 VCC RESET
R4
CT
VSL
VSH
12. Detection of Abnormal State of Power Supply System (VCC = 5 V)
* This Example circuit detects abnormal low/over voltage of power supply voltage and is indicated by LED indicator. LED is reset by the CLEAR key. * The detection levels of low/over voltages are determined by VSA, and R1 and R2 respectively.
VCC LED R1
MB3771
1 2 3 4 8 7 6 5
R3: 620 R4: 1 k to 100 k
CLEAR
R2
13
MB3771
13. Back-up Power Supply System (VCC = 5 V)
* * * * Use CMOS Logic and connect VDD of CMOS logic with VCCO. The back-up battery works after CS goes high as V2 < V1. During tPO, memory access is prohibited. CS`s threshold voltage V1 is determined by the following equation: V1 = VF + (R1 + R2 + R3) x VSB/R3 When V1 is 4.45 V or less, connect 7 pin with VCC. When V1 is 4.45 V or more, 7 pin can be used to open. * The voltage to change V2 is provided as the following equation: V2 = VF + (R1 + R2 + R3) x VSC/ (R2 + R3) However, please set V2 to 3.5 V or more.
VCC
V1 V2
t
CS
TPO t
VCCO
t
VCC
D1 V F 0.6 V R 1: 100 k
R4 >1 k R 5: 100 k
MB3771 1 2 3 4 8 7 6 5
R 2: 6.2 k
R 6: 100 k VCCO
CT
CS R3: 56 k
* : Diode has been added to prevent Comp.C from malfunctioning when VCC voltage is low. Set V1 and V2 with care given to VF temperature characteristics (typically negative temperature characteristics). 14
MB3771
TYPICAL CHARACTERISTICS
Power supply current (ICC1) vs. power supply voltage Power supply current ICC1 (A)
700 600 500 400 300 200 100 0 0 Ta = +25C -40C -40C +85C +25C +85C 5 10 15 20
Detection voltage (VSC) vs. Operating ambient temperature Detection voltage VSC (V)
1.30
1.25
Power supply voltage VCC (V)
1.20 - 50
-25
0
+25
+50
+75
+100
Operating ambient temperature Ta (C)
Power supply current ICC2 (A)
Power supply current (ICC2) vs. power supply voltage
700 600 500 400 300 200 100 0 0 -40C +25C +85C 5 10 15 20 Ta = +85C +25C -40C
Detection voltage (VSB) vs. Operating ambient temperature Detection voltage VSBH,VSBL (V)
1.30
VSBH 1.25 VSBL
Power supply voltage VCC (V)
1.20 -50
-25
0
+25
+50
+75
+100
Operating ambient temperature Ta (C)
Output voltage (RESET) vs. power supply voltage Detection voltage VSAH,VSAL (V) Output voltage VRESET (V)
5 4 3 2 1 Ta = +25C 4.5 4.4 4.3 4.2 4.1
Detection voltage (VSA) vs. Operating ambient temperature
VSAH VSAL
0 +85C 0
-40C 1 2 3 4 5
4.0 -50
-25
0
+25
+50
+75
+100
Power supply voltage VCC (V)
Operating ambient temperature Ta (C) (Continued) 15
MB3771
(Continued) Detection voltage (VSB, VSC) vs. Power supply voltage Detection voltage VSC, VSBL,VSBH (V)
1.27 1.26 1.25 1.24 1.23 1.22 1.21 1.20 0 5 10 15 20 VSBL 5.0
Output voltage (VOHR) vs. output current
VSC
Output voltage VOHR (V)
VSBH
+85C 4.5
Ta = - 40C +25C
4.0
0
-5
-10
-15
Power supply voltage VCC (V)
Output current IRESET (A)
Reset hold time (tPO) vs. power supply voltage (CT = 0.01F) Reset hold time tPO (ms)
1.5
Output voltage (VOLR) vs. output sink current
2.0
Output voltage VOLR (V)
Ta = - 40C +85C
1.0
Ta = - 40C +25C +85C
1.0 +25C
0.5
0 0 5 10 15 20
0 0 10 20 30 40 50
Power supply voltage VCC (V)
Output sink current IRESET (mA)
Reset hold time (tPO) vs. CT pin capacitance
10 1.0
Output voltage (VOLC) vs. output sink current Output voltage VOLC (V)
Ta = - 40C +25C +85C
Reset hold time tPO (s)
1 100 m Ta = +25C 10 m 1m 100 10 1 1 p 10 p 100 p 1000 p 0.01 0.1 1 10 100 - 40C +85C
0.5
0 0 5 10 15 20
CT pin capacitance (F)
Output sink current IOUTC (mA)
16
MB3771
NOTES ON USE
* Take account of common impedance when designing the earth line on a printed wiring board. * Take measures against static electricity. - For semiconductors, use antistatic or conductive containers. - When storing or carrying a printed circuit board after chip mounting, put it in a conductive bag or container. - The work table, tools and measuring instruments must be grounded. - The worker must put on a grounding device containing 250 k to 1 M resistors in series. * Do not apply a negative voltage - Applying a negative voltage of -0.3 V or less to an LSI may generate a parasitic transistor, resulting in malfunction.
ORDERING INFORMATION
Part number MB3771PF- MB3771PF-E1 Package 8-pin Plastic SOP (FPT-8P-M01) 8-pin Plastic SOP (FPT-8P-M01) Remarks Conventional version Lead Free version
RoHS Compliance Information of Lead (Pb) Free version
The LSI products of Fujitsu with "E1" are compliant with RoHS Directive , and has observed the standard of lead, cadmium, mercury, Hexavalent chromium, polybrominated biphenyls (PBB) , and polybrominated diphenyl ethers (PBDE) . The product that conforms to this standard is added "E1" at the end of the part number.
MARKING FORMAT (Lead Free version)
Lead-Free version
3771
E1XXXX XXX
INDEX
17
MB3771
LABELING SAMPLE (Lead free version)
lead-free mark JEITA logo JEDEC logo
MB123456P - 789 - GE1
(3N) 1MB123456P-789-GE1 1000
G
Pb
(3N)2 1561190005 107210
QC PASS
PCS 1,000 MB123456P - 789 - GE1
2006/03/01
ASSEMBLED IN JAPAN
1/1
MB123456P - 789 - GE1
0605 - Z01A 1000
1561190005
Lead-Free version
18
MB3771
MB3771PF-E1 Recommended Conditions of Moisture Sensitivity Level
Item Mounting Method Mounting times Before opening Storage period From opening to the 2nd reflow When the storage period after opening was exceeded Storage conditions Condition IR (infrared reflow) , Manual soldering (partial heating method) 2 times Please use it within two years after Manufacture. Less than 8 days Please processes within 8 days after baking (125 C, 24H)
5 C to 30 C, 70%RH or less (the lowest possible humidity)
[Temperature Profile for FJ Standard IR Reflow] (1) IR (infrared reflow) H rank : 260 C Max.
260 C 255 C
220 C
170 C to 190 C
RT
(b)
(c)
(d)
(e)
(a)
(d')
(a) Temperature Increase gradient (b) Preliminary heating (c) Temperature Increase gradient (d) Actual heating (d') Main heating
(e) Cooling
: Average 1 C/s to 4 C/s : Temperature 170 C to 190 C, 60s to 180s : Average 1 C/s to 4 C/s : Temperature 260 C MAX; 255 C or more, 10s or less : Temperature 230 C or more, 40s or less or Temperature 225 C or more, 60s or less or Temperature 220 C or more, 80s or less : Natural cooling or forced cooling
Note : Temperature : the top of the package body (2) Manual soldering (partial heating method) Conditions : Temperature 400 C MAX Times : 5 s max/pin 19
MB3771
PACKAGE DIMENSIONS
8-pin plastic SOP Lead pitch Package width x package length Lead shape Sealing method Mounting height Weight 1.27 mm 5.3 x 6.35 mm Gullwing Plastic mold 2.25 mm MAX 0.10 g P-SOP8-5.3x6.35-1.27
(FPT-8P-M01)
Code (Reference)
8-pin plastic SOP (FPT-8P-M01)
*1 6.35 -0.20 .250 -.008
8
+0.25 +.010
Note 1) *1 : These dimensions include resin protrusion. Note 2) *2 : These dimensions do not include resin protrusion. Note 3) Pins width and pins thickness include plating thickness. Note 4) Pins width do not include tie bar cutting remainder.
0.17 -0.04 .007 -.002
+0.03 +.001
5
INDEX
*2 5.300.30 7.800.40 (.209.012) (.307.016)
Details of "A" part 2.00 -0.15
+0.25 +.010
.079 -.006
1 4
(Mounting height)
"A" 0.13(.005)
0.25(.010) 0~8
1.27(.050)
0.470.08 (.019.003)
M
0.500.20 (.020.008) 0.600.15 (.024.006)
0.10 -0.05
+0.10 +.004
.004 -.002 (Stand off)
0.10(.004)
C
2002 FUJITSU LIMITED F08002S-c-6-7
Dimensions in mm (inches). Note: The values in parentheses are reference values.
20
MB3771
FUJITSU LIMITED
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information, such as descriptions of function and application circuit examples, in this document are presented solely for the purpose of reference to show examples of operations and uses of Fujitsu semiconductor device; Fujitsu does not warrant proper operation of the device with respect to use based on such information. When you develop equipment incorporating the device based on such information, you must assume any responsibility arising out of such use of the information. Fujitsu assumes no liability for any damages whatsoever arising out of the use of the information. Any information in this document, including descriptions of function and schematic diagrams, shall not be construed as license of the use or exercise of any intellectual property right, such as patent right or copyright, or any other right of Fujitsu or any third party or does Fujitsu warrant non-infringement of any third-party's intellectual property right or other right by using such information. Fujitsu assumes no liability for any infringement of the intellectual property rights or other rights of third parties which would result from the use of information contained herein. The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). Please note that Fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the prior authorization by Japanese government will be required for export of those products from Japan. Edited Business Promotion Dept.
F0605


▲Up To Search▲   

 
Price & Availability of MB377106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X