Part Number Hot Search : 
MBRS1 25006 EPA3670 BL8596 HAF2017L 15TT100 P3800 CDRH5D18
Product Description
Full Text Search
 

To Download IRFH5250TR2PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -96265
IRFH5250PbF
HEXFET(R) Power MOSFET
VDS RDS(on) max
(@VGS = 10V)
25 1.15 52 1.3 100
V m: nC
Qg (typical) RG (typical) ID
(@Tc(Bottom) = 25C)
h
:
A
PQFN 5X6 mm
Applications
* OR-ing MOSFET for 12V (typical) Bus in-Rush Current * Battery Operated DC Motor Inverter MOSFET
Features and Benefits
Features Benefits
Low RDSon (<1.15 m) Low Thermal Resistance to PCB (<0.5C/W) 100% Rg tested Low Profile (<0.9 mm) Industry-Standard Pinout Compatible with Existing Surface Mount Techniques RoHS Compliant Containing no Lead, no Bromide and no Halogen MSL1, Industrial Qualification
Lower Conduction Losses Enable better thermal dissipation Increased Reliability results in Increased Power Density Multi-Vendor Compatibility Easier Manufacturing Environmentally Friendlier Increased Reliability
Orderable part number IRFH5250TRPBF IRFH5250TR2PBF
Package Type PQFN 5mm x 6mm PQFN 5mm x 6mm
Standard Pack Form Quantity Tape and Reel 4000 Tape and Reel 400
Note
Absolute Maximum Ratings
Parameter
VDS VGS ID @ TA = 25C ID @ TA = 70C ID @ TC(Bottom) = 25C ID @ TC(Bottom) = 100C IDM PD @TA = 25C PD @TC(Bottom) = 25C TJ TSTG Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS Pulsed Drain Current
Max.
25 20 45 31 100 100 400 3.6 250 0.029 -55 to + 150
Units
V
g Power Dissipation g
Power Dissipation
c
h @ 10V h
A
W W/C C
Linear Derating Factor Operating Junction and
g
Storage Temperature Range
Notes through are on page 8
www.irf.com
1
09/18/09
IRFH5250PbF
Static @ TJ = 25C (unless otherwise specified)
Parameter
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th) IDSS IGSS gfs Qg Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss RG td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Parameter Single Pulse Avalanche Energy Avalanche Current
Min.
25 --- --- --- 1.35 --- --- --- --- --- 181 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ.
--- 0.02 0.9 1.4 1.80 -6.3 --- --- --- --- --- 110 52 13 7.8 17 15 25 36 1.3 28 46 30 19 7174 1758 828
Max. Units
--- --- 1.15 1.75 2.35 --- 5.0 150 100 -100 --- --- 78 --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- pF
Conditions
V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 1mA VGS = 10V, ID = 50A m VGS = 4.5V, ID = 50A V VDS = VGS, ID = 150A
e e
mV/C A nA S nC VDS = 20V, VGS = 0V VDS = 20V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VDS = 13V, ID = 50A VGS = 10V, VDS = 13V, ID = 50A VDS = 13V VGS = 4.5V ID = 50A
nC
nC
VDS = 16V, VGS = 0V VDD = 13V, VGS = 4.5V
ns
ID = 50A RG=1.8 VGS = 0V VDS = 13V = 1.0MHz Max. 468 50 Units mJ A
Avalanche Characteristics
EAS IAR
d
Min.
--- --- --- ---
Diode Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Typ.
--- --- --- 37
Max. Units
100 A 400 1.0 56 V ns
Conditions
MOSFET symbol showing the integral reverse
G S D
--- 68 102 nC Time is dominated by parasitic Inductance
p-n junction diode. TJ = 25C, IS = 50A, VGS = 0V TJ = 25C, IF = 50A, VDD = 13V di/dt = 200A/s
e
eA
Thermal Resistance
RJC (Bottom) RJC (Top) RJA RJA (<10s) Parameter Junction-to-Case Junction-to-Case Junction-to-Ambient Junction-to-Ambient
f f
g g
Typ. --- --- --- ---
Max. 0.5 15 35 21
Units C/W
2
www.irf.com
IRFH5250PbF
1000
TOP VGS 10V 5.0V 4.5V 3.5V 3.3V 3.0V 2.9V 2.7V
1000
TOP VGS 10V 5.0V 4.5V 3.5V 3.3V 3.0V 2.9V 2.7V
ID, Drain-to-Source Current (A)
100
BOTTOM
ID, Drain-to-Source Current (A)
BOTTOM
100
10
2.7V
2.7V
60s PULSE WIDTH
1 0.1 1 Tj = 25C
10
60s PULSE WIDTH
Tj = 150C 0.1 1 10 100
10
100
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
1000
RDS(on) , Drain-to-Source On Resistance (Normalized)
Fig 2. Typical Output Characteristics
1.6 ID = 50A VGS = 10V
ID, Drain-to-Source Current (A)
100
1.4
1.2
10
T J = 150C
1.0
1
T J = 25C VDS = 15V 60s PULSE WIDTH
0.8
0.1 1 1.5 2 2.5 3 3.5 4 4.5 5
0.6 -60 -40 -20 0 20 40 60 80 100 120 140 160
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
100000
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
Fig 4. Normalized On-Resistance Vs. Temperature
14.0 ID= 50A
VGS, Gate-to-Source Voltage (V)
12.0 10.0 8.0 6.0 4.0 2.0 0.0
VDS= 20V VDS= 13V
C, Capacitance (pF)
10000
Ciss Coss
1000
Crss
100 1 10 VDS, Drain-to-Source Voltage (V) 100
0
20
40
60
80
100
120
140
QG, Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs.Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.Gate-to-Source Voltage
www.irf.com
3
IRFH5250PbF
1000
1000
OPERATION IN THIS AREA LIMITED BY R DS(ON)
ISD, Reverse Drain Current (A)
100 T J = 150C 10 T J = 25C 1 VGS = 0V 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 VSD, Source-to-Drain Voltage (V)
ID, Drain-to-Source Current (A)
100sec 100 1msec 10msec
10 Tc = 25C Tj = 150C Single Pulse 1 0 1 10 100 VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
400 Limited By Package
VGS(th) , Gate threshold Voltage (V)
Fig 8. Maximum Safe Operating Area
3.0
350 300 250 200 150 100 50 0 25 50
2.5
ID, Drain Current (A)
2.0
1.5 ID = 1.0A ID = 1.0mA ID = 500A ID = 150A -75 -50 -25 0 25 50 75 100 125 150
1.0
75
100
125
150
0.5 T J , Temperature ( C )
T C , Case Temperature (C)
Fig 9. Maximum Drain Current Vs. Case (Bottom) Temperature
1
Thermal Response ( Z thJC ) C/W
Fig 10. Threshold Voltage Vs. Temperature
D = 0.50 0.1 0.20 0.10 0.05 0.01 0.02 0.01 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 0.001 0.01 0.1
0.001 1E-006
1E-005
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
4
www.irf.com
IRFH5250PbF
RDS(on), Drain-to -Source On Resistance (m )
4 ID = 50A 3
2000
EAS , Single Pulse Avalanche Energy (mJ)
1800 1600 1400 1200 1000 800 600 400 200 0 25 50 75
ID 18A 24A BOTTOM 50A TOP
2 T J = 125C 1 T J = 25C 0 2 4 6 8 10 12 14 16 18 20
100
125
150
VGS, Gate -to -Source Voltage (V)
Starting T J , Junction Temperature (C)
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
V(BR)DSS
15V
tp
VDS
L
DRIVER
RG
20V
D.U.T
IAS tp
+ V - DD
A
I AS
0.01
Fig 14a. Unclamped Inductive Test Circuit
Fig 14b. Unclamped Inductive Waveforms
VDS VGS RG V10V GS
Pulse Width 1 s Duty Factor 0.1
RD
90%
D.U.T.
+
VDS
-VDD
10%
VGS
td(on) tr td(off) tf
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
www.irf.com
5
IRFH5250PbF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices
Fig 16. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Vds Vgs
Id
L
0
DUT 1K
S
VCC
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 17. Gate Charge Test Circuit
Fig 18. Gate Charge Waveform
6
www.irf.com
IRFH5250PbF
PQFN 5x6 Outline "B" Package Details
For footprint and stencil design recommendations, please refer to application note AN-1154 at http://www.irf.com/technical-info/appnotes/an-1154.pdf
PQFN 5x6 Outline "B" Part Marking
INTERNATIONAL RECTIFIER LOGO
DATE CODE ASSEMBLY SITE CODE
(Per SCOP 200-002)
PIN 1 IDENTIFIER
XXXX XYWWX XXXXX
PART NUMBER
("4 or 5 digits")
MARKING CODE
(Per Marking Spec)
LOT CODE
(Eng Mode - Min last 4 digits of EATI#) (Prod Mode - 4 digits of SPN code)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
www.irf.com
7
IRFH5250PbF
PQFN 5x6 Outline "B" Tape and Reel
Qualification information
Qualification level Moisture Sensitivity Level RoHS compliant Indus trial (per JE DE C JE S D47F PQFN 5mm x 6mm Yes

guidelines ) MS L1
(per JE DE C J-S T D-020D
)

Qualification standards can be found at International Rectifier's web site http://www.irf.com/product-info/reliability Higher qualification ratings may be available should the user have such requirements. Please contact your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/ Applicable version of JEDEC standard at the time of product release.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 0.37mH, RG = 25, IAS = 50A. Pulse width 400s; duty cycle 2%. R is measured at TJ of approximately 90C. When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material. Calculated continuous current based on maximum allowable junction temperature. Package is limited to 100A by production test capability
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.09/2009
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFH5250TR2PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X