Part Number Hot Search : 
2SC5237C MAZ4270 LM334S8 15A02 R2001 238GB35 LM334S8 35005
Product Description
Full Text Search
 

To Download HS9-9008RHPROTO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HS-9008RH
Data Sheet March 10, 2005 FN3279.4
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter [ /Title (HS9008R H) /Subject Radiaion ardned MOS -Bit lash naog-toigial onerter) /Autho () /Keyords Interil orpoation, emionuctor, adiaion ardned, H, ad
The Intersil HS-9008RH is a CMOS 8-Bit Flash Converter designed for space applications where relatively low power, exceptional accuracy and very fast conversion speeds are a necessity. The HS-9008RH design differs substantially from most other available Flash Converters as it employs fully differential analog input sampling networks and amplifiers, as well as regenerative, offset nulled (error correcting) comparators. These circuit techniques improve noise performance and render the circuit much less sensitive to process and radiation induced device parametric shifts. Outstanding integral and differential linearity error is achieved through the use of a metal film resistor network which exhibits >10-bit linearity without trim. As a result of these innovations, the device operates with a single fixed reference supply as opposed to the multiple, adjustable references used in similar devices. This combination of features makes the HS-9008RH one of the best 8-Bit Flash Converters available in the Commercial, Military or Rad Hard markets. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed here must be used when ordering. Detailed Electrical Specifications for these devices are contained in SMD 5962-96696. A "hot-link" is provided on our homepage for downloading. http://www.intersil.com/spacedefense/space.htm
Features
* Electrically Screened to SMD # 5962-96696 * QML Qualified per MIL-PRF-38535 Requirements * Excellent Noise Rejection - Fully Differential Design * Superior Linearity . . . . . . . . . . . . . . . . . . . . . . 0.5 LSB Typ * Single Reference Supply * Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . 330mW Typ * Sampling Rate (50ns Conversion Time) . . . . . . . . 20MHz * Total Dose Hardness . . . . . . . . . . . . . . . . . . . . . 300kRAD * Available with QML Class V or Class Q Screening
Pinouts
HS-9008RH (SBDIP) CDIP2-T28 TOP VIEW
1/ R 2
1
28 VSSD 27 VIN 26 VSSD 25 VSSA 24 VREF + 23 VDDA 22 OF 21 B8 (MSB) 20 B7 19 B6 18 B5 17 VSSA 16 VSSD 15 VDDD
VDDD 2 CLK 3 VDDD 4 VSSA 5 VREF - 6 VDDA 7 (LSB) B1 8 B2 9 B3 10 B4 11 CE1 12 CE2 13
Ordering Information
ORDERING NUMBER 5962F9669601QXC 5962F9669601QYC 5962F9669601VXC 5962F9669601VYC HS1-9008RH/Proto HS9-9008RH/Proto HS0-9008RH-Q INTERNAL MKT. NUMBER HS1-9008RH-8 HS9-9008RH-8 HS1-9008RH-Q HS9-9008RH-Q HS1-9008RH/Proto HS9-9008RH/Proto HS0-9008RH-Q TEMP. RANGE (oC) -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 -55 to 125 25
1/ R 2
VDDA 14
HS-900RH (FLATPACK) CDFP3-F28 TOP VIEW
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
VSSD VIN VSSD VSSA VREF + VDDA OF B8 (MSB) B7 B6 B5 VSSA VSSD VDDD
VDDD CLK VDDD VSSA VREF VDDA (LSB) B1 B2 B3 B4 CE1 CE2 VDDA
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-352-6832 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 1999, 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
HS-9008RH Pin Descriptions
SBDIP/ FLATPACK PACKAGE PIN 8 9 10 11 18 19 20 21 22 16, 26, 28 2, 4, 15 13 12 6 27 5, 17, 25 3 1 24 7, 14, 23 CE1 NAME B1 B2 B3 B4 B5 B6 B7 B8 OF VSSD VDDD CE2 CE1 VREFVIN VSSA CLK 1/2 R VREF+ VDDA DESCRIPTION (LSB) Output Data Bits Output Data Bits Output Data Bits Output Data Bits Output Data Bits Output Data Bits Output Data Bits (MSB) Output Data Bits Overflow Digital Ground Digital Supply Three-State Output Enable Three-State Output Enable Negative Reference Input Analog Signal In Analog Ground Clock Input Reference Midpoint Positive Reference Input Analog Supply 0 1 X CE2 1 1 0 TRUTH TABLE B1 - B8 Valid Three-State Three-State OF Valid Valid Three-State
2
FN3279.4 March 10, 2005
HS-9008RH Functional Diagram
CLK CLOCK GENERATOR 01 01 L L
L VREF+ 01 L 01 L L
L
OUTPUT MFFS DSN cc256 VIN AMPS DYNAMIC LATCH MFFS OUTPUT MFFS
OVERFLOW
BIT 8 (MSB)
OUTPUT MFFS DSN AMPS DYNAMIC LATCH MFFS OUTPUT MFFS
BIT 7
BIT 6
1/ R 2
(MSB) DSN cc128
AMPS
DYNAMIC LATCH
MFFS
PLA
OUTPUT MFFS
BIT 5
OUTPUT MFFS
BIT 4
OUTPUT MFFS DSN AMPS DYNAMIC LATCH MFFS OUTPUT MFFS
BIT 3
BIT 2
OUTPUT MFFS VREF DSN cc1 AMPS DYNAMIC LATCH MFFS
BIT 1 (LSB)
CE1 CE2 VREF RESISTOR LADDER DIFFERENTIAL COMPARATOR ENCODER THREE-STATE OUTPUTS
3
FN3279.4 March 10, 2005
HS-9008RH Die Characteristics
DIE DIMENSIONS: 180 mils x 197 mils x 21 1 mils INTERFACE MATERIALS: Glassivation: Type: SiO2 Thickness: 8kA 1kA Top Metallization: Metal 1 - Type: Moly/TiW Thickness: 5.8kA 10% Metal 2- Type: Al/Si/Cu Thickness: 10kA 10% Backside Finish: Silicon ASSEMBLY RELATED INFORMATION: Substrate Potential (Powered Up): VDD ADDITIONAL INFORMATION: Worst Case Current Density: Metal 1 - Designs using the Intersil AVLSI-1RA process take advantage of the superior current carrying capabilities of Moly.TiW. The current density limit established by Intersil Reliability is 5.0 x 105 A/cm2 Metal 2 - 1.63 x 105 A/cm2 Process: AVLSI1RA
Metallization Mask Layout
HS-9008RH
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 4
FN3279.4 March 10, 2005


▲Up To Search▲   

 
Price & Availability of HS9-9008RHPROTO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X