|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
. Hebei I.T. (Shanghai) Co., Ltd. Product Picture/ Features/ 1. Emitted Color/: Pure White/Warm White/ 2. Lens Appearance/: Water Clear/ 3. Material of crust /: Aluminum hull / 4. CE Approved / CE 5. RoHS Compliant / RoHS 6. Base Type /: GU10 7. Choices of luminous intensities for indoor application/ 8. The useful lifetime of the product is more than 30000 hours/ 30000 G60-6W-W3-GU10 Absolute Maximum Ratings / Rating / Parameter / Symbol / Min./ Typ./ Max./ Unit Input Voltage AC/ AC Frequency / Input Current AC/ Operating Tem./ Operating Hum./ Storage Tem./ Vin F I(rms) Ta Ha Ts 200 47 0.05 -25 230 50 0.07 25 245 63 0.10 50 V Hz A 5%-95%(No Water/) -35~60 Electrical and optical characteristics (Ta=25) / Parameter / Condition/ Symbol / Pd IV(P) Luminous Flux / Vin=230V~,50Hz IV(W) C.T.(P1) C.T.(P2) Color Temperature / Vin=230V~,50Hz C.T.(W1) C.T.(W2) Viewing Angle / Vin=230V~,50Hz 2700 3600 3000 3800 150 3200 3900 K K Deg 350 4000 5600 380 4200 6000 4500 6200 Lm K K Min. / 5 380 Typ./ 6 400 Max./ 8 Unit W Lm Power Dissipation / Vin=230V~,50Hz www.ledz.com Page: 1 of 2 . Hebei I.T. (Shanghai) Co., Ltd. G60-6W-W3-GU10 Package Dimensions / BASE: GU10 Notes /: 1. All dimensions are in millimeters. / mm. 2. Tolerance is 01 mm unless otherwise specified. /1 mm. 3. Specifications are subject to change without notice. /. www.ledz.com Page: 2 of 2 |
Price & Availability of G60-6W-W3-GU10 |