Part Number Hot Search : 
TSOP361 HYM2596 DCX124EH 284884 SK273 W455F20 TSGB02 17AS28
Product Description
Full Text Search
 

To Download EL7212CN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EL7202C EL7212C EL7222C
EL7202C 7212C 7222C
High Speed Dual Channel Power MOSFET Drivers
Features
Industry standard driver replacement Improved response times Matched rise and fall times Reduced clock skew Low output impedance Low input capacitance High noise immunity Improved clocking rate Low supply current Wide operating voltage range
General Description
The EL7202C EL7212C EL7222C ICs are matched dual-drivers ICs that improve the operation of the industry standard DS0026 clock drivers The Elantec Versions are very high speed drivers capable of delivering peak currents of 2 0 amps into highly capacitive loads The high speed performance is achieved by means of a proprietary ``Turbo-Driver'' circuit that speeds up input stages by tapping the wider voltage swing at the output Improved speed and drive capability are enhanced by matched rise and fall delay times These matched delays maintain the integrity of input-to-output pulse-widths to reduce timing errors and clock skew problems This improved performance is accompanied by a 10 fold reduction in supply currents over bipolar drivers yet without the delay time problems commonly associated with CMOS devices Dynamic switching losses are minimized with non-overlapped drive techniques
Applications
Clock line drivers CCD Drivers Ultra-sound transducer drivers Power MOSFET drivers Switch mode power supplies Class D switching amplifiers Ultrasonic and RF generators Pulsed circuits
Connection Diagrams
EL7212C EL7222C
Ordering Information
Part No Temp Range Pkg Outline
Inverting Drivers
7202 - 1
Complementary Drivers
7202 - 2
EL7202CN b 40 C to a 85 C 8-Pin P-DIP MDP0031 EL7202CS b 40 C to a 85 C 8-Pin SO MDP0027
EL7202C
EL7212CN b 40 C to a 85 C 8-Pin P-DIP MDP0031 EL7212CS b 40 C to a 85 C 8-Pin SO MDP0027
EL7222CN b 40 C to a 85 C 8-Pin P-DIP MDP0031 EL7222CS b 40 C to a 85 C 8-Pin SO MDP0027
January 1996 Rev B
7202 - 3
Non-Inverting Drivers
Manufactured under U S Patent Nos 5 334 883
5 341 047
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ``controlled document'' Current revisions if any to these specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1994 Elantec Inc
EL7202C EL7212C EL7222C
High Speed Dual Channel Power MOSFET Drivers
Absolute Maximum Ratings
Supply (V a to Gnd) Input Pins Combined Peak Output Current Storage Temperature Range Ambient Operating Temperature 16 5V
b 0 3V to a 0 3V above V a
4A
b 65 C to a 150 C b 40 C to a 85 C
Operating Junction Temperature Power Dissipation SOIC PDIP
125 C 570 mW 1050 mW
Important Note All parameters having Min Max specifications are guaranteed The Test Level column indicates the specific device testing actually performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJ e TC e TA Test Level I II III IV V Test Procedure 100% production tested and QA sample tested per QA test plan QCX0002 100% production tested at TA e 25 C and QA sample tested at TA e 25 C TMAX and TMIN per QA test plan QCX0002 QA sample tested per QA test plan QCX0002 Parameter is guaranteed (but not tested) by Design and Characterization Data Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics TA e 25 C
Parameter Input VIH IIH VIL IIL VHVS Output ROH ROL IPK IDC Power Supply IS Power Supply Current Pull-Up Resistance Pull-Down Resistance Peak Output Current Continuous Output Current Logic ``1'' Input Voltage Logic ``1'' Input Current Logic ``0'' Input Voltage Logic ``0'' Input Current Input Hysteresis 0V Va Description
V e 15V unless otherwise specified Min Typ Max Test Level Units
Test Conditions
24 01 10 08 01 03 10
I I I I V
V mA V mA V
IOUT e b100 mA IOUT e a 100 mA Source Sink Source Sink 100
3 4 2 2
6 6
I I IV I
X X A mA
mA V
VS
Operating Voltage
45
15
I
2
TD is 3 3in
Inputs High 7202 Inputs High 7212 Inputs High 7222
45 1 25
75 25 50
I I I
EL7202C EL7212C EL7222C
High Speed Dual Channel Power MOSFET Drivers
AC Electrical Characteristics TA e 25 C
Parameter Description Test Conditions V e 15V unless otherwise specified Min Typ Max Test Level Units
Switching Characteristics tR tF tD1 tD2 Rise Time Fall Time Turn-On Delay Time Turn-Off Delay Time CL e 500 pF CL e 1000 pF CL e 500 pF CL e 1000 pF See Timing Table See Timing Table 75 10 10 13 18 20 20 20 25 25 IV IV IV IV ns ns ns ns TD is 1 5in
Timing Table
Standard Test Configuration
7202 - 19
7202 - 4
Simplified Schematic
7202 - 5
3
EL7202C EL7212C EL7222C
High Speed Dual Channel Power MOSFET Drivers
Typical Performance Curve
Max Power Derating Curves Switch Threshold vs Supply Voltage
7202 - 6 7202 - 7
Input Current vs Voltage
Peak Drive vs Supply Voltage
7202 - 8
7202 - 9
Quiescent Supply Current
``ON'' Resistance vs Supply Voltage
7202 - 10
7202 - 11
4
EL7202C EL7212C EL7222C
High Speed Dual Channel Power MOSFET Drivers
Typical Performance Curve
Average Supply Current vs Voltage and Frequency
Contd
Average Supply Current vs Capacitive Load
7202 - 12
7202 - 13
Rise Fall Time vs Load
Rise Fall Time vs Supply Voltage
7202 - 14
7202 - 15
5
EL7202C EL7212C EL7222C
High Speed Dual Channel Power MOSFET Drivers
Typical Performance Curve
Contd
Rise Fall Time vs Temperature
Propagation Delay vs Supply Voltage
7202 - 16
7202 - 17
Delay vs Temperature
7202 - 18
6
EL7202C EL7212C EL7222C
High Speed Dual Channel Power MOSFET Drivers
EL7212 Macro Model
7202 - 20
EL7212 model input
Vout l subckt M7212 2 3 6 7 V1 12 3 1 6 R1 13 15 1k R2 14 15 5k R5 11 12 100 C1 15 3 43 3 pF D1 14 13 dmod X1 13 11 2 3 comp1 X2 16 12 15 3 comp1 sp 6 7 16 3 spmod sn 7 3 16 3 snmod g1 11 0 13 0 938m model dmod d model spmod vswitch ron43 roff42meg von41 voff41 5 model snmod vswitch ron44 roff42meg von43 voff42 ends M7212 subckt comp1 out inp inm vss e1 out vss table (v(inp) 1v(inm)) 5000 4 (0 0) (3 2 3 2) Rout out vss 10meg Rinp inp vss 10meg Rinm inm vss 10meg ends comp1
l l l
gnd
l l
Vsupply
7
TD is 3 6in
EL7202C EL7212C EL7222C
EL7202C EL7212C EL7222C
High Speed Dual Channel Power MOSFET Drivers
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown Elantec Inc reserves the right to make changes in the circuitry or specifications contained herein at any time without notice Elantec Inc assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement
WARNING
Life Support Policy
January 1996 Rev B
Elantec Inc 1996 Tarob Court Milpitas CA 95035 Telephone (408) 945-1323 (800) 333-6314 Fax (408) 945-9305 European Office 44-71-482-4596
8
Elantec Inc products are not authorized for and should not be used within Life Support Systems without the specific written consent of Elantec Inc Life Support systems are equipment intended to support or sustain life and whose failure to perform when properly used in accordance with instructions provided can be reasonably expected to result in significant personal injury or death Users contemplating application of Elantec Inc products in Life Support Systems are requested to contact Elantec Inc factory headquarters to establish suitable terms conditions for these applications Elantec Inc 's warranty is limited to replacement of defective components and does not cover injury to persons or property or other consequential damages
Printed in U S A


▲Up To Search▲   

 
Price & Availability of EL7212CN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X