Part Number Hot Search : 
RT33L012 MAX5484 74HCT86N R3060 DD200S UCD1H101 100M255 DSP56855
Product Description
Full Text Search
 

To Download DTA143ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Digital transistors (built-in resistors)
* Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thinfilm resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/ off conditions need to be set for operation, making device design easy. * Structure PNP digital transistor (with built-in resistors) *Equivalent circuit
(1)
DTA143EKA DTA143ECA
2.9 + 0.2 1.9+ 0.2 0.95+0.95 (2)
2.8+ 0.2
+ 0.2 - 0.1
1.1 -
+ 0.2 0.1
0.8 + 0.1
0 ~ 0.1
(3)
1.6
IN
R2 GND(+) IN OUT GND(+)
0.4
+ 0.1 - 0.05
0.15
+ 0.1 - 0.06
All terminals have same dimensions
EIAJ: SC-- 59
2.9 + 0.2 1.9+ 0.2 0.95+0.95 (1) (2)
2.4+ 0.2
+ 0.2 - 0.1
0.95
+ 0.2 - 0.1
0.45 + 0.1
0 ~ 0.1
(3) 0.15
+ 0.1 - 0.06
1.3
0.3 ~ 0.6
R1
OUT
(1) GND (2) IN (3) OUT
DTA143EKA
0.2Min
+ 0.1 - 0.05
0.4
(1) GND (2) IN (3) OUT
All terminals have same dimensions
DTA143ECA
EIAJ: SOT-- 23
*
Absolute maximum ratings(Ta=25 C)
Parameter symbol V cc V IN IO I C(Max.) Pd Tj T stg limits -50 -30~+10 -100 -100 200 150 -55~+150 unit V V mA mW C C
Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
P8-1/3
DTA143EKA
DTA143ECA
* Elecrical characteristics(T =25C)
a
Parameter Input voltage Output Voltage Input current Output current
symbol V
I(off)
Min. -- -3 -- -- -- 20 3.29 0.8 --
Typ. -- -- -0.1 -- -- -- 4.7 1 250
Max. -0.5 -- -0.3 -1.8 -0.5 -- 6.11 1.2 --
Unit V V mA
Conditions VCC= - 5V,IO= -100A VO= - 0.3V,IO= - 20mA I O/ I I = -10mA / -0.5mA V I= - 5V V
CC
V I(on) V O(on) II I O(off)
A
-- K -- MHz
= - 50V,V I = 0 V
DC current gain GI Input resistance R1 Resistance ratio R 2/ R 1 Transition frequency fT *Transition frequency of the device
V O= - 5V,I O= - 10mA -- -- V CE= - 10V,I E = 5 mA,f=100MHz*
* Packaging specifications
Package Package type Code Basic ordering Part No. unit(pieces) DTA143EKA DTA143ECA SC-59 Taping T146 3000 O -- SOT-23 Taping T116 3000 -- O
P8-2/3
DTA143EKA
ELECTRICAL CHARACTERISTIC CURVES
DTA143ECA
-100 -50
V O = - 0.3V
-10m -5m
V T A = 100C 25C -40C
CC
=-5V
INPUT VOLTAGE: V I(on) ( V )
-20 -10 -5 -2
OUTPUT CURRENT: I O ( A )
-2m -5m -10m -20m -50m -100m
-2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 0
T A = -40C 25C 100C
-1 -0.5 -0.2
-0.1 -100-200 -500 -1m
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
OUTPUT CURRENT: I O (A)
INPUT VOLTAGE: V I(ON) (V)
Figure 1. Input voltage vs.output current (ON characteristics)
Figure 2. Output current vs.input voltage (OFF characteristics)
-1
1K
V O= - 5 V
500
-0.5
I O / I I = 20 T A = 100C 25C -40C
OUTPUT VOLTAGE: V O(on) ( V )
-0.2
200
DC CURRENT GAIN: G I
100 50 20
T A = 100C 25C -40C
-0.1 -0.05 -0.02
10 5 2 1 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
-0.01 -.005 -.002
-.001 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
OUTPUT CURRENT: I O (A)
OUTPUT CURRENT: I O (A)
Figure 3. DC current gain vs.output current
Figure 4. Output voltage vs.output current
P8-3/3


▲Up To Search▲   

 
Price & Availability of DTA143ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X