Part Number Hot Search : 
56151 ASRD703 P6SMB62 LBS70A22 24000 74LVC74A 89C516RD 355705
Product Description
Full Text Search
 

To Download CRNA25-800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER COMPONENTS
Applications
* Input Rectification * Low Frequency Freewheel * Battery Isolation
> Suitable for General Purpose Applications > Isolated and Non-Isolated Tab > VR/VRRM 400, 600, 800, 1200V
CRNA/CRNB25
25Amp - 400/600/800/1200V - RECTIFIER
Absolute Maximum Ratings
RMS On-State Current (full sine wave) Average On-State Current Non Repetitive Surge Peak On-State Current (Full Cycle, Tj Initial = 25C) I2 t Value for fusing
K A
CONDITIONS
SYMBOL
RATING
Tc = 95C Tc = 80C Tc = 95C Tc = 80C
TO-220AB TO-220AB Iso TO-220AB TO-220AB Iso F =50 Hz F =60 Hz tp = 10 ms
IF(RMS) IF(AV) IFSM I2 t Tstg Tj VISO
25A 15.9A 300A 350A 508A2s -40 to +150C -40 to +125C 2500 VRMS
Storage Temperature Range Operating Junction Temperature Range Isolation Voltage (CRNA Series only)
K
TO-220AB Isolated (CRNA25)
Electrical Characteristics
VFM @ 25A IRM @ VR =VRRM Tj = 25C Tj = 25C Tj = 125C 1.1V 0.1mA 1.0mA
K A
IRM @ VR =VRRM
TO-220AB Non-Isolated (CRNB25)
Thermal Resistances
Junction to Case (AC)
A
SYMBOL
RATING
TO-220AB TO-220AB Isolated TO-220AB TO-220AB Isolated
Rth(j-c) Rth(j-c) Rth(j-a) Rth(j-a)
1.6C/W 2.5C/W 60C/W 60C/W
Junction to Case (AC) Junction to Ambient Junction to Ambient
K
GENERAL NOTES
1. All parameters at 25 degrees C unless otherwise specified.
ISO9001 Certified
CRNA/CRNB25
25Amp - 400/600/800/1200V - RECTIFIER
Dimensions
Millimeters
REF. A B C D E F G H I J K L M N O Q Min. 15.24 12.78 9.96 0.69 1.22 4.62 0.46 2.49 2.39 6.48 3.78 15.49 2.59 0.99 Typ. 3.23 13.79 10.36 0.94 1.32 4.83 0.61 2.84 2.69 6.88 3.89 16.51 2.9 1.55 0.503 0.392 0.027 0.048 0.182 0.018 0.098 0.094 0.255 0.149 0.61 0.102 0.039 Max. 15.75
Part Number Designation
Inches
Min. 0.6 Typ. 0.127 0.543 0.408 0.037 0.052 0.19 0.024 0.112 0.106 0.271 0.153 0.65 0.114 0.061 Max. 0.62
SERIES
Rated Current 25: 25 Amp
Packaging Blank: Bulk PT: Plastic Tube
CRN
25
Isolation Type A: Isolated B: Non-Isolated Maximum Blocking Voltage 400: 400Vpk 600: 600Vpk 800: 800Vpk 1200: 1200Vpk
16
0.63
2.67
0.105
D F
G
N K L A
70
M
16 14 12
Non-Isolated
60 50
IF [APK]
B
I
40 30 20
IF (AV) [A]
10
Isolated
8 6 4 2 0
O C
10 0 0 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
70
80
90
100
110
120
130
E J
Q H
VF [VPK]
Fig. 1: On-state current versus on-state voltage (instantaneous values)
20 16 12 8 4 0 0 2 4 6 8 10 12 14 16 1000 800 600 400
TC [C]
Fig. 2: Average on-state current versus case temperature
Weight: 2.3g (0.08 oz)
P [W]
ITSM [A]
200 100 80 60 40 20 0 1 10
Non-Repetitive Tj initial = 25C
100
1000
IF [A]
Fig. 3: Power dissipation versus average on-state current
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state current versus number of cycles.
ISO9001 Certified
Approvals
UL - Pending
USA Sales Support (877) 502-5500 Tech Support (877) 702-7700 Fax (619) 710-8540 Email: sales@crydom.com Crydom Corp 2320 Paseo de las Americas, Suite 201 San Diego, CA 92154
EUROPE - UK Telephone +44 (0) 1202 365070 Fax +44 (0) 1202 365090 Email: intsales@crydom.com Crydom International Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE Germany Telephone +49 (0) 180 3000 506
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Crydom Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
(c) 2004 Crydom Corp, All Rights Reserved. Specifications are subject to change without prior notice. Crydom and the Crydom logo are trademarks of Crydom Corp. CrydomCRN25_F1704.pdf


▲Up To Search▲   

 
Price & Availability of CRNA25-800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X