Part Number Hot Search : 
2SA106 2SB1190 4431A 100DAM9 SMCJ3 TC400 HFA60 AJ60A
Product Description
Full Text Search
 

To Download AT-30511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Current, High Performance NPN Silicon Bipolar Transistor Technical Data
AT-30511 AT-30533
Features
* High Performance Bipolar Transistor Optimized for Low Current, Low Voltage Operation * 900 MHz Performance: AT-30511: 1.1 dB NF, 16 dB GA AT-30533: 1.1 dB NF, 13 dB GA * Characterized for End-OfLife Battery Use (2.7 V) * SOT-23 and SOT-143 SMT Plastic Packages * Tape-And-Reel Packaging Option Available[1]
Description
Agilent's AT-30511 and AT-30533 are high performance NPN bipolar transistors that have been optimized for maximum fT at low voltage operation, making them ideal for use in battery powered applications in wireless markets. The AT-30533 uses the 3 lead SOT-23, while the AT-30511 places the same die in the higher performance 4 lead SOT-143. Both packages are industry standard, and compatible with high volume surface mount assembly techniques. The 3.2 micron emitter-to-emitter pitch and reduced parasitic design of these transistors yields extremely high performance products that can perform a multiplicity of tasks. The 5 emitter finger interdigitated geometry yields an extremely fast transistor with high gain and low operating currents.
Optimized performance at 2.7 V makes these devices ideal for use in 900 MHz, 1.8 GHz, and 2.4 GHz battery operated systems as an LNA, gain stage, buffer, oscillator, or active mixer. Typical amplifier designs at 900 MHz yield 1.3 dB noise figures with 13 dB or more associated gain at a 2.7 V, 1 mA bias. Voltage breakdowns are high enough for use at 5 volts. High gain capability at 1 V, 1 mA makes these devices a good fit for 900 MHz pager applications. The AT-3 series bipolar transistors are fabricated using an optimized version of Agilent's 10 GHz fT, 30 GHz fMAX Self-AlignedTransistor (SAT) process. The die are nitride passivated for surface protection. Excellent device uniformity, performance and reliability are produced by the use of ion-implantation, self-alignment techniques, and gold metalization in the fabrication of these devices.
Outline Drawing
EMITTER COLLECTOR
305
BASE EMITTER
SOT-143 (AT-30511)
COLLECTOR
305
BASE EMITTER
SOT-23 (AT-30533)
Note: 1. Refer to "Tape-and-Reel Packaging for Semiconductor Devices".
2
AT-30511, AT-30533 Absolute Maximum Ratings
Symbol VEBO VCBO VCEO IC PT Tj TSTG
Notes: 1. Operation of this device above any one of these parameters may cause permanent damage. 2. TMounting Surface = 25C. 3. Derate at 1.82 mW/C for TC > 95C.
Parameter Units Emitter-Base Voltage V Collector-Base Voltage V Collector-Emitter Voltage V Collector Current mA Power Dissipation[2] [3] mW Junction Temperature C Storage Temperature C
Absolute Maximum 1.5 11 5.5 8 100 150 -65 to 150
[1]
Thermal Resistance : jc = 550C/W
[2]
Electrical Specifications, TA = 25C
AT-30511 Symbol NF GA hFE ICBO IEBO Parameters and Test Conditions Noise Figure VCE = 2.7 V, IC = 1 mA Associated Gain VCE = 2.7 V, IC = 1 mA Forward Current Transfer Ratio Collector Cutoff Current Emitter Cutoff Current f = 0.9 GHz f = 0.9 GHz VCE = 2.7 V IC = 1 mA VCB = 3 V VEB = 1 V Units dB dB A A 14
[1]
AT-30533 Min Typ 1.1 11 300
[2] [2]
Min
Typ 1.1 16
[1]
Max 1.4
[1]
Max 1.4
[2]
[1]
13
[2]
70 0.03 0.1
70 0.03 0.1
300 0.2 1.5
0.2 1.5
Notes: 1. Test circuit B, Figure 1. Numbers reflect device performance de-embedded from circuit losses. Input loss = 0.4 dB; output loss = 0.4 dB. 2. Test circuit A, Figure 1. Numbers reflect device performance de-embedded from circuit losses. Input loss = 0.4 dB; output loss = 0.4 dB.
25 1000 pF
VBB W = 10 L = 1860 1000 pF W = 10 L = 1000 W = 30 L = 100
VCC W = 10 L = 1860
W = 30 L = 100
W = 10 L = 1025
TEST CIRCUIT BOARD MATL = 0.062" FR-4 ( = 4.8) DIMENSIONS IN MILS
TEST CIRCUIT A: W = 20 L = 100 TEST CIRCUIT B: W = 20 L = 200 x 2 NOT TO SCALE
Figure 1. Test Circuit for Noise Figure and Associated Gain. This Circuit is a Compromise Match Between Best Noise Figure, Best Gain, Stability, a Practical, Synthesizable Match, and a Circuit Capable of Matching Both the AT-305 and AT-310 Geometries.
3
AT-30511, AT-30533 Characterization Information, TA = 25C
AT-30511 AT-30533 Symbol P1dB G1dB IP3 |S21|E2 CCB Parameters and Test Conditions Power at 1 dB Gain Compression (opt tuning) VCE = 2.7 V, IC = 5 mA Gain at 1 dB Gain Compression (opt tuning) VCE = 2.7 V, IC = 5 mA Output Third Order Intercept Point, VCE = 2.7 V, IC = 5 mA (opt tuning) Gain in 50 System; VCE = 2.7 V, IC = 1 mA Collector-Base Capacitance f = 0.9 GHz f = 0.9 GHz f = 0.9 GHz f = 0.9 GHz VCB = 3V, f = 1 MHz Units dBm dB dBm dB pF Typ 7 16.5 17 10 0.04 Typ 7 15 17 9 0.04
Typical Performance
2.5
25
25
2.0
NOISE FIGURE (dB)
AMPLIFIER NF
20 5 mA
Ga (dB)
20 5 mA
Ga (dB)
1.5
15
15
1.0
NF MIN.
10 1 mA 5
10 1 mA 5
0.5 1 mA 5 mA 0 0 0.5 1.0 1.5 2.0 2.5
0
0
0.5
1.0
1.5
2.0
2.5
0
0
0.5
1.0
1.5
2
2.5
FREQUENCY (GHz)
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 2. AT-30511 and AT-30533 Minimum Noise Figure and Amplifier NF[1] vs. Frequency and Current at VCE = 2.7 V.
10
Figure 3. AT-30511 Associated Gain at Optimum Noise Match vs. Frequency and Current at VCE = 2.7 V.
Figure 4. AT-30533 Associated Gain at Optimum Noise Match vs. Frequency and Current at VCE = 2.7 V.
25
25
8
20
G 1dB (dBm)
G 1dB (dBm)
20
P 1dB (dBm)
5 mA 6
5 mA 15 2 mA 10
15
5 mA
4 2 mA 2
10
2 mA
5
5
0
0
0.5
1.0
1.5
2.0
2.5
0
0
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 5. AT-30511 and AT-30533 Power at 1 dB Gain Compression vs. Frequency and Current at VCE = 2.7 V.
Figure 6. AT-30511 1 dB Compressed Gain vs. Frequency and Current at VCE = 2.7 V.
Figure 7. AT-30533 1 dB Compressed Gain vs. Frequency and Current at VCE = 2.7 V.
Note: 1. Amplifier NF represents the noise figure which can be expected in a real circuit representing reasonable reflection coefficients and including circuit losses.
4
AT-30511, AT-30533 Typical Performance, continued
10
25
25
8
20 5 mA
20
P 1dB (dBm)
G 1dB (dBm)
G 1dB (dBm)
5 mA 6
5 mA 15 2 mA
15 2 mA 10
4 2 mA 2
10
5
5
0
0
0.5
1.0
1.5
2.0
2.5
0
0
0.5
1.0
1.5
2.0
2.5
0
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 8. AT-30511 and AT-30533 Power at 1 dB Gain Compression vs. Frequency and Current at VCE = 5 V.
6
Figure 9. AT-30511 1 dB Compressed Gain vs. Frequency and Current at VCE = 5 V.
25
Figure 10. AT-30533 1 dB Compressed Gain vs. Frequency and Current at VCE = 5 V.
25
4 5 mA
G 1dB (dBm)
20
20
G 1dB (dBm)
5 mA
P 1dB (dBm)
5 mA 15
2
15 2 mA
0 2 mA -2
10
10
2 mA
5
5
-4
0
0.5
1.0
1.5
2.0
2.5
0
0
0.5
1.0
1.5
2.0
2.5
0
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (GHz)
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 11. AT-30511 and AT-30533 Power at 1 dB Gain Compression vs. Frequency and Current at VCE = 1 V.
Figure 12. AT-30511 1 dB Compressed Gain vs. Frequency and Current at VCE = 1 V.
Figure 13. AT-30533 1 dB Compressed Gain vs. Frequency and Current at VCE = 1 V.
0 IM3 (dBc) IM5 (dBc) IM7 (dBc)
25
2.5
25
2.5
20 Ga
2.0
20
2.0 Ga
NOISE FIGURE (dB)
NOISE FIGURE (dB)
-20
Ga (dBm)
15
1.5
IM3 (dBc)
Ga (dBm)
15
1.5
-40
10 NF 5
1.0
10 NF 5
1.0
0.5
0.5
-60
0 -50
0
50
0 100
0 -50
0
50
0 100
-80 -9
-6
-3
0
3
6
TEMPERATURE (C)
TEMPERATURE (C)
POWER PER TONE (dBm)
Figure 14. AT-30511 Noise Figure and Associated Gain at VCE = 2.7 V, IC = 1 mA vs. Temperature in Test Circuit, Figure 1. (Circuit Losses De-embedded)
Figure 15. AT-30533 Noise Figure and Associated Gain at VCE = 2.7 V, IC = 1 mA vs. Temperature in Test Circuit, Figure 1. (Circuit Losses De-embedded)
Figure 16. AT-30511 and AT-30533 Intermodulation Products vs. Output Power at VCE = 2.7 V, IC = 10 mA, 900 MHz with Optimal Tuning.
5
AT-30511 Typical Scattering Parameters, VCE = 1 V, IC = 1 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.97 0.95 0.85 0.83 0.70 0.63 0.59 0.50 0.39 0.29 0.27 S11 Ang -5 -24 -42 -46 -67 -78 -85 -100 -122 -161 153 dB 10.84 10.51 9.96 9.66 8.71 8.06 7.75 6.73 5.58 3.97 2.64 S21 Mag 3.48 3.35 3.15 3.04 2.73 2.53 2.44 2.17 1.90 1.58 1.36 Ang 175 155 137 133 113 102 96 84 67 45 25 dB -39.42 -25.87 -21.46 -20.71 -18.44 -17.69 -17.27 -16.79 -16.32 -15.87 -15.47 S12 Mag 0.01 0.05 0.08 0.09 0.12 0.13 0.14 0.14 0.15 0.16 0.17
30
Ang 86 72 61 58 46 41 37 32 27 20 20
Mag 0.99 0.95 0.92 0.91 0.84 0.80 0.77 0.73 0.68 0.63 0.61
S22 Ang -2 -14 -24 -26 -36 -40 -43 -48 -53 -63 -72
AT-30511 Typical Noise Parameters,
Common Emitter, ZO = 50 , 1 V, IC = 1 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 0.3 0.4 0.9 1.3 Mag 0.96 0.92 0.83 0.76
GAIN (dB)
OPT Ang 10 19 43 60
Rn 1.49 1.33 0.98 0.74
20 MSG MAG S21
10
MSG
0
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 17. AT-30511 Gains vs. Frequency at VCE = 1 V, IC = 1 mA.
AT-30533 Typical Scattering Parameters, VCE = 1 V, IC = 1 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.95 0.91 0.77 0.73 0.55 0.46 0.41 0.30 0.17 0.02 0.12 S11 Ang -5 -25 -41 -45 -62 -71 -76 -85 -95 -139 61 dB 10.90 10.32 9.44 9.03 7.75 6.94 6.51 5.45 4.26 2.71 1.56 S21 Mag 3.51 3.28 2.97 2.83 2.44 2.22 2.12 1.87 1.63 1.37 1.20 Ang 174 150 128 124 102 91 85 73 57 37 19 dB -38.36 -25.08 -20.95 -20.21 -18.13 -17.33 -16.84 -16.05 -14.80 -12.58 -10.14 S12 Mag 0.01 0.06 0.09 0.10 0.12 0.14 0.14 0.16 0.18 0.24 0.31
30
Ang 87 73 63 61 54 51 50 49 49 48 45
Mag 0.99 0.95 0.89 0.88 0.80 0.77 0.74 0.71 0.68 0.65 0.62
S22 Ang -3 -14 -24 -25 -33 -36 -38 -41 -46 -57 -69
AT-30533 Typical Noise Parameters,
Common Emitter, ZO = 50 , 1 V, IC = 1 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 0.3 0.4 0.9 1.3 Mag 0.94 0.89 0.75 0.65 Rn Ang 7 16 43 65 1.02 0.86 0.58 0.38
GAIN (dB)
OPT
20 MSG MAG S21
10
MSG
0
0
1
2
3
4
5
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
FREQUENCY (GHz)
Figure 18. AT-30533 Gains vs. Frequency at VCE = 2.7 V, IC = 1 mA.
6
AT-30511 Typical Scattering Parameters, VCE = 2.7 V, IC = 1 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.97 0.95 0.86 0.84 0.72 0.65 0.61 0.52 0.41 0.30 0.26 S11 Ang -5 -23 -39 -43 -63 -73 -80 -93 -114 -150 165 dB 10.88 10.58 10.09 9.83 8.94 8.32 8.06 7.06 5.92 4.35 3.06 S21 Mag 3.50 3.38 3.20 3.10 2.80 2.60 2.53 2.25 1.98 1.65 1.42 Ang 175 156 139 135 115 105 99 86 70 48 28 dB -40.13 -26.71 -22.28 -21.51 -19.15 -18.28 -17.83 -17.29 -16.72 -16.13 -15.65 S12 Mag 0.01 0.05 0.08 0.08 0.11 0.12 0.13 0.14 0.15 0.16 0.16
30
Ang 86 74 63 60 49 43 40 35 30 23 22
Mag 0.999 0.96 0.93 0.92 0.85 0.82 0.79 0.75 0.70 0.66 0.63
S22 Ang -2 -13 -23 -25 -34 -38 -41 -46 -51 -61 -69
AT-30511 Typical Noise Parameters,
Common Emitter, ZO = 50 , 2.7 V, IC = 1 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 0.3 0.4 0.9 1.3 Mag 0.96 0.92 0.83 0.76
GAIN (dB)
OPT Ang 10 19 43 60
Rn 1.49 1.33 0.98 0.74
20 MSG MAG S21
10
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 19. AT-30511 Gains vs. Frequency at VCE = 2.7 V, IC = 1 mA.
AT-30533 Typical Scattering Parameters, VCE = 2.7 V, IC = 1 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.95 0.92 0.78 0.75 0.58 0.49 0.44 0.33 0.21 0.05 0.09 S11 Ang -5 -23 -39 -42 -59 -66 -71 -79 -87 -88 47 dB 10.76 10.21 9.42 9.04 7.83 7.04 6.64 5.59 4.40 2.87 1.72 S21 Mag 3.45 3.24 2.96 2.83 2.46 2.25 2.15 1.90 1.66 1.39 1.22 Ang 174 151 130 126 105 94 88 76 60 40 22 dB -39.49 -26.05 -21.78 -21.05 -18.88 -18.08 -17.58 -16.77 -15.50 -13.20 -10.67 S12 Mag 0.01 0.05 0.08 0.09 0.11 0.12 0.13 0.15 0.17 0.22 0.29
30
Ang 87 74 64 63 55 53 52 51 51 52 49
Mag 0.999 0.95 0.91 0.90 0.83 0.79 0.77 0.74 0.71 0.68 0.66
S22 Ang -2 -13 -22 -23 -31 -34 -36 -39 -44 -54 -66
AT-30533 Typical Noise Parameters,
Common Emitter, ZO = 50 , 2.7 V, IC = 1 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 0.3 0.4 0.9 1.3 Mag 0.94 0.89 0.75 0.65 OPT Ang 7 16 43 65 1.02 0.88 0.58 0.38 Rn
GAIN (dB)
20
MSG MAG
10
S21
MSG
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 20. AT-30511- Gains vs. Frequency at VCE = 2.7 V, IC = 1 mA.
7
AT-30511 Typical Scattering Parameters, VCE = 2.7 V, IC = 5 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.88 0.70 0.49 0.46 0.30 0.24 0.21 0.16 0.13 0.15 0.21 S11 Ang -11 -48 -72 -77 -100 -112 -120 -140 -172 137 106 dB 22.49 20.42 17.77 17.09 14.44 13.10 12.31 10.94 9.18 7.03 5.44 S21 Mag 13.32 10.49 7.73 7.15 5.27 4.52 4.13 3.52 2.88 2.25 1.87 Ang 169 134 111 107 89 81 76 67 55 38 22 dB -40.50 -28.45 -25.24 -24.70 -22.62 -21.65 -21.05 -20.01 -18.55 -16.57 -14.88 S12 Mag 0.01 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.12 0.15 0.18
30
Ang 83 64 57 55 53 52 52 50 48 44 39
Mag 0.97 0.82 0.70 0.69 0.62 0.59 0.58 0.57 0.55 0.53 0.52
S22 Ang -5 -22 -30 -31 -35 -37 -39 -42 -46 -55 -64
AT-30511 Typical Noise Parameters,
Common Emitter, ZO = 50 , 2.7 V, IC = 5 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 1.1 1.2 1.5 1.8 Mag 0.77 0.71 0.60 0.51
GAIN (dB)
OPT Ang 9 18 45 65
MSG
Rn 1.10 0.96 0.66 0.47
20
10
S21
MAG
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 21. AT-30511 Gains vs. Frequency at VCE = 2.7 V, IC = 5 mA.
AT-30533 Typical Scattering Parameters, VCE = 2.7 V, IC = 5 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 S11 Mag Ang 0.84 0.57 0.37 0.34 0.23 0.20 0.19 0.17 0.15 0.15 0.17 -12 -39 -46 -46 -43 -38 -35 -27 -17 -2 11 dB 22.26 18.54 14.97 14.20 11.24 9.85 9.05 7.70 6.12 4.30 3.07 S21 Mag 12.98 8.46 5.60 5.13 3.65 3.11 2.84 2.43 2.02 1.64 1.42 Ang 164 121 100 96 81 73 69 61 50 34 19 dB -39.96 -28.03 -24.09 -23.32 -20.30 -18.88 -18.02 -16.50 -14.57 -11.90 -9.66 S12 Mag 0.01 0.04 0.06 0.07 0.10 0.11 0.13 0.15 0.19 0.25 0.33
30
Ang 82 71 70 69 68 67 66 64 61 55 47
Mag 0.98 0.80 0.73 0.72 0.69 0.68 0.68 0.67 0.66 0.64 0.61
S22 Ang -5 -18 -22 -22 -26 -28 -30 -33 -39 -49 -61
AT-30533 Typical Noise Parameters,
Common Emitter, ZO = 50 , 2.7 V, IC = 5 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 1.1 1.2 1.5 1.8 Mag 0.71 0.61 0.42 0.28 OPT Ang 8 16 39 57 0.78 0.66 0.41 0.25 Rn
GAIN (dB)
20
MSG MAG
10
S21
MSG
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 22. AT-30533 Gains vs. Frequency at VCE = 2.7 V, IC = 5 mA.
8
AT-30511 Typical Scattering Parameters, VCE = 5 V, IC = 1 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.98 0.96 0.88 0.85 0.74 0.67 0.63 0.55 0.43 0.31 0.25 S11 Ang -5 -21 -37 -41 -59 -69 -75 -88 -106 -138 178 dB 10.56 10.30 9.83 9.57 8.71 8.13 7.88 6.90 5.79 4.29 3.04 S21 Mag 3.37 3.27 3.10 3.01 2.73 2.55 2.48 2.21 1.95 1.64 1.42 Ang 175 157 139 136 116 106 100 87 71 49 29 dB -40.34 -26.99 -22.52 -21.75 -19.23 -18.34 -17.85 -17.23 -16.53 -15.83 -15.38 S12 Mag 0.01 0.04 0.07 0.08 0.11 0.12 0.13 0.14 0.15 0.16 0.17
30
Ang 87 74 64 62 51 45 42 37 31 23 20
Mag 0.999 0.96 0.93 0.92 0.86 0.82 0.80 0.77 0.72 0.67 0.64
S22 Ang -2 -13 -22 -24 -33 -38 -41 -45 -50 -60 -69
AT-30511 Typical Noise Parameters,
Common Emitter, ZO = 50 , 5 V, IC = 1 mA
Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 0.3 0.4 0.9 1.3 Mag 0.96 0.92 0.83 0.76
GAIN (dB)
OPT Ang 10 19 43 60
Rn 1.49 1.33 0.98 0.74
20 MSG MAG S21
10
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 23. AT-30511 Gains vs. Frequency at VCE = 5 V, IC = 1 mA.
AT-30533 Typical Scattering Parameters, VCE = 5 V, IC = 1 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.96 0.92 0.79 0.77 0.60 0.51 0.46 0.35 0.23 0.07 0.07 S11 Ang -5 -22 -37 -41 -57 -64 -69 -76 -83 -85 38 dB 10.59 10.07 9.32 8.94 7.76 7.01 6.61 5.59 4.43 2.92 1.79 S21 Mag 3.38 3.19 2.92 2.80 2.44 2.24 2.14 1.90 1.66 1.40 1.23 Ang 174 151 131 127 106 95 89 77 61 41 23 dB -39.38 -26.22 -21.99 -21.21 -19.02 -18.16 -17.66 -16.85 -15.58 -13.34 -10.85 S12 Mag 0.01 0.05 0.08 0.09 0.11 0.12 0.13 0.14 0.17 0.22 0.29
30
Ang 85 74 65 63 56 54 52 51 51 52 49
Mag 0.999 0.95 0.91 0.90 0.83 0.80 0.78 0.75 0.72 0.69 0.67
S22 Ang -2 -13 -21 -23 -30 -33 -35 -39 -43 -53 -65
AT-30533 Typical Noise Parameters,
Common Emitter, ZO = 50 , 5 V, IC = 1 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 0.3 0.4 0.9 1.3 Mag 0.94 0.89 0.75 0.65 OPT Ang 7 16 43 65 1.02 0.98 0.58 0.38
GAIN (dB)
Rn
20 MSG MAG S21
10
MSG
Notes: 1. Matching constraints may make Fmin values associated with high |OPT| values unachievable in physical circuits. See Figure 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 24. AT-30533 Gains vs. Frequency at VCE = 5 V, IC = 1 mA.
9
AT-30511 Typical Scattering Parameters, VCE = 5 V, IC = 5 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.90 0.74 0.53 0.49 0.33 0.27 0.24 0.18 0.12 0.11 0.17 S11 Ang -10 -43 -66 -70 -89 -99 -105 -120 -147 154 114 dB 22.26 20.41 17.93 17.28 14.72 13.41 12.64 11.27 9.54 7.41 5.86 S21 Mag 12.98 10.49 7.88 7.31 5.45 4.68 4.29 3.66 3.00 2.35 1.96 Ang 170 136 113 109 91 83 78 69 57 40 24 dB -40.75 -28.46 -25.18 -24.53 -22.46 -21.45 -20.87 -19.79 -18.34 -16.45 -14.84 S12 Mag 0.01 0.04 0.06 0.06 0.08 0.08 0.09 0.10 0.12 0.15 0.18
30
Ang 82 66 58 57 54 53 52 50 48 43 38
Mag 0.97 0.83 0.72 0.70 0.63 0.60 0.59 0.57 0.55 0.53 0.52
S22 Ang -5 -22 -30 -31 -36 -38 -39 -42 -46 -55 -63
AT-30511 Typical Noise Parameters,
Common Emitter, ZO = 50 , 5 V, IC = 5 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 1.1 1.2 1.5 1.8 Mag 0.77 0.71 0.60 0.51
GAIN (dB)
OPT Ang 9 18 45 65
Rn 1.10 0.96 0.66 0.47
20
MSG
S21 10
MAG
0
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 25. AT-30511 Gains vs. Frequency at VCE = 5 V, IC = 5 mA.
AT-30533 Typical Scattering Parameters, VCE = 5 V, IC = 5 mA, Common Emitter, ZO = 50
Freq. GHz 0.1 0.5 0.9 1.0 1.5 1.8 2.0 2.4 3.0 4.0 5.0 Mag 0.86 0.59 0.40 0.37 0.27 0.24 0.23 0.20 0.18 0.17 0.16 S11 Ang -11 -37 -43 -43 -40 -37 -35 -30 -24 -14 -2 dB 22.22 18.69 15.19 14.43 11.49 10.11 9.33 7.97 6.40 4.58 3.37 S21 Mag 12.92 8.60 5.75 5.27 3.75 3.20 2.93 2.50 2.09 1.70 1.47 Ang 165 122 101 97 82 75 70 62 51 36 21 dB -40.16 -28.05 -24.14 -23.37 -20.30 -18.88 -18.05 -16.55 -14.64 -12.00 -9.83 S12 Mag 0.01 0.04 0.06 0.07 0.10 0.11 0.13 0.15 0.19 0.25 0.32
30
Ang 83 72 70 70 68 67 66 64 61 54 46
Mag 0.98 0.81 0.74 0.73 0.70 0.69 0.68 0.67 0.66 0.64 0.61
S22 Ang -5 -18 -22 -22 -26 -28 -30 -33 -38 -49 -60
AT-30533 Typical Noise Parameters,
Common Emitter, ZO = 50 , 5 V, IC = 5 mA Freq GHz 0.5[2] 0.9 1.8 2.4 Fmin[1] dB 1.1 1.2 1.5 1.8 Mag 0.71 0.61 0.42 0.28
GAIN (dB)
OPT Ang 8 16 39 57
Rn 0.78 0.66 0.41 0.25
20
MSG MAG
10
S21
MSG
0
Notes: 1. Matching constraints may make Fmin values associated with high |opt| values unachievable in physical circuits. See Fig. 2 for expected performance. 2. 0.5 GHz noise parameter values are extrapolated, not measured.
0
1
2
3
4
5
FREQUENCY (GHz)
Figure 26. AT-30533 Gains vs. Frequency at VCE = 5 V, IC = 5 mA.
10
Ordering Information
Part Number AT-30511-BLK AT-30511-TR1 AT-30533-BLK AT-30533-TR1 Increment 100 3000 100 3000 Comments Bulk 7" Reel Bulk 7" Reel
Package Dimensions
SOT-23 Plastic Package
1.02 (0.040) 0.89 (0.035) 0.54 (0.021) 0.37 (0.015) C PACKAGE MARKING CODE B 0.60 (0.024) 0.45 (0.018) 1.40 (0.055) 1.20 (0.047) E 2.65 (0.104) 2.10 (0.083)
XXX
2.04 (0.080) 1.78 (0.070)
TOP VIEW
3.06 (0.120) 2.80 (0.110) 1.02 (0.041) 0.85 (0.033) 0.10 (0.004) 0.013 (0.0005)
SIDE VIEW
0.152 (0.006) 0.066 (0.003)
0.69 (0.027) 0.45 (0.018)
END VIEW
DIMENSIONS ARE IN MILLIMETERS (INCHES)
SOT-143 Plastic Package
0.92 (0.036) 0.78 (0.031) PACKAGE MARKING CODE E C XXX B E 0.54 (0.021) 0.37 (0.015) 1.40 (0.055) 1.20 (0.047) 2.65 (0.104) 2.10 (0.083)
0.60 (0.024) 0.45 (0.018) 2.04 (0.080) 1.78 (0.070) 3.06 (0.120) 2.80 (0.110)
0.15 (0.006) 0.09 (0.003) 1.02 (0.041) 0.85 (0.033) 0.10 (0.004) 0.013 (0.0005) DIMENSIONS ARE IN MILLIMETERS (INCHES) 0.69 (0.027) 0.45 (0.018)
www.semiconductor.agilent.com Data subject to change. Copyright (c) 1999 Agilent Technologies 5965-8918E (11/99)


▲Up To Search▲   

 
Price & Availability of AT-30511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X