|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0026612160 Active 3.96mm (.156") Pitch KK(R) Solid Header, Vertical, without Peg, 16 Circuits, Gold (Au) Plating Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-08-50 (PDF) Product Specification PS-40-02 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Product Name PCB Headers 41771 Board-to-Board, Wire-to-Board KK(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 16 16 Natural 50 94V-0 No None Brass Gold Gold Polyester 1 Vertical 0.140 In 3.56 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm 20 0.5 20 0.5 Yes No Partial Yes 0C to +75C Through Hole Search Parts in this Series 41771Series Mates With 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , L ink:41815 Electrical Current - Maximum per Contact Voltage - Maximum 7A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235 Material Info Old Part Number 41771-0033 Reference - Drawing Numbers Product Specification Sales Drawing PS-08-50, PS-40-02 SD-41771-001 This document was generated on 04/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION 41771 Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-60-2020 26-60-2030 26-60-2040 26-60-2050 26-60-2060 26-60-2070 26-60-2080 26-60-2090 26-60-2100 26-60-2110 26-60-2120 26-60-2130 26-60-2140 26-60-2150 26-60-2160 26-60-2170 26-60-2180 REV: X P T Gold Loc G A-41771-0002/0018 41770-0002/0018 2161-94 (102) 102 - TIN 18.29 / .720 11.43 / .450 N/A 3.56 / .140 OVERALL NONE PK-41771-001 Engineer Number A-41771-0002 A-41771-0003 A-41771-0004 A-41771-0005 A-41771-0006 A-41771-0007 A-41771-0008 A-41771-0009 A-41771-0010 A-41771-0011 A-41771-0012 A-41771-0013 A-41771-0014 A-41771-0015 A-41771-0016 A-41771-0017 A-41771-0018 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 41771-0899 41771-0900 41771-0901 41771-0902 41771-0903 41771-0904 41771-0905 41771-0906 41771-0907 41771-0908 41771-0909 41771-0910 41771-0911 41771-0912 41771-0913 41771-0914 41771-0915 X P T Gold Loc G A-41771-0899/0915 41770-0002/0018 43294-0209 208 - GOLD 18.29 / .720 11.43 / .450 6.86 / .270 3.56 / .140 4.06 / .160 NONE PK-41771-001 Engineer Number A-41771-0899 A-41771-0900 A-41771-0901 A-41771-0902 A-41771-0903 A-41771-0904 A-41771-0905 A-41771-0906 A-41771-0907 A-41771-0908 A-41771-0909 A-41771-0910 A-41771-0911 A-41771-0912 A-41771-0913 A-41771-0914 A-41771-0915 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 41771-0916 41771-0917 41771-0918 41771-0919 41771-0920 41771-0921 41771-0922 41771-0923 41771-0924 41771-0925 41771-0926 41771-0927 41771-0928 41771-0929 41771-0930 41771-0931 41771-0932 X P T Gold Loc G A-41771-0916/0932 41770-0002/0018 43294-0210 228 - GOLD 18.29 / .720 11.43 / .450 6.86 / .270 3.56 / .140 4.06 / .160 NONE PK-41771-001 Engineer Number A-41771-0916 A-41771-0917 A-41771-0918 A-41771-0919 A-41771-0920 A-41771-0921 A-41771-0922 A-41771-0923 A-41771-0924 A-41771-0925 A-41771-0926 A-41771-0927 A-41771-0928 A-41771-0929 A-41771-0930 A-41771-0931 A-41771-0932 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 26-60-2021 26-60-2031 26-60-2041 26-60-2051 26-60-2061 26-60-2071 26-60-2081 26-60-2091 26-60-2101 26-60-2111 26-60-2121 26-60-2131 26-60-2141 26-60-2151 26-60-2161 26-60-2171 26-60-2181 X P T Gold Loc G A-41771-0036/0052 41770-0002/0018 2161-3 (102) 102 - TIN 23.80 /. 937 16.89 / .665 N/A 3.61 / .142 OVERALL NONE PK-41771-002 Engineer Number A-41771-0036 A-41771-0037 A-41771-0038 A-41771-0039 A-41771-0040 A-41771-0041 A-41771-0042 A-41771-0043 A-41771-0044 A-41771-0045 A-41771-0046 A-41771-0047 A-41771-0048 A-41771-0049 A-41771-0050 A-41771-0051 A-41771-0052 SHEET No. Voided Ckts Voided Ckts Voided Ckts Voided Ckts ECR/ECN NFORMATION: EC No.: DATE: TITLE: H3 UCP2010-1257 11/30/2009 CREATED / REVISED BY: KK 156 HEADER ASSY FLAT VERT W/O PEGS CHECKED BY: -2APPROVED BY: DOCUMENT NUMBER: SD- 41771-001 MKIPPER SSOUSEK FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41771 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 41771-0933 41771-0934 41771-0935 41771-0936 41771-0937 41771-0938 41771-0939 41771-0940 41771-0941 41771-0942 41771-0943 41771-0944 41771-0945 41771-0946 41771-0947 41771-0948 41771-0949 REV: X P T Gold Loc G A-41771-0933/0949 41770-0002/0018 43294-0415 208 - GOLD 23.88 / .940 16.89 / .665 8.89 / .350 3.68 / .145 4.06 / .160 NONE PK-41771-002 Engineer Number A-41771-0933 A-41771-0934 A-41771-0935 A-41771-0936 A-41771-0937 A-41771-0938 A-41771-0939 A-41771-0940 A-41771-0941 A-41771-0942 A-41771-0943 A-41771-0944 A-41771-0945 A-41771-0946 A-41771-0947 A-41771-0948 A-41771-0949 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 41771-0950 41771-0951 41771-0952 41771-0953 41771-0954 41771-0955 41771-0956 41771-0957 41771-0958 41771-0959 41771-0960 41771-0961 41771-0962 41771-0963 41771-0964 41771-0965 41771-0966 X P T Gold Loc G A-41771-0950/0966 41770-0002/0018 43294-0416 228 - GOLD 23.88 /. 940 16.89 / .665 8.89 / .350 3.68 / .145 4.06 / .160 NONE PK-41771-002 Engineer Number A-41771-0950 A-41771-0951 A-41771-0952 A-41771-0953 A-41771-0954 A-41771-0955 A-41771-0956 A-41771-0957 A-41771-0958 A-41771-0959 A-41771-0960 A-41771-0961 A-41771-0962 A-41771-0963 A-41771-0964 A-41771-0965 A-41771-0966 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 26-61-2020 26-61-2030 26-61-2040 26-61-2050 26-61-2060 26-61-2070 26-61-2080 26-61-2090 26-61-2100 26-61-2110 26-61-2120 26-61-2130 26-61-2140 26-61-2150 26-61-2160 26-61-2170 26-61-2180 X P T Gold Loc G A-41771-0019/0035 41770-0002/0018 2161-94 (501) 501 - GOLD 18.29 / .720 11.43 / .450 OVERALL 3.56 / .140 N/A NONE PK-41771-001 Engineer Number A-41771-0019 A-41771-0020 A-41771-0021 A-41771-0022 A-41771-0023 A-41771-0024 A-41771-0025 A-41771-0026 A-41771-0027 A-41771-0028 A-41771-0029 A-41771-0030 A-41771-0031 A-41771-0032 A-41771-0033 A-41771-0034 A-41771-0035 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 26-61-2021 26-61-2031 26-61-2041 26-61-2051 26-61-2061 26-61-2071 26-61-2081 26-61-2091 26-61-2101 26-61-2111 26-61-2121 26-61-2131 26-61-2141 26-61-2151 26-61-2161 26-61-2171 26-61-2181 X P T Gold Loc G A-41771-0053/0069 41770-0002/0018 2161-3 (501) 501 - GOLD 23.80 /. 937 16.89 / .665 OVERALL 3.61 / .142 N/A NONE PK-41771-002 Engineer Number A-41771-0053 A-41771-0054 A-41771-0055 A-41771-0056 A-41771-0057 A-41771-0058 A-41771-0059 A-41771-0060 A-41771-0061 A-41771-0062 A-41771-0063 A-41771-0064 A-41771-0065 A-41771-0066 A-41771-0067 A-41771-0068 A-41771-0069 SHEET No. Voided Ckts Voided Ckts Voided Ckts Voided Ckts ECR/ECN NFORMATION: EC No.: DATE: TITLE: H3 UCP2010-1257 11/30/2009 CREATED / REVISED BY: KK 156 HEADER ASSY FLAT VERT W/O PEGS CHECKED BY: -3APPROVED BY: DOCUMENT NUMBER: SD- 41771-001 MKIPPER SSOUSEK FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41771 Group Header No: Pin No: Plating: Pin Length L Mating X Gold Loc G PC Tail P Tin Loc T Voided Ckts Pack Per CKTS A-41771-0115/0131 41770-0002/0018 2161-94 (102) 102 - TIN 18.29 / .720 11.43 / .450 N/A 3.56 / .140 OVERALL 2 PK-41771-001 Engineer Number A-41771-0115 A-41771-0116 A-41771-0117 A-41771-0118 A-41771-0119 A-41771-0120 A-41771-0121 A-41771-0122 A-41771-0123 A-41771-0124 A-41771-0125 A-41771-0126 A-41771-0127 A-41771-0128 A-41771-0129 A-41771-0130 A-41771-0131 Group Header No: Pin No: Plating: Pin Length L Mating X Gold Loc G PC Tail P Tin Loc T Voided Ckts Pack Per Material No 26-60-2023 26-60-2033 26-60-2043 26-60-2053 26-60-2063 26-60-2073 26-60-2083 26-60-2093 26-60-2103 26-60-2113 26-60-2123 26-60-2133 26-60-2143 26-60-2153 26-60-2163 26-60-2173 26-60-2183 A-41771-0195/0211 41770-0002/0018 2161-7 (102) 102 - TIN 39.67 / 1.562 22.02 / 1.300 N/A 3.35 / .132 OVERALL NONE PK-41771-003 Engineer Number A-41771-0195 A-41771-0196 A-41771-0197 A-41771-0198 A-41771-0199 A-41771-0200 A-41771-0201 A-41771-0202 A-41771-0203 A-41771-0204 A-41771-0205 A-41771-0206 A-41771-0207 A-41771-0208 A-41771-0209 A-41771-0210 A-41771-0211 Group Header No: Pin No: Plating: Pin Length L Mating X Gold Loc G PC Tail P Tin Loc T Voided Ckts Pack Per Material No 27-60-2021 A-41771-0212/0228 41770-0002/0018 2161-70 (102) 102 - TIN 39.67 / .915 16.18 / .637 N/A 3.76 / .148 OVERALL NONE PK-41771-002 Engineer Number A-41771-0212 A-41771-0213 A-41771-0214 A-41771-0215 A-41771-0216 A-41771-0217 A-41771-0218 A-41771-0219 A-41771-0220 A-41771-0221 A-41771-0222 A-41771-0223 A-41771-0224 A-41771-0225 A-41771-0226 A-41771-0227 A-41771-0228 Group Header No: Pin No: Plating: Pin Length L Mating X Gold Loc G PC Tail P Tin Loc T Voided Ckts Pack Per Material No 27-60-2022 27-60-2032 27-60-2042 27-60-2052 27-60-2062 27-60-2072 27-60-2082 27-60-2092 27-60-2102 27-60-2112 27-60-2122 27-60-2132 27-60-2142 27-60-2152 27-60-2162 27-60-2172 27-60-2182 A-41771-0229/0245 41770-0002/0018 2161-21 (102) 102 - TIN 28.58 / 1.125 21.44 / .844 N/A 3.84 / .151 OVERALL NONE PK-41771-003 Engineer Number A-41771-0229 A-41771-0230 A-41771-0231 A-41771-0232 A-41771-0233 A-41771-0234 A-41771-0235 A-41771-0236 A-41771-0237 A-41771-0238 A-41771-0239 A-41771-0240 A-41771-0241 A-41771-0242 A-41771-0243 A-41771-0244 A-41771-0245 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-62-2020 26-62-2030 26-62-2040 26-62-2050 26-62-2060 26-62-2070 26-62-2080 26-62-2090 26-62-2100 26-62-2110 26-62-2120 26-62-2130 26-62-2140 26-62-2150 26-62-2160 26-62-2170 26-62-2180 27-60-2071 27-60-2081 27-60-2101 27-60-2121 REV: ECR/ECN NFORMATION: EC No.: DATE: TITLE: H3 UCP2010-1257 11/30/2009 CREATED / REVISED BY: KK 156 HEADER ASSY FLAT VERT W/O PEGS CHECKED BY: SHEET No. -4APPROVED BY: DOCUMENT NUMBER: SD- 41771-001 MKIPPER SSOUSEK FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41771 Group Header No: Pin No: Plating: Mating PC Tail Tin Loc Pack Per CKTS A-41771-0695/0711 41770-0002/0018 2161-36 (501) 501 - GOLD X P T 13.49 / .531 13.69 / .539 N/A NONE PK-41771-003 Engineer Number A-41771-0695 A-41771-0696 A-41771-0697 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 41771-0882 41771-0883 41771-0884 41771-0885 41771-0886 41771-0887 41771-0888 41771-0889 41771-0890 41771-0891 41771-0892 41771-0893 41771-0894 41771-0895 41771-0896 41771-0897 41771-0898 X P T Gold Loc G A-41771-0882/0898 41770-0002/0018 2161-38 (501) 501 - GOLD 38.10 / 1.500 31.62 / 1.245 OVERALL 3.18 / .125 N/A NONE PK-41771-003 Engineer Number A-41771-0882 A-41771-0883 A-41771-0884 A-41771-0885 A-41771-0886 A-41771-0887 A-41771-0888 A-41771-0889 A-41771-0890 A-41771-0891 A-41771-0892 A-41771-0893 A-41771-0894 A-41771-0895 A-41771-0896 A-41771-0897 A-41771-0898 TITLE: Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No X P T Gold Loc G A-417710763/0771 41770-0002/0018 2161-94 (102) 102 - TIN 18.29 / .720 11.43 / .450 N/A 3.84 / .140 OVERALL 3, 5, 7, 8, 10 PK-41771-001 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No X P T Gold Loc G A-41771-0772/0780 41770-0002/0018 2161-94 (102) 102 - TIN 18.29 / .720 11.43 / .450 N/A 3.84 / .140 OVERALL 3, 10 PK-41771-001 Engineer Number Pin Length L 30.48 / 1.200 Gold Loc G OVERALL Voided Ckts Voided Ckts Voided Ckts Voided Ckts Material No 2 3 4 5 6 7 8 9 10 11 26-61-2052 A-41771-0698 A-41771-0699 A-41771-0700 26-61-2082 A-41771-0701 A-41771-0702 A-41771-0703 A-41771-0704 A-41771-0705 A-41771-0706 A-41771-0707 A-41771-0708 A-41771-0709 A-41771-0710 A-41771-0711 A-41771-0763 27-66-2110 A-41771-0764 A-41771-0765 A-41771-0766 A-41771-0767 A-41771-0768 A-41771-0769 A-41771-0770 A-41771-0771 27-66-2101 A-41771-0772 A-41771-0773 A-41771-0774 A-41771-0775 A-41771-0776 A-41771-0777 A-41771-0778 A-41771-0779 A-41771-0780 SHEET No. 12 13 14 15 16 17 18 REV: ECR/ECN NFORMATION: EC No.: DATE: H3 UCP2010-1257 11/30/2009 CREATED / REVISED BY: KK 156 HEADER ASSY FLAT VERT W/O PEGS CHECKED BY: -5APPROVED BY: DOCUMENT NUMBER: SD- 41771-001 MKIPPER SSOUSEK FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41771 Group Header No: Pin No: Plating: Mating PC Tail Tin Loc Pack Per CKTS A-41771-0781/0787 41770-0002/0018 2161-94 (102) 102 - TIN X P T 11.43 / .450 3.84 / .140 OVERALL 4, 12 PK-41771-001 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 41771-0972 41771-0973 41771-0974 41771-0975 41771-0976 41771-0977 41771-0978 41771-0979 41771-0980 41771-0981 X P T Gold Loc G A-41771-0972/0988 41770-0002/0018 2161-5(102) 102 - TIN 34.93 / 1.375 15.80 / .622 NA 15.82 / .623 OVERAL NONE PK-41771-003 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No 41771-1007 X P T Gold Loc G A-41771-1007 41770-0003 43294-0212 222 - TIN 18.29 / .720 11.43 / .450 N/A 3.56 / .140 OVERALL 2 PK-41771-001 Group Header No: Pin No: Plating: Pin Length L Mating PC Tail Tin Loc Pack Per Material No Engineer Number X P T Gold Loc G Pin Length L 18.29 / .720 Gold Loc G N/A Voided Ckts Voided Ckts Voided Ckts Voided Ckts Material No 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 27-66-2122 A-41771-0781 A-41771-0782 A-41771-0783 A-41771-0784 A-41771-0785 A-41771-0786 A-41771-0787 41771-0982 41771-0983 41771-0984 41771-0985 41771-0986 41771-0987 41771-0988 TITLE: REV: ECR/ECN NFORMATION: EC No.: DATE: H3 UCP2010-1257 11/30/2009 CREATED / REVISED BY: KK 156 HEADER ASSY FLAT VERT W/O PEGS CHECKED BY: SHEET No. -6APPROVED BY: DOCUMENT NUMBER: SD- 41771-001 MKIPPER SSOUSEK FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC |
Price & Availability of 26-61-2160 |