Part Number Hot Search : 
0000X BUS24B 10TFI0 ZX84C8V BTA92 L9637D SP211CA ZSC31014
Product Description
Full Text Search
 

To Download 26-60-5060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0026605060 Active
kk 3.96mm (.156") Pitch KK(R) Solid Header, Right Angle, with Friction Lock, 6 Circuits, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-08-50 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 41792 Wire-to-Board kk KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 6 6 Natural 25 94V-0 No Yes Brass Tin Tin Polyester 1 Right Angle 0.156 In 3.96 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm 200 5 200 5 Yes No Partial Yes 0C to +75C Through Hole
Search Parts in this Series 41792Series Mates With 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , L ink:41815
Electrical
Current - Maximum per Contact Voltage - Maximum 7A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235
Material Info
Old Part Number 41792-0006
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-41792-002 PS-08-50 SDA-41792
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
41792
Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-60-5020 26-60-5030 26-60-5040 26-60-5050 26-60-5060 26-60-5070 26-60-5080 26-60-5090 26-60-5100 26-60-5110 26-60-5120 26-60-5130 26-60-5140 26-60-5150 26-60-5160 26-60-5170 26-60-5180 REV: M Y P T Gold Loc G A-41792-0002/0018 41790-0002/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96/ .156 OVERALL NONE PK-41792-002 Engineer Number A-41792-0002 A-41792-0003 A-41792-0004 A-41792-0005 A-41792-0006 A-41792-0007 A-41792-0008 A-41792-0009 A-41792-0010 A-41792-0011 A-41792-0012 A-41792-0013 A-41792-0014 A-41792-0015 A-41792-0016 A-41792-0017 A-41792-0018 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 41792-0511 41792-0512 41792-0513 41792-0514 41792-0515 41792-0516 41792-0517 41792-0518 41792-0519 41792-0520 41792-0521 41792-0522 41792-0523 41792-0524 41792-0525 41792-0526 41792-0527 M Y P T Gold Loc G A-41792-0511/0527 41790-0002/0018 43294-0569 208 - 15 GOLD 27.94 / 1.100 11.43 / .450 6.86/ .270 5.41 / .213 3.96/ .156 5.08/ .200 NONE PK-41792-002 Engineer Number A-41792-0511 A-41792-0512 A-41792-0513 A-41792-0514 A-41792-0515 A-41792-0516 A-41792-0517 A-41792-0518 A-41792-0519 A-41792-0520 A-41792-0521 A-41792-0522 A-41792-0523 A-41792-0524 A-41792-0525 A-41792-0526 A-41792-0527 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 41792-0528 41792-0529 41792-0530 41792-0531 41792-0532 41792-0533 41792-0534 41792-0535 41792-0536 41792-0537 41792-0538 41792-0539 41792-0540 41792-0541 41792-0542 41792-0543 41792-0544 M Y P T Gold Loc G A-41792-0528/0544 41790-0002/0018 43294-0570 228 - 30 GOLD 27.94 / 1.100 11.43 / .450 6.86/ .270 5.41 / .213 3.96/ .156 5.08/ .200 NONE PK-41792-002 Engineer Number A-41792-0528 A-41792-0529 A-41792-0530 A-41792-0531 A-41792-0532 A-41792-0533 A-41792-0534 A-41792-0535 A-41792-0536 A-41792-0537 A-41792-0538 A-41792-0539 A-41792-0540 A-41792-0541 A-41792-0542 A-41792-0543 A-41792-0544 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 41792-0562 41792-0563 41792-0564 41792-0565 41792-0566 41792-0567 41792-0568 41792-0569 41792-0570 41792-0571 41792-0572 41792-0573 41792-0574 41792-0575 41792-0576 41792-0577 41792-0578 M Y P T Gold Loc G A-41792-0562/0578 41790-0002/0018 43294-0570 228 - 30 GOLD 27.94 / 1.100 11.43 / .450 6.86/ .270 5.41 / .213 3.96/ .156 5.08/ .200 2 PK-41792-002 Engineer Number A-41792-0562 A-41792-0563 A-41792-0564 A-41792-0565 A-41792-0566 A-41792-0567 A-41792-0568 A-41792-0569 A-41792-0570 A-41792-0571 A-41792-0572 A-41792-0573 A-41792-0574 A-41792-0575 A-41792-0576 A-41792-0577 A-41792-0578 SHEET No.
Voided Ckts
Voided Ckts
Voided Ckts
Voided Ckts
ECR/ECN INFORMATION: EC No.: DATE:
TITLE:
H6
UCP2008-2821 6/23/2008
CREATED / REVISED BY:
KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS
CHECKED BY:
-2APPROVED BY:
DOCUMENT NUMBER:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
41792
Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-61-5020 26-61-5030 26-61-5040 26-61-5050 26-61-5060 26-61-5070 26-61-5080 26-61-5090 26-61-5100 26-61-5110 26-61-5120 26-61-5130 26-61-5140 26-61-5150 26-61-5160 26-61-5170 26-61-5180 REV: M Y P T Gold Loc G A-41792-0019/0035 41790-0002/0018 2161-37(501) 501 - GOLD 27.94 / 1.100 11.43 / .450 OVERALL 5.41 / .213 3.96/ .156 N/A NONE PK-41792-002 Engineer Number A-41792-0019 A-41792-0020 A-41792-0021 A-41792-0022 A-41792-0023 A-41792-0024 A-41792-0025 A-41792-0026 A-41792-0027 A-41792-0028 A-41792-0029 A-41792-0030 A-41792-0031 A-41792-0032 A-41792-0033 A-41792-0034 A-41792-0035 ECR/ECN INFORMATION: EC No.: DATE: 26-61-5043 26-61-5053 26-61-5063 26-61-5073 26-61-5083 26-61-5093 26-61-5103 26-61-5113 26-61-5123 26-61-5133 26-61-5143 26-61-5153 26-61-5163 26-61-5173 26-61-5183 TITLE: A-41792-0036 A-41792-0037 A-41792-0038 A-41792-0039 A-41792-0040 A-41792-0041 A-41792-0042 A-41792-0043 A-41792-0044 A-41792-0045 A-41792-0046 A-41792-0047 A-41792-0048 A-41792-0049 A-41792-0050 26-60-5041 A-41792-0053 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0036/0050 41790-0004/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96/ .156 OVERALL 4 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0051/0067 41790-0002/0018 2161-64(102) 102 - TIN 29.85 / 1.175 13.28 / .523 N/A 5.41 / .213 4.01 / .158 OVERALL NONE PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No Engineer Number M Y P T Gold Loc G
Voided Ckts
Voided Ckts
Voided Ckts
Voided Ckts
H6
UCP2008-2821 6/23/2008
CREATED / REVISED BY:
KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS
CHECKED BY:
SHEET No.
-3APPROVED BY:
DOCUMENT NUMBER:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
41792
Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 26-62-5031 26-62-5041 26-62-5051 26-62-5061 26-62-5071 26-62-5081 26-62-5091 26-62-5101 26-62-5111 26-62-5121 26-62-5131 26-62-5141 26-62-5151 26-62-5161 26-62-5171 26-62-5181 REV: A-41792-0198 A-41792-0199 A-41792-0200 A-41792-0201 A-41792-0202 A-41792-0203 A-41792-0204 A-41792-0205 A-41792-0206 A-41792-0207 A-41792-0208 A-41792-0209 A-41792-0210 A-41792-0211 A-41792-0212 A-41792-0213 41792-0214 26-62-5060 41792-0216 41792-0217 41792-0218 26-62-5100 41792-0220 41792-0221 41792-0222 41792-0223 41792-0224 41792-0225 41792-0226 41792-0227 A-41792-0214 A-41792-0215 A-41792-0216 A-41792-0217 A-41792-0218 A-41792-0219 A-41792-0220 A-41792-0221 A-41792-0222 A-41792-0223 A-41792-0224 A-41792-0225 A-41792-0226 A-41792-0227 26-62-5035 26-62-5045 26-62-5055 26-62-5065 26-62-5075 26-62-5085 26-62-5095 26-62-5105 26-62-5115 26-62-5125 26-62-5135 26-62-5145 26-62-5155 26-62-5165 26-62-5175 26-62-5185 A-41792-0242 A-41792-0243 A-41792-0244 A-41792-0245 A-41792-0246 A-41792-0247 A-41792-0248 A-41792-0249 A-41792-0250 A-41792-0251 A-41792-0252 A-41792-0253 A-41792-0254 A-41792-0255 A-41792-0256 A-41792-0257 41792-0341 41792-0342 41792-0343 26-62-5104 26-62-5114 41792-0346 41792-0347 41792-0348 41792-0349 41792-0350 41792-0351 41792-0352 A-41792-0341 A-41792-0342 A-41792-0343 A-41792-0344 A-41792-0345 A-41792-0346 A-41792-0347 A-41792-0348 A-41792-0349 A-41792-0350 A-41792-0351 A-41792-0352 SHEET No. Material No M Y P T Gold Loc G A-41792-0198/0213 41790-0002/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0214/0227 41790-0005/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 5 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0242/0257 41790-0003/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 3 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0341/0352 41790-0007/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 7 PK-41792-002 Engineer Number
Voided Ckts
Voided Ckts
Voided Ckts
Voided Ckts
ECR/ECN INFORMATION: EC No.: DATE:
TITLE:
H6
UCP2008-2821 6/23/2008
CREATED / REVISED BY:
KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS
CHECKED BY:
-4APPROVED BY:
DOCUMENT NUMBER:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
41792
Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 41792-0460 41792-0461 26-60-5096 41792-0463 41792-0464 41792-0465 41792-0466 41792-0467 41792-0468 41792-0469 41792-0470 41792-0471 REV: A-41792-0460 A-41792-0461 A-41792-0462 A-41792-0463 A-41792-0464 A-41792-0465 A-41792-0466 A-41792-0467 A-41792-0468 A-41792-0469 A-41792-0470 A-41792-0471 ECR/ECN INFORMATION: EC No.: DATE: 26-60-5087 A-41792-0472 A-41792-0473 A-41792-0474 A-41792-0475 A-41792-0476 A-41792-0477 A-41792-0478 A-41792-0479 A-41792-0480 A-41792-0481 A-41792-0482 A-41792-0483 TITLE: 26-60-5128 A-41792-0484 A-41792-0485 A-41792-0486 A-41792-0487 A-41792-0488 A-41792-0489 A-41792-0490 A-41792-0491 A-41792-0492 A-41792-0493 Material No M Y P T Gold Loc G A-41792-0460/0471 41790-0007/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 7 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0472/0483 41790-0007/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 4, 7 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0484/0493 41790-0009/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 5, 9 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 50-29-1904 50-29-1905 50-29-1906 50-29-1907 50-29-1908 50-29-1909 50-29-1910 50-29-1911 50-29-1912 50-29-1913 50-29-1914 50-29-1915 50-29-1916 50-29-1917 50-29-1918 50-29-1919 50-29-1920 M Y P T Gold Loc G A-41792-0579/0595 41790-0002/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96/ .156 OVERALL NONE PK-41792-002 Engineer Number A-41792-0579 A-41792-0580 A-41792-0581 A-41792-0582 A-41792-0583 A-41792-0584 A-41792-0585 A-41792-0586 A-41792-0587 A-41792-0588 A-41792-0589 A-41792-0590 A-41792-0591 A-41792-0592 A-41792-0593 A-41792-0594 A-41792-0595 SHEET No.
Voided Ckts
Voided Ckts
Voided Ckts
Voided Ckts
H6
UCP2008-2821 6/23/2008
CREATED / REVISED BY:
KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS
CHECKED BY:
-5APPROVED BY:
DOCUMENT NUMBER:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
41792
Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 50-29-1926 50-29-1927 50-29-1928 50-29-1929 50-29-1930 50-29-1931 50-29-1932 50-29-1933 50-29-1934 50-29-1935 50-29-1936 50-29-1937 REV: A-41792-0601 A-41792-0602 A-41792-0603 A-41792-0604 A-41792-0605 A-41792-0606 A-41792-0607 A-41792-0608 A-41792-0609 A-41792-0610 A-41792-0611 A-41792-0612 50-29-1945 50-29-1946 50-29-1947 50-29-1948 50-29-1949 50-29-1950 50-29-1951 50-29-1952 50-29-1953 50-29-1954 A-41792-0620 A-41792-0621 A-41792-0622 A-41792-0623 A-41792-0624 A-41792-0625 A-41792-0626 A-41792-0627 A-41792-0628 A-41792-0629 41792-0633 A-41792-0630 A-41792-0631 A-41792-0632 A-41792-0633 A-41792-0634 A-41792-0635 A-41792-0636 A-41792-0637 A-41792-0638 A-41792-0639 Material No M Y P T Gold Loc G A-41792-0596/0612 41790-0007/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 7 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0613/0629 41790-0009/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 5, 9 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0484/0493 41790-0009/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 5, 9 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No Engineer Number M Y P T Gold Loc G
Voided Ckts
Voided Ckts
Voided Ckts
Voided Ckts
ECR/ECN INFORMATION: EC No.: DATE:
TITLE:
H6
UCP2008-2821 6/23/2008
CREATED / REVISED BY:
KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS
CHECKED BY:
SHEET No.
-6APPROVED BY:
DOCUMENT NUMBER:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC


▲Up To Search▲   

 
Price & Availability of 26-60-5060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X