Part Number Hot Search : 
FM203 M29LV GJ88L02 63245 MRF9030 MCP79510 052418 CBC3105
Product Description
Full Text Search
 

To Download 1N4148W-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
1N4148W-V
Vishay Semiconductors
Small Signal Fast Switching Diode
Features
* These diodes are also available in other case styles including the DO-35 case with the type designation 1N4148, the Mine3 iMELF case with the type designation LL4148, and the SOT-23 case with the type designation IMBD4148. * Silicon Epitaxial Planar Diode * Fast switching diodes * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
17431
Mechanical Data
Case: SOD-123 Plastic case Weight: approx. 9.3 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part 1N4148W-V
.com
Ordering code 1N4148W-V-GS18 or 1N4148W-V-GS08 A2 Marking Remarks Tape and Reel
DataShee
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Peak reverse voltage Average rectified current half wave rectification with resistive load Surge forward current Power dissipation
1)
Test condition
Symbol VR VRM
Value 75 100 150
1)
Unit V V mA
f 50 Hz
IF(AV)
t < 1 s and Tj = 25 C
IFSM Ptot
500 400
1)
mA mW
Valid provided that electrodes are kept at ambient temperature.
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature
1)
Test condition
Symbol RthJA Tj TS
Value 4501) 150 - 65 to + 150
Unit C/W C C
Valid provided that electrodes are kept at ambient temperature.
Document Number 85748 Rev. 1.3, 06-Apr-05
www.vishay.com 1
.com
.com DataSheet 4 U .com
www..com
1N4148W-V
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Leakage current Test condition IF = 10 mA VR = 20 V VR = 75 V VR = 20 V, TJ = 150 C Diode capacitance Voltage rise when switching ON (tested with 50 mA pulses) Reverse recovery time Rectification efficiency VF = VR = 0 V tested with 50 mA pulses, tp = 0.1 s, rise time < 30 ns, fp = (5 to 100) kHz IF = 10 mA, IR = 1 mA, VR = 6 V, RL = 100 f = 100 MHz, VRF = 2 V Ctot Vfr Symbol VF Min Typ. Max 1.0 25 5.0 50 4 2.5 Unit V nA A A pF ns
trr 0.45
4
ns
Rectification Efficiency Measurement Circuit
t4U.com
60 VRF = 2 V
.com
2 nF
5 k VO
DataShee
17436
www.vishay.com 2
Document Number 85748 Rev. 1.3, 06-Apr-05
.com
.com DataSheet 4 U .com
www..com
1N4148W-V
Vishay Semiconductors
Typical Characteristics (Tamb = 25 C unless otherwise specified)
17437
17440
Figure 1. Forward characteristics
Figure 4. Relative Capacitance vs. Reverse Voltage
t4U.com
.com
DataShee
17438
17441
Figure 2. Dynamic Forward Resistance vs. Forward Current
Figure 5. Leakage Current vs. Junction Temperature
17439
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
Document Number 85748 Rev. 1.3, 06-Apr-05
www.vishay.com 3
.com
.com DataSheet 4 U .com
www..com
1N4148W-V
Vishay Semiconductors
17442
Figure 6. Admissible Repetitive Peak Forward Current vs. Pulse Duration
Package Dimensions in mm (Inches)
1.35 (0.053) max.
0.1 (0.004) max.
0.25 (0.010) min.
0.15 (0.006) max.
t4U.com
0.55 (0.022)
.com Mounting Pad Layout
ISO Method E
DataShee
Cathode Band
3.85 (0.152)
2.85 (0.112)
2.55 (0.100)
3.55 (0.140)
1.40 (0.055) 1.70 (0.067) 1.40 (0.055)
0.72 (0.028)
2.40 (0.094)
17432
www.vishay.com 4
Document Number 85748 Rev. 1.3, 06-Apr-05
.com
.com DataSheet 4 U .com
www..com
1N4148W-V
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
t4U.com
.com
DataShee
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 85748 Rev. 1.3, 06-Apr-05
www.vishay.com 5
.com
.com DataSheet 4 U .com
www..com
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
t4U.com
.com
.com
Document Number: 91000 Revision: 08-Apr-05 www.vishay.com 1
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of 1N4148W-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X