Part Number Hot Search : 
LM6066 00AXI TA0328A ADG1401 NT6862 50105 BD53E42 ABT162
Product Description
Full Text Search
 

To Download WR12D1560K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WR-K SERIES
Single, dual and triple output
* * * * * * * Low profile - 0.91 inch high Efficiencies to 84% UL approved (Single outputs) 2:1 input range PCB or chassis mounting Pi input filter OVP on all outputs
[ 2 YEAR WARRANTY ]
WR-K Series devices are efficient, high power DC/DC converters with single, dual and triple outputs supplying 50 to 60 Watts. Their low profile 3.5 x 5.5 x 0.91 inch package provides a power density of 3.4 Watts per cubic inch. Efficiencies range from 78% to 84%. These converters feature unique dual power stages utilising forward converters with MOSFET switching at 100kHz. A Pi network input filter is also included. High efficiency is virtually constant down to 30% output loading. Other features include output short circuit protection, overvoltage protection, remote sensing of primary output, input surge protection and remote on/off control. The 2:1 input voltage ranges are 9 to 18VDC, 18 to 36VDC and 36 to 72VDC. Typical applications for WR-K Series power supplies include telecoms, distributed power systems and industrial automation.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Voltage adjustability Remote sense Line regulation Load regulation Note 3, 11 Ripple and noise Transient response Temperature coefficient Overvoltage protection Short circuit protection
All specifications are typical at nominal input, full load at 25C unless otherwise stated INPUT SPECIFICATIONS CONTINUED 1.0% Remote ON/OFF Logic compatibility Ec-ON Ec-OFF Shutdown idle current Input resistance Control common GENERAL SPECIFICATIONS CMOS or open collector TTL +5.5VDC min. or open-circuit max. 1.8VDC 5mA 0VDC Singles and duals, Note 7, 8 See Note 5, 6 HL-LL Triples, -5V output FL-0.25%FL Dual output Triples, -5V output 5Hz to 20MHz 25% step load, change
10% Yes
0.5%, max. 1% max. 1.0% max 2% max. 5.0% max. 75mV pk-pk 10mV rms, max.
Efficiency Isolation voltage See Note 9 Switching frequency Approvals and standards Case material Weight (without heatsink) MTBF
See table Input/output Input/case Fixed Safety
78%, min. 500VDC, min. 250VDC, min. 100kHz UL478 Black coated aluminium with non-conductive base
1.0% error band 500s recovery max. 0.02%/C, max.
See Note 4 All outputs
OVP clamp on all outputs Continuous automatic recovery
Single/dual Triple See Note 10
454g (16.03oz) 390g (13.77oz) 840,000 hours
INPUT SPECIFICATIONS Input voltage range 12VDC 24VDC 48VDC 9 to 18VDC 18 to 36VDC 36 to 72VDC 25mA 70mA 20mA 45mA
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient -25C to +55C Operating with -25C to +71C optional heatsink Operating, case -25C to +85C Non-operating amb. -55C to +105C Derating above Linearly to 0 Watts +85C case at +100C Cooling Free-air convection cooled or conduction Non-condensing Operating Non operating 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.5G rms (approx.)
No load input current
Singles, duals at 12Vin Triples at 12Vin Singles, duals at 24 and 48Vin Triples at 24 and 48Vin
Input filter Reverse voltage protection Surge protection Note 12
Pi network Internal shunt diode Use external fuse Transient clamp Relative humidity Altitude
Vibration, 5Hz to 500Hz Pressure
PAGE 1
DC/DC CONVERTERS
|
50-60W DC
50 to 60 Watt Wide input DC/DC converters
INPUT VOLTAGE OUTPUT VOLTAGE 1 OUTPUT VOLTAGE 2 OUTPUT VOLTAGE 3 OUTPUT POWER INPUT TYPICAL CURRENT (1) EFFICIENCY CASE OPTION (2) MODEL NUMBER
SINGLE OUTPUT 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 5V@10A 12V@5A 15V@4A 5V@10A 12V@5A 15V@4A 5V@10A 12V@5A 15V@4A - - - - - - - - - - - - - - - - - 50W 60W 60W 50W 60W 60W 50W 60W 60W 5.3A 6.3A 6.3A 2.7A 3.1A 3A 1.3A 1.6A 1.6A 78% 80% 80% 78% 80% 80% 78% 80% 80% -1, -3 -1, -1, -3 -1, -3 -1 -1 -1 -1 WR12S05/50K WR12S12/60K WR12S15/60K WR24S05/50K WR24S12/60K WR24S15/60K WR48S05/50K WR48S12/60K WR48S15/60K
DUAL OUTPUT, Note 11 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 5V@5A 12V@2.5A 15V@2A 5V@5A 12V@2.5A 15V@2A 5V@5A 5V@5A 12V@2.5A 5V@5A 5V@5A 12V@2.5A 15V@2A 12V@2.5A 12V@2.5A 15V@2A 12V@2.5A 5V@5A 12V@2.5A 12V@2.50A - - - - - - - - - - 50W 60W 60W 55W 60W 60W 55W 50W 60W 55W 5.2A 6.1A 6.1A 5.66A 3.05A 3.05A 2.83A 1.27A 1.49A 1.4A 80% 82% 82% 81% 82% 82% 81% 82% 84% 82% -1 -1 -1 -1, -3 -1, -3 -1, -3 -1, -3 -1 -1 -1 WR12D05/50K WR12D12/60K WR12D15/60K WR12D05-12/55K WR24D12/60K WR24D15/60K WR24D05-12/55K WR48D05/50K WR48D12/60K WR48D05-12/55K
TRIPLE OUTPUT, Note 11 9-18VDC 9-18VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC Notes
1 2 At nominal input voltage 12, 24 or 48VDC, full load. To order the optional heatsink on the PC mount model, add the suffix '-1' to the model number e.g. WR24D05-12/55K-1. To order the chassis mount version with barrier terminal strip, add the suffix '-3' to the model number e.g. WR24D05-12/55K-3. Limit one option per unit. No minimum load required for operation. 5V outputs clamped at 6.8V; 12V or 15V outputs clamped at 18V. Can compensate for up to 1V drop between converter and load (all singleoutput versions, and output 1 of dual-output and triple-output versions). Remote sense is provided on all singles, and output #1 of duals and triples. If remote sense is not being utilised on single output units, for normal operation pin 14 should be jumpered to pin 10 and pin 12 to pin 8. For dual output units, if remote sense is not being utilised, connect pin 11 to pin 10 and pin 8 to pin 9. Remote sense can compensate up to 1V drop between converter and load. Single output models: to trim up connect pin 13 to pin 12 through a 10k resistor; to trim down, connect pin 13 to pin 14 through a 10k resistor. Dual output models: the trim facility is provided only for output #2. To trim up connect pin 13 to pin 12 through a 10k resistor; to trim down connect pin 13 to pin 14 through a 10k resistor. 9 In many cases, the isolation specification may be upgraded. 10 MTBF figures are based on actual product performance. 11 The two-stage design of the WR-K Series provides isolation between outputs which means outputs can be referenced as either positive or negative. On dual output models, the outputs can be referenced as positive or negative. On triple output models. The 5V main output is isolated from the auxiliary outputs. No load sharing is possible. 12 For reverse input voltage protection, connect an external fuse in series with the input. 13 Fixed frequency design provides for easier input filtering and better noise performance. 14 Standard specifications are conservative and can be optimised for specific applications. In particular, converter start-up at lower than specified temperature, wider input voltage range, and, output voltage adjustment are all relatively simple modifications to the standard product. Consult factory for details.
+5V@5A +5V@5A +5V@5A +5V@5A +5V@5A +5V@5A +12V@2.5A +15V@2A
-12V@1.25A -15V@1A -12V@1.25A -15V@1A -12V@1.25A -15V@1A -5V@0.5A -5V@0.5A
+12V@1.25A +15V@1A +12V@1.25A +15V@1A +12V@1.25A +15V@1A +5V@5A +5V@5A
55W 55W 55W 55W 55W 55W 57.5W 57.5W
5.72A 5.72A 2.83A 2.83A 1.4A 1.4A 1.46A 1.46A
80% 80% 81% 81% 82% 82% 83% 83%
-1 -1, -3 -1, -3 -1, -3 -1 -1 -1 -1
WR12T05-12/55K WR12T05-15/55K WR24T05-12/55K WR24T05-15/55K WR48T05-12/55K WR48T05-15/55K WR48T12-05/55K WR48T15-05/55K
3 4 5 6
7 8
International Safety Standard Approvals
UL478 File No. E131987 (48V)
http://www.artesyn.com
PAGE 2
DC/DC CONVERTERS
|
50-60W DC
50 to 60 Watt Wide input DC/DC converters
PIN CONNECTIONS TERM SINGLE DUAL INPUTS 1 2 3 4 5 6 7 No Pin - Input - Input + Input + Input Control Case No Pin - Input - Input + Input + Input Control Case No Pin - Input - Input + Input + Input Control Case 8 9 10 11 12 13 14 - Output - Output + Output + Output - Sense Trim + Sense TRIPLE
(6,7,8)
TERM
SINGLE
DUAL OUTPUTS - Sense 1 - Output 1 + Output 1 + Sense 1 - Output 2 Trim 2 + Output 2
TRIPLE
- Sense 1 - Output 1 + Output 1 + Sense 1 - Output 2 Common 2 & 3 + Output 3
PC MOUNTING OPTIONAL HEATSINK
1.37 (34.8) 0.88 (22.4)
0.03 (.76) 0.60 (15.2) 0.375 (9.5) 4.300 (109)
0.040 TYP. (1.02)
0.22 MIN. (5.6)
1 2
3.50 (88.9) 3.000 5 SPACES (76.2) 0.375 EACH (9.5)
8
3 4 5 6 7
BOTTOM VIEW
9 10 11 12 13 14
6 SPACES 0.375 EACH (9.5)
0.625 (15.9)
5.50 (140)
ALL DIMENSIONS IN INCHES (mm)
CASE K3
CHASSIS MOUNTING
5.50 (140) 0.60 (15.2) 0.375 (9.5) 4.30 (109)
1 2
3.50 (88.9) 3.000 (76.2)
8 9
3 4 5 6 7
TOP VIEW
10 11 12 13 14
6 SPACES 0.375 EACH (9.5)
0.25 (6.4)
OPTIONAL BARRIER STRIPS
1.30 (34.8) 0.88 (22.4)
ALL DIMENSIONS IN INCHES (mm)
# 4-40 TAP 4 PLACES
PAGE 1
DS_WRK_19980401.PDF
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
http://www.artesyn.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of WR12D1560K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X