Part Number Hot Search : 
D74HC4 FSP33035 SA28AG M800H SAE0530 AX168 KBPC10 APM4048D
Product Description
Full Text Search
 

To Download TIO-PC-AMP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tr i path Technol ogy, I nc. - Techni cal I nfor m ati on
TIO-TA1101B STEREO 20W (4) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING T M TECHNOLOGY
Technical Information Revision 1.0 - February 2000
GENERAL DESCRIPTION
TM Digital Audio Power Amplifier Card that Tio is a complete two-channel Class-T is ready to install in any PC and drives passive home-stereo speakers. This card has the TA1101B amplifier on-board that uses Tripath's proprietary Digital Power ProcessingTM technology. Tio brings audiophile sound to the PC and packs 30Wrms of power into 4 at 10%THD+N. Tio is a 3" X 3 1/4" PC card that comes with all necessary cables and mounting hardware.
APPLICATIONS
FEATURES
OEM and Aftermarket PCs
BENEFITS
Fully integrated board level solution Easy to install and use Uses internal PC power supply - No need for external power brick Dramatically improves fidelity over ClassAB powered speakers - no crossover distortion No turn on/off pops
Allows any sound card to drive standard passive stereo speakers
Class-T architecture Proprietary Digital Power Processing On-Board OEM-customizable EQ "Audiophile" Quality Sound 10Wrms/ch @ 4, 0.1% THD+N 15Wrms/ch @ 4, 10% THD+N High Efficiency 88% @ 10Wrms/ch, 8 81% @ 15Wrms/ch, 4 Dynamic Range = 102 dB Requires no software drivers Does not plug into PCI or ISA bus
Low-voltage power supply protection
1
TIO-TA1101B - MT/Rev. 1.0/02.00
Tr i path Technol ogy, I nc. - Techni cal I nfor m ati on
Easy Installation and Operation
Installing the Board
Step 1. Check to see that your sound card is working properly. Step 2. Turn off your PC. Step 3. Open your PC and find an open slot on the rear of the chassis. Pick a location near the sound card if possible. Step 4. Mount the Tio to the chassis back plane. Step 5. Insert power extender/splitter (Y-cable) to PC switching power supply.
Making the Connections
Connecting the Speakers Tio is designed to drive conventional home-stereo speakers. Tio will drive both small bookshelf and large tower-type speakers easily. Connect your speakers via the 3.5mm cables with tinned leads. Make sure you connect the red wire to the red terminal on each speaker, and the black wire to the black terminal. If you get one pair reversed, your speakers will be out-of-phase and lack bass. Do not drive powered PC speakers with the Tio outputs. Connecting the Soundcard Tio works with any standard sound card. Tio will improve the power capability and audio quality of your multi-media system whether your sound card is a low cost version or a highend multi-feature card. Connect the speaker out from your sound card to the input on the Tio using the 3.5mm connector provided (this connector is spaced apart from the speaker connectors).
Operating Tio
Boot up your PC and play a CD; adjust your volume in Windows. If the CD doesn't play automatically, go the start menu and click on RUN. Type "cdplayer" and hit enter. Adjust the master volume to a pleasing listening level. Congratulations! You are now ready to enjoy your new Tio card. Listen to MP3, Internet radio, CDs, or DVDs and experience the difference.
Output Power Capability
Output power levels of Tio depend on the impedance of the speakers you're using. Tio is rated to deliver 2 channels of 10Wrms power into 4 speakers at 0.1% THD+N. Tio will also drive 2 x 6Wrms into 8 at 0.1% THD+N. We do not recommend driving speakers with less than 2 input impedance. Tio will work with any normal pair of passive speakers. The TA1101B device performance can be found on our web site at www.tripath.com.
2
TIO-TA1101B - MT/Rev. 1.0/02.00
Tr i path Technol ogy, I nc. - Techni cal I nfor m ati on
Typical Performance Characteristics
THD+N versus Output Power
10 5 2 1 20Hz - 22kHz BW f = 1kHz Vs = 12V Av = 11.7
Efficiency versus Output Power
100 90 80
RL = 8 RL = 4
Efficiency (%)
THD+N (%)
70 60 50 40 30 20 10 0 0 5 10 15
f = 1kHz VS = 12V Av = 11.7
0.5 0.2 0.1
RL= 8
RL= 4
0.05 0.02 0.01 500m 1 2 3 4 5 6 7 8 9 10 20
20
Output Power (W)
Output Power (W)
A-Weighted Noise FFT RL = 4
20Hz - 22kHz BW Pout = 0W Vs = 12V Av = 11.7
Intermodulation Performance RL = 4
+0 -10 -20 -30
+0
Noise FFT (dBV)
10Hz - 80kHz BW 19kHz, 20kHz, 1:1 Pout = 1W/Channel VS = 12V 0dBr = 12Vrms Av = 11.7
-20
-40
FFT (dBr)
-40 -50 -60 -70 -80 -90 -100 50
-60
-80
-100
-120
-140
1k
2k
5k
10k
20k
30k
20
50
100
200
500
1k
2k
5k
10k 20k
Frequency (Hz)
THD+N versus Frequency
10 5 2 20Hz - 22kHz BW Pout = 5W/Channel Vs = 12V Av = 11.7
Frequency (Hz)
Frequency Response RL = 4
+3 +2.5 +2 20Hz - 22kHz BW Pout = 1W Vs = 12V Av = 11.7
Output Amplitude (dBr)
RL = 8
+1.5 +1 +0.5 +0 -0.5 -1 -1.5 -2 -2.5 -3 10
1
THD+N (%)
0.5
0.2 0.1 0.05
RL = 4
0.02 0.01 10 20 50 100 200 500 1k
20
50
100
200
500
1k
2k
5k
10k
20k
2k
5k
10k
20k
Frequency (Hz)
Frequency (Hz)
3
TIO-TA1101B - MT/Rev. 1.0/02.00
Tr i path Technol ogy, I nc. - Techni cal I nfor m ati on
Tripath and Digital Power Processing are trademarks of Tripath Technology, Inc. Other trademarks referenced in this document are owned by their respective companies. Tripath Technology, Inc. reserves the right to make changes without further notice to any products herein to improve reliability, function or design. Tripath does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. TRIPATH'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN CONSENT OF THE PRESIDENT OF TRIPATH TECHNOLOGY, INC. As used herein: 1. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body, or (b) support or sustain life and whose failure to perform, when properly used in accordance with instructions for use provided in this labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Contact Information
TRIPATH TECHNOLOGY, INC 2560 Orchard Parkway, San Jose, CA 95131 408.750.3000 - P 408.750.3001 - F For more Sales Information, please visit us @ www.tripath.com/cont_s.htm For more Technical Information, please visit us @ www.tripath.com/data.htm
4
TIO-TA1101B - MT/Rev. 1.0/02.00
Tr i path Technol ogy, I nc. - Techni cal I nfor m ati on
5
TIO-TA1101B - MT/Rev. 1.0/02.00


▲Up To Search▲   

 
Price & Availability of TIO-PC-AMP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X