Part Number Hot Search : 
NR8500 TC148 B80N04S AD6600 91930 20U60 91930 18X40
Product Description
Full Text Search
 

To Download S3C9648 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S3C9644/C9648/P9648
PRODUCT OVERVIEW
1
PRODUCT OVERVIEW
SAM87RI PRODUCT FAMILY
Samsung's SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes. A dual address/data bus architecture and a large number of bit- or nibble-configurable I/O ports provide a flexible programming environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating modes are included to support real-time operations. Many SAM87RI microcontrollers have an external interface that provides access to external memory and other peripheral devices.
S3C9644/C9648/P9648 Microcontroller
The S3C9644/C9648/P9648 single-chip 8-bit microcontroller is fabricated using an advanced CMOS process. It is built around the powerful SAM87RI CPU core. Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register space, the size of the internal register file was logically expanded. The S3C9644 has 4K-bytes of program memory on-chip and S3C9648 has 8K-bytes. Using the SAM87RI design approach, the following peripherals were integrated with the SAM87RI core: -- Five configurable I/O ports (32 pins) -- 20 bit-programmable pins for external interrupts -- 8-bit timer/counter with three operating modes -- Low speed USB function The S3C9644/C9648/P9648 is a versatile microcontroller that can be used in a wide range of low speed USB support general purpose applications. It is especially suitable for use as a keyboard controller and is available in a 42-pin SDIP and a 44-pin QFP package.
OTP
The S3C9644/C9648 microcontroller is also available in OTP (One Time Programmable) version, S3P9648. S3P9648 microcontroller has an on-chip 8K-byte one-time-programmable EPROM instead of masked ROM. The S3P9648 is comparable to S3C9644/C9648, both in function and in pin configuration.
1-1
PRODUCT OVERVIEW
S3C9644/C9648/P9648
FEATURES
CPU * SAM87RI CPU core Timer/Counter * One 8-bit basic timer for watchdog function and programmable oscillation stabilization interval generation function One 8-bit timer/counter with Compare/Overflow
Memory * * 4/8K-byte internal program memory (ROM) 208-byte RAM *
USB Serial Bus * * * Compatible to USB low speed (1.5 Mbps) device 1.0 specification. 1 Control endpoint and 2 Data endpoint Serial bus interface engine (SIE) -- Packet decoding/generation -- CRC generation and checking -- NRZI encoding/decoding and bit-stuffing * 8 bytes each receive/transmit USB buffer
Instruction Set * * 41 instructions IDLE and STOP instructions added for powerdown modes
Instruction Execution Time * 1.0 s at 6 MHz fOSC
Interrupts * * 25 interrupt sources with one vector, each source has its pending bit One level, one vector interrupt structure
Operating Temperature Range * - 40 _C to + 85 _C
Operating Voltage Range Oscillation Circuit * * 6 MHz crystal/ceramic oscillator External clock source (6 MHz) Package Types * General I/O * Bit programmable five I/O ports (34 pins total) -- (D+/PS2, D-/PS2 Included) * 42-pin SDIP 44-pin QFP * 4.0 V to 5.25 V
1-2
S3C9644/C9648/P9648
PRODUCT OVERVIEW
BLOCK DIAGRAM
P0.0-P0.7/INT2
P1.0-P1.7
P2.0-P2.7 / INT0
Port 0
Port 1
Port 2
SAM87RI BUS XIN OSC XOUT I/O Port And Interrupt Control Port 3 P3.0 P3.1 P3.2 P3.3/CLO
Basic Timer
Port 4 SAM87RI CPU
P4.0 / INT1 P4.1 / INT1 P4.2 / INT1 P4.3 / INT1 D+/PS2 D-/PS2 3.3 V OUT
USB TIMER 0 4/8-KB ROM 208-Byte Register 16 bytes USB Buffer
Figure 1-1. Block Diagram
1-3
PRODUCT OVERVIEW
S3C9644/C9648/P9648
PIN ASSIGNMENTS
P3.1 P3.0 INT0 / P2.0 INT0 / P2.1 INT0 / P2.2 INT0 / P2.3 INT0 / P2.4 INT0 / P2.5 INT0 / P2.6 INT0 / P2.7 VDD VSS XOUT XIN TEST INT1 / P4.0 INT1 / P4.1 RESET INT1 / P4.2 INT1 / P4.3 P1/7
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
P3.2 P3.3/CLO D+/PS2 D-/PS2 3.3 V OUT NC P0.0 / INT P0.1 / INT P0.2 / INT P0.3 / INT P0.4 / INT P0.5 / INT P0.6 / INT P0.7 / INT P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6
S3C9644 S3C9648 42-SDIP
(Top View)
Figure 1-2. Pin Assignment Diagram (42-Pin SDIP Package)
1-4
S3C9644/C9648/P9648
PRODUCT OVERVIEW
P0.4 /INT2
NC P0.0/INT2
P0.1/INT2
P0.2/INT2
P0.3/INT2
P0.5/INT2 25
P0.6/INT2 24
33
32
31
30
29 28
27
26
23
P0.7/INT2
NC
NC
3.3 V OUT D-/PS2 D+/PS2 P3.3/CLO P3.2 P3.1 P3.0 P2.0/INT0 P2.1/INT0 P2.2/INT0 P2.3/INT0
34 35 36 37 38 39 40 41 42 43 44 10 11 1 2 3 4 5 6 7 8 9
22 21 20 19 18 17 16 15 14 13 12
P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P4.3/INT1 P4.2/INT1 RESET
S3C9644 S3C9648 44-QFP
(Top View)
TEST
XOUT
VDD
VSS
XIN
P4.0/INT1
INT0 / P2.4
INT0 / P2.5
Figure 1-3. Pin Assignment Diagram (44-Pin QFP Package)
INT0 / P2.6 INT0 / P2.7
P4.1/INT1
1-5
PRODUCT OVERVIEW
S3C9644/C9648/P9648
PIN DESCRIPTIONS
Table 1-1. S3C9644/C9648/P6408 Pin Descriptions Pin Names P0.0-P0.7 Pin Type I/O Pin Description Bit-programmable I/O port for Schmitt trigger input or open-drain output. Port0 can be individually configured as external interrupt inputs. Pull-up resistors are assignable by software. Bit-programmable I/O port for Schmitt trigger input or open-drain output. Pull-up resistors are assignable by software. Bit-programmable I/O port for Schmitt trigger input or open-drain output. Port2 can be individually configured as external interrupt inputs. Pull-up resistors are assignable by software. Bit-programmable I/O port for Schmitt trigger input, open-drain or push-pull output. P3.3 can be used to system clock output(CLO) pin. Bit-programmable I/O port for Schmitt trigger input or open-drain output or push-pull output. Port4 can be individually configured as external interrupt inputs. In output mode, pull-up resistors are assignable by software. But in input mode, pull-up resistors are fixed. Programmable port for USB interface or PS2 interface. 3.3 V output from internal voltage regulator System clock input and output pin (crystal/ceramic oscillator, or external clock source) External interrupt for bit-programmable port0, port2 and port4 pins when set to input mode. Circuit Number B Pin Numbers 36-29 (30-23) Share Pins INT2
P1.0-P1.7
I/O
B
28-21 (22-15) 3-10 (41-44, 1-4)
-
P2.0-P2.7
I/O
B
INT0
P3.0-P3.3
I/O
C
2, 1, 42, 41 (40-37) 16, 17, 19, 20 (10, 11, 13, 14)
P3.3/CL O INT1
P4.0-P4.3
I/O
D
D+/PS2 D-/PS2 3.3 VOUT XIN, XOUT INT0 INT1 INT2
I/O - - I
- - - -
40-39 (36-35) 38 (34) 14, 13 (8, 7) 3-10, 16,17, 19, 20, 29-36 (30-23, 41-44, 1-4, 10, 11, 13, 14) 18 (12) 15 (9) 11 (5) 12, (6) 37 (31,32, 33)
- - - PORT2/ PORT4/ PORT0
RESET TEST VDD VSS NC
I I - - -
RESET signal input pin. Input with internal pull-up resistor. Test signal input pin (for factory use only; connected to VSS) Power input pin Ground input pin No connection
A - - - -
- - - - -
NOTE: Pin numbers shown in parenthesis '( )' are for the 44-QFP package; others are for the 42-SDIP package.
1-6
S3C9644/C9648/P9648
PRODUCT OVERVIEW
PIN CIRCUITS
Table 1-2. Pin Circuit Assignments for the S3C9644/C9648/P6408 Circuit Number A B C D Circuit Type I I/O I/O I/O S3C9644/C9648/P6408 Assignments RESET signal input Ports 0, 1, and 2 Port 3 Port 4 VDD
Pull-Up Resistor
VDD
Pull-Up Enable
PULL-UP RESISTOR
Output Disable Output Data VSS Input Data D0 D1
I/O
IN
Noise Filter
MUX
Mode Output Input
Input Data D0 D1
Figure 1-4. Pin Circuit Type A (RESET)
Figure 1-5. Pin Circuit Type B (Ports 0, 1 and 2)
1-7
PRODUCT OVERVIEW
S3C9644/C9648/P9648
VDD
Output Data Open Drain I/O Output Disable VSS Input Data MUX D0 D1
Mode Output Input
Input Data D0 D1
Figure 1-6. Pin Circuit Type C (Port 3)
1-8
S3C9644/C9648/P9648
PRODUCT OVERVIEW
VDD
Pull-Up Resistor Pull-Up Enable
VDD
Output Data Open Drain I/O Output Disable VSS Input Data MUX D0 D1
Mode Output Input
Input Data D0 D1
Figure 1-7. Pin Circuit Type D (Port 4)
1-9
PRODUCT OVERVIEW
S3C9644/C9648/P9648
APPLICATION CIRCUIT
5V
5V
VDD 0 1 Port 3 Port 0 2 3
Port 1
15 XIN XOUT
S3C9644 S3C9648 S3P9648
0 1
RESET Port 2
2 3
VSS1
NOTE:
Port4 can use expend keyboard MATRIX. D+/PS2, D-/PS2 can use PS2 keyboard interface (see PS2CONINT, page 4-25). Port 4.2, 4.3 can use PS2 mouse interface. Port 3 can use LED direct drive.
Figure 1-8. Keyboard Application Circuit Diagram
1-10
Port 4
H O S T
DP DM
D+/PS2 D-/PS2
7
KEYBOARD MATRIX
S3C9644/C9648/P9648
ELECTRICAL DATA
12
OVERVIEW
ELECTRICAL DATA
In this section, the following S3C9644/C9648/P9648 electrical characteristics are presented in tables and graphs: -- Absolute maximum ratings -- D.C. electrical characteristics -- Input/Output capacitance -- A.C. electrical characteristics -- Input timing for external interrupt (Ports 0, 2 and 4) D+/PS2, D-/PS2 : PS2 Mode Only -- Input timing for RESET -- Oscillator characteristics -- Oscillation stabilization time -- Clock timing measurement points at XIN -- Data retention supply voltage in Stop mode -- Stop mode release timing when initiated by a reset -- Stop mode release timing when initiated by an external interrupt -- Characteristic curves
12-1
ELECTRICAL DATA
S3C9644/C9648/P9648
Table 12-1. Absolute Maximum Ratings (TA = 25C) Parameter Supply Voltage Input Voltage Output Voltage Output Current High Output Current Low Symbol VDD VIN VO IOH IOL All input ports All output ports One I/O pin active All I/O pins active One I/O pin active Total pin current for ports 3 Total pin current for ports 0, 1, 2, 4 Operating Temperature Storage Temperature TA TSTG - - Conditions - Rating - 0.3 to + 6.5 - 0.3 to VDD + 0.3 - 0.3 to VDD + 0.3 - 18 - 60 + 30 + 100 + 100 - 40 to + 85 - 65 to + 150 C C mA Unit V V V mA
12-2
S3C9644/C9648/P9648
ELECTRICAL DATA
Table 12-2. D.C. Electrical Characteristics (TA = - 40 C to + 85 C, VDD = 4.0 V to 5.25 V) Parameter Operating Voltage Input High Voltage Symbol VDD VIH1 VIH2 VIH3 Input Low Voltage VIL1 VIL2 VIL2 Output High Voltage Output Low Voltage Output Low Current VOH Conditions f OSC = 6 MHz (instruction clock = 1 MHz) All input pins except VIH2 XIN RESET All input pins except VIL2 XIN RESET IOH = - 200 A; All output ports except ports 0, 1 and 2, D+, D- IOL = 1 mA All output port except D+, D- VOL = 3V Port 3 only Input High Leakage Current ILIH1 (3) VIN = VDD All inputs except ILIH2 except D+, D- VIN = VDD XIN, XOUT, RESET VIN = 0 V All inputs except ILIL2 except D+, D- VIN = 0 V XIN, XOUT, RESET - - 3 A VDD - 1.0 0.5VDD - - V - Min 4.0 0.8 VDD VDD - 0.5 0.5VDD - 0.2 VDD 0.4 V Typ 5.0 - Max 5.25 VDD VDD Unit V V
VOL IOL
- 8
- 15
0.4 23
V mA
ILIH2 (3) Input Low Leakage Current ILIL1 (3)
- -
- -
20 -3
A A
ILIL2 (3)
-
-
- 20
A
12-3
ELECTRICAL DATA
S3C9644/C9648/P9648
Table 12-2. D.C. Electrical Characteristics (continued) (TA = - 40 C to + 85 C, VDD = 4.0 V to 5.25 V) Parameter Output High Leakage Current Output Low Leakage Current Pull-up Resistors Symbol ILOH (1) Conditions VOUT = VDD All I/O pins and output pins except D+, D- VOUT = 0 V All I/O pins and output pins except D+, D- VIN = 0 V Ports 0, 1, 2, 4.2-3, Reset VIN = 0 V; P4.0-1 Normal operation mode 6 MHz CPU clock Idle mode; 6 MHz oscillator Stop mode
-
Min -
Typ -
Max 3
Unit A
ILOL (1)
-
-
-3
A
RL1 RL2
25
50 2.4 5.5 2.2 180
100
k
Supply Current (2)
IDD1 IDD2 IDD3
12 5 300
mA mA A
NOTES: 1. Except XIN and XOUT. 2. 3. Supply current does not include current drawn through internal pull-up resistors or external output current loads. When USB Mode Only in 4.2 V to 5.25 V, D+ and D- satisfy the USB spec 1.0.
12-4
S3C9644/C9648/P9648
ELECTRICAL DATA
Table 12-3. Input/Output Capacitance (TA = - 40 C to + 85 C, VDD = 0 V) Parameter Input Capacitance Output Capacitance I/O Capacitance Symbol CIN COUT CIO Table 12-4. A.C. Electrical Characteristics (TA = - 40 C to + 85 C, VDD = 4.0 V to 5.25 V) Parameter Interrupt Input High, Low Width RESET Input Low Width Symbol tINTH, tINTL tRSL Conditions P0, P2 and P4 RESET Min - 10 Typ 200 - Max - - Unit ns s Conditions f = 1 MHz; Unmeasured pins are connected to VSS Min - Typ - Max 10 Unit pF
t INTL
t INTH
0.8 V DD 0.2 VDD
Figure 12-1. Input timing for external interrupt (Ports 0, 2, and 4)
t RSL RESET
0.5V DD
Figure 12-2. Input Timing for RESET
12-5
ELECTRICAL DATA
S3C9644/C9648/P9648
Table 12-5. Oscillator Characteristics (TA = - 40C + 85C, VDD = 4.0 V to 5.25 V) Oscillator Main crystal Main ceramic (fOSC) Clock Circuit
XIN
C1
Test Condition Oscillation frequency
Min -
Typ 6.0
Max -
Unit MHz
C2
XOUT
External clock
XIN XOUT
Oscillation frequency
-
6.0
-
Table 12-6. Oscillation Stabilization Time (TA = - 40C + 85C, VDD = 4.0 V to 5.25 V) Oscillator Main Crystal Main Ceramic Oscillator Stabilization Wait Time f OSC = 6.0 MHz (Oscillation stabilization occurs when VDD is equal to the minimum oscillator voltage range.) tWAIT stop mode release time by a reset - 216/ f OSC
(note)
Test Condition
Min -
Typ -
Max 10
Unit ms
-
tWAIT stop mode release time by an interrupt
-
-
NOTE: The oscillator stabilization wait time, tWAIT, is determined by the setting in the basic timer control register, BTCON.
12-6
S3C9644/C9648/P9648
ELECTRICAL DATA
Table 12-7. Data Retention Supply Voltage in Stop Mode (TA = - 40C to + 85C) Parameter Data Retention Supply Voltage Data Retention Supply Current Symbol VDDDR IDDDR Conditions Stop mode Stop mode; VDDDR = 2.0 V Min 2.0 - Typ - - Max 6 300 Unit V A
1/f OSC t XL XIN t XH
VDD 0.5V 0.4V
Figure 12-3. Clock Timing Measurement Points at XIN
12-7
ELECTRICAL DATA
S3C9644/C9648/P9648
Internal Reset Operation

Stop Mode Data Retention Mode
Idle Mode (Basic Timer Active)
VDD

VDDDR
RESET Execution Of Stop Instruction
Normal Operating Mode
0.5 VDD 0.5 V DD t WAIT Figure 12-4. Stop Mode Release Timing When Initiated by a Reset
Stop Mode Data Retention Mode
Idle Mode (Basic Timer Active)
VDD

VDDDR
External Interrupt Execution Of Stop Instruction
Normal Operating Mode
0.8 V DD 0.2 V DD tWAIT
Figure 12-5. Stop Mode Release Timing When Initiated by an External Interrupt
12-8
S3C9644/C9648/P9648
ELECTRICAL DATA
Table 12-8. Low Speed USB Electrical Characteristics (TA = - 40C to + 85C, Voltage Regulator Output V33out = 2.8 V to 3.5 V, typ 3,3 V) Parameter Transition Time: Rise Time Fall Time Rise/Fall Time Matching Output Signal Crossover Voltage Voltage Regulator Output Voltage Tr Tf Trfm Vcrs V33OUT CL = 50 pF CL = 350 pF CL = 50 pF CL = 350 pF (Tr/Tf) CL = 50 pF CL = 50 pF with V33OUT to GND 0.1 F capacitor 75 - 75 - 80 1.3 2.8 - 300 - 300 120 2.0 3.5 % V V ns Symbol Conditions Min Max Unit
Test Point S/W D.U.T R1 CL
2.8V R2
10%
90%
90%
Measurement Points
10%
Tr
Tf
R1 = 15 K R2 = 1.5 K CL = 50pF-350pF
DM: S/W ON DP: S/W OFF
Figure 12-6. USB Data Signal Rise and Fall Time
DP Vcrs
3.3 V MAX: 2.0 V MIN: 1.3 V
DM
0V
Figure 12-7. USB Output Signal Crossover Point Voltage
12-9
S3C9644/C9648/P9648
MECHANICAL DATA
13
OVERVIEW
14.00 0.2
MECHANICAL DATA
The S3C9644/C9648/P9648 is available in a 42-pin SDIP package (Samsung: 42-SDIP-600) and a 44-pin QFP package (44-QFP-1010B). Package dimensions are shown in Figures 13-1 and 13-2.
#42
#22
0-15
40-SDIP-600
15.24
#1
#21
39.10 0.2
0.50 0.1 (1.77) 1.00 0.1 1.778
Figure 13-1. 42-Pin SDIP Package Mechanical Data (42-SDIP-600 )
3.30 0.3
0.51MIN
5.08MAX
39.50 MAX
3.50 0.2
0.25
+0.1 - 0.0 5
13-1
MECHANICAL DATA
S3C9644/C9648/P9648
13.20 0.3 10.00 0.2
0-8
0.15 - 0.05
+0.10
13.20 0.3
10.00 0.2
44-QFP-1010B
0.10 MAX
#44 0.05 MIN 2.05 0.10 #1 0.80 0.35
+0.10 - 0.05
(1.00)
2.30 MAX
NOTE: Dimensions are in millimeters.
Figure 13-2. 44-Pin QFP Package Mechanical Data (44-QFP-1010B)
13-2
0.800.20
S3C9644/C9648/P9648
S3P9648 OTP
14
OVERVIEW
S3P9648 OTP
The S3P9648 single-chip CMOS microcontroller is the OTP (One Time Programmable) version of the S3C9644/C9648 microcontroller. It has an on-chip OTP ROM instead of masked ROM. The EPROM is accessed by serial data format. The S3P9648 is fully compatible with the S3C9644/C9648, both in function and in pin configuration. Because of its simple programming requirements, the S3P9648 is ideal for use as an evaluation chip for the S3C9644/C9648.
P3.1 P3.0 INT0 / P2.0 INT0 / P2.1 INT0 / P2.2 INT0 / P2.3 INT0 / P2.4 INT0 / P2.5 SDAT/INT0 / P2.6 SCLK /INT0 / P2.7 VDD/VDD VSS /V SS XOUT/XOUT XIN /XIN TEST/TEST INT1 / P4.0 INT1 / P4.1 RESET / RESET INT1 / P4.2 INT1 / P4.3 P1/7
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
42 41 40 39 38 37 36 35 34
P3.2 P3.3/CLO D+ D3.3 V OUT NC P0.0 / INT2 P0.1 / INT2 P0.2 / INT2 P0.3 / INT2 P0.4 / INT2 P0.5 / INT2 P0.6 / INT2 P0.7 / INT2 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6
S3P9648 42-SDIP
(Top View)
33 32 31 30 29 28 27 26 25 24 23 22
Figure 14-1. S3P9648 Pin Assignments (42-SDIP Package)
14-1
S3P9648 OTP
S3C9644/C9648/P9648
P0.4 /INT2
NC P0.0/INT2
P0.1/INT2
P0.2/INT2
P0.3/INT2
P0.5/INT2 25
P0.6/INT2 24
33
32
31
30
29 28
27
26
23
P0.7/INT2
NC
NC
3.3 V OUT D-/PS2 D+/PS2 P3.3/CLO P3.2 P3.1 P3.0 P2.0/INT0 P2.1/INT0 P2.2/INT0 P2.3/INT0
34 35 36 37 38 39 40 41 42 43 44 10 11 1 2 3 4 5 6 7 8 9
22 21 20 19
P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P4.3/INT1 P4.2/INT1 RESET/ RESET
S3C9648 44-QFP
(Top View)
18 17 16 15 14 13 12
P2.6/INT0/ SDAT P2.7/INT0/ SCLK
TEST/TEST
XOUT/XOUT
VDD/VDD
P2.4/INT0
P2.5/INT0
VSS/VSS
XIN/XIN
P4.0/INT1
Figure 14-2. S3P9648 Pin Assignments (44-QFP Package)
14-2
P4.1/INT1
S3C9644/C9648/P9648
S3P9648 OTP
Table 14-1. Descriptions of Pins Used to Read/Write the EPROM Main Chip Pin Name P2.6 Pin Name SDAT Pin No. 9 (3) During Programming I/O I/O Function Serial DATa Pin (Output when reading, Input when writing) Input and Push-pull Output Port can be assigned Serial CLocK Pin (Input Only Pin) Chip Initialization and EPROM Cell Writing Power Supply Pin (Indicates OTP Mode Entering) When writing 12.5 V is applied and when reading. 0 V: OTP write and test mode 5 V: Operating mode Logic Power Supply Pin.
P2.7 TEST
SCLK TEST
10 (4) 15 (9)
I/O I
RESET VDD / VSS
RESET VDD / VSS
18 (12) 11(5)/12(6)
I -
NOTE: ( ) means 44 QFP package.
Table 14-2. Comparison of S3P9648 and S3C9644/C9648 Features Characteristic Program Memory Operating Voltage (VDD) OTP Programming Mode Pin Configuration EPROM Programmability 8-Kbyte EPROM 4.0 V to 5.25 V VDD = 5 V, VPP (RESET) = 12.5 V 42 SDIP/44 QFP User Program 1 time 42 SDIP/44 QFP Programmed at the factory S3P9648 S3C9644/C9648 8-Kbyte mask ROM 4.0 V to 5.25 V
OPERATING MODE CHARACTERISTICS When 12.5 V is supplied to the VPP (RESET) pin of the S3P9648, the EPROM programming mode is entered. The operating mode (read, write, or read protection) is selected according to the input signals to the pins listed in Table 14-3 below. Table 14-3. Operating Mode Selection Criteria VDD 5V
VPP
(RESET) 5V 12.5 V 12.5 V 12.5 V
REG/ MEM 0 0 0 1
ADDRESS
R/W 1 0 1 0 EPROM read
MODE
(A15-A0) 0000H 0000H 0000H 0E3FH
EPROM program EPROM verify EPROM read protection
NOTE: "0" means Low level; "1" means High level.
14-3
S3P9648 OTP
S3C9644/C9648/P9648
START
Address= First Location
VDD =5V, VPP=12.5V
x=0
Program One 1ms Pulse
Increment X
YES
x = 10
NO FAIL
Verify Byte
Verify 1 Byte
FAIL
Last Address
NO
Increment Address
VDD = VPP= 5 V
FAIL
Compare All Byte
PASS
Device Failed
Device Passed
Figure 14-3. OTP Programming Algorithm
14-4
S3C9644/C9648/P9648
S3P9648 OTP
Table 14-4. D.C. Electrical Characteristics (TA = - 40_C to + 85_C, VDD = 4.0 V to 5.25 V) Parameter Supply Current
(note)
Symbol IDD1 IDD2 IDD3
Conditions Normal mode; 6 MHz CPU clock Idle mode; 6 MHz CPU clock Stop mode
Min -
Typ 5.5 2.2 180
Max 12 5 300
Unit mA
A
NOTE: Supply current does not include current drawn through internal pull-up resistors or external output current loads.
14-5


▲Up To Search▲   

 
Price & Availability of S3C9648

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X