Part Number Hot Search : 
OSFKS5CC 85000 D7201 20000 PS9324L2 00M35 FML22R BXMP1007
Product Description
Full Text Search
 

To Download QHF-2A-10SQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHF-2A-10 SQ
90 QUADRATURE HYBRID
REV: 001, 03/12/02
* SPACE QUALIFIED * 10 MHz, 10% BANDWIDTH * FLATPACK
SERIES 05
TECHNICAL DESCRIPTION / APPLICATION
The QHF-2A-10 SQ 90 quadrature hybrid covers a frequency range of 10 MHz 5% using a special lumped element design to reduce the size while maintaining high performance. This device has been designed in accordance with Merrimac document CENG-0001, "Standard Design Requirements for Space Qualified Devices".
GENERAL SPECIFICATIONS
MODEL NUMBER FREQUENCY RANGE MHz QHF-2A-10 SQ INPUT POWER MAX 9.5 - 10.5 COUPLING NOM. 1W 3.0 dB ISOLATION (dB) MIN. 23 TYP. 27 IMPEDANCE NOM. 50 OHM INSERTION LOSS dB MAX. 0.3 TYP. 0.2 AMPLITUDE BALANCE dB MAX. 0.75 WEIGHT MAX. 2.8 g TYP. 0.5 PHASE BALANCE MAX. 2 TYP. 1 VSWR INPUT/ OUTPUT MAX. 1.3:1 TYP. 1.2:1
OPERATING TEMPERATURE
-55 to +85 C
PACKAGE OUTLINE
.3850.020 [9.78.508] .312.030 [7.920.76] (TYP) .150 MAX. [3.81]
.5100.020 [12.9540.508]
*.350 TYP [8.89] *.250 TYP [6.35]
o.0150.005 [0.380.127] TYP. 8 PINS
*.100 TYP [2.54] *.080 TYP 5 [2.03] *.0500.015 [1.270.381]
1 1 2 3 4 0
Phasing Diagram A 2 0
3 -90 Isolation
4 Isolation -90 0
-90 Isolation
Isolation -90
NOTES: 1. TOLERANCE ON 3 PLACE DECIMALS .010 [.25mm] EXCEPT AS NOTED. 2. MAX. IS LARGEST DIMENSION ALLOWED. 3. DIMENSIONS = INCHES [mm] 4. METRIC EQUIVALENTS ARE TO THE NEAREST .01mm. 5. ALL LEADS TO BE WITHIN .010 [.25mm] OF EACH OTHER AT THIS DIMENSION. 6. DIMENSIONS MARKED WITH * APPLY ONLY AT BODY. 7. ALL UNMARKED PINS ARE CASE GROUND.
4
1
2
3
0
Merrimac Industries, RF & Microwave Products Division / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 973.575.1300 / Fax: 973.575.0531 / Internet: www.Merrimacind.com


▲Up To Search▲   

 
Price & Availability of QHF-2A-10SQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X