Part Number Hot Search : 
M7812 BUZ360 ADL55 28F00 S1021 P3055 1N1187AR 22308301
Product Description
Full Text Search
 

To Download QHF-2A-100SQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHF-2A-100 SQ
90 QUADRATURE HYBRID
REV: 001, 03/13/02
* SPACE QUALIFIED * 95 - 105 MHz, 10% BANDWIDTH * FLATPACK
SERIES 05
TECHNICAL DESCRIPTION / APPLICATION
The QHF-2A-100 SQ 90 quadrature hybrid covers a frequency range of 95 - 105 MHz using a special lumped element design to reduce the size while maintaining high performance. This device has been designed in accordance with Merrimac document CENG-0001, "Standard Design Requirements for Space Qualified Devices".
GENERAL SPECIFICATIONS
MODEL NUMBER FREQUENCY RANGE MHz QHF-2A-100 SQ INPUT POWER MAX 95 - 105 COUPLING NOM. 1W 3.0 dB ISOLATION (dB) MIN. 23 TYP. 27 IMPEDANCE NOM. 50 OHM INSERTION LOSS dB MAX. 0.3 TYP. 0.2 AMPLITUDE BALANCE dB MAX. 0.75 WEIGHT MAX. 2.8 g TYP. 0.5 PHASE BALANCE MAX. 2 TYP. 1 VSWR INPUT/ OUTPUT MAX. 1.3:1 TYP. 1.2:1
OPERATING TEMPERATURE
-55 to +85 C
PACKAGE OUTLINE
.3850.020 [9.78.508] .312.030 [7.920.76] (TYP) .150 MAX. [3.81]
.5100.020 [12.9540.508]
*.350 TYP [8.89] *.250 TYP [6.35]
o.0150.005 [0.380.127] TYP. 8 PINS
*.100 TYP [2.54] *.080 TYP 5 [2.03] *.0500.015 [1.270.381]
1 1 2 3 4 0
Phasing Diagram A 2 0
3 -90 Isolation
4 Isolation -90 0
-90 Isolation
Isolation -90
NOTES: 1. TOLERANCE ON 3 PLACE DECIMALS .010 [.25mm] EXCEPT AS NOTED. 2. MAX. IS LARGEST DIMENSION ALLOWED. 3. DIMENSIONS = INCHES [mm] 4. METRIC EQUIVALENTS ARE TO THE NEAREST .01mm. 5. ALL LEADS TO BE WITHIN .010 [.25mm] OF EACH OTHER AT THIS DIMENSION. 6. DIMENSIONS MARKED WITH * APPLY ONLY AT BODY. 7. ALL UNMARKED PINS ARE CASE GROUND.
4
1
2
3
0
Merrimac Industries, RF & Microwave Products Division / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 973.575.1300 / Fax: 973.575.0531 / Internet: www.Merrimacind.com


▲Up To Search▲   

 
Price & Availability of QHF-2A-100SQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X