Part Number Hot Search : 
MR700 74HC238 IRL3705 SD2333 LC75834W IRF730AL M3004L STK4873
Product Description
Full Text Search
 

To Download PE-68032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW-PROFILE SURFACE MOUNT 10BASE-T INTERFACE MODULES
Ideal for Type I or Type II PCMCIA Applications
Designed to exceed IEEE 802.3i-1993 10Base-T specifications Improved EMI performance for FCC and CISPR Class B certification 235C peak IR Reflow temperature rating
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
Insertion(*) Loss (dB MAX) 1-10 MHz PE-68030 PE-68032 PE-68033 PE-68034 PE-68035 PE-68036 PE-68054 -5.0 -1.2 -5.0 -5.0 -5.0 -5.0 -5.0 30 MHz -30 -35 -30 -35 -35 -30 -30 Attenuation (XMT) (dB MIN) 50 MHz -35 -35 -30 -35 -35 -30 -30 100 MHz -40 -40 -35 -40 -40 -40 -40 Return Loss (dB MIN) 5-10 MHz -18 -18 -18 -18 -18 -18 -18 Crosstalk (dB MIN) 5-10 MHz -50 -50 -50 -50 -50 -50 -50 10 MHz -60 -60 -60 -55 -55 -55 -55 Common Mode Rejection (XMT) (dB MIN) 50 MHz -45 -40 -45 -40 -45 -40 -40 100 MHz -45 -35 -35 -35 -35 -35 -35 200 MHz -30 -30 -30 -30 -30 -30 -30 2000 2000 2000 2000 2000 2000 2000
Thi
n
TM Set
Part Number
Hi-pot (Vrms MIN)
* Test includes pre-distortion resistors which reflect additional attenuation.
Mechanical
.100 2,54 .010 X .020 0,25 X 0,51 .600 15,24 14 X .030 0,76
PE-XXXXX (DATE CODE) (COUNTRY OF ORIGIN)
.525 13,34
.565 .705 14,35 17,91
Weight . . . . . . . . .1.5 grams Tape & Reel . . . . . . .600/reel Tube . . . . . . . . . . . . .25/tube Dimensions: Inches mm Unless otherwise specified all tolerances are .010 0,25
.100 2,54 .800 MAX 20,3 .094 MAX 2,39
Suggested Pad Layout .675 17,15 0-8 .035 0,89
U.S: 858 674 8100 * U.K: 44 1483 401 700 * France: 33 3 84 35 04 04 * Singapore: 65 287 8998 * Taiwan: 886 2 2698 0228 * http://www.pulseeng.com
E103.A (6/00)
LOW-PROFILE SURFACE MOUNT 10BASE-T INTERFACE MODULES
Ideal for Type I or Type II PCMCIA Applications
Application Circuit - A PE-68032 or PE-68035 or PE-68054
Note: Turns Ratio for PE-68054 is 1: 2
TX+
1 2
R1 R2
1:1 14
CONNECTOR TD+
TRANSCEIVER CHIP
TXd-
TXTXd+
3 4
R4 R3
LOW PASS FILTER
13 12 10 TD-
RX+
5 1:1 6 R5 R6 9 RD+
LOW PASS FILTER
8 RD-
RX-
7
.01 F
.01 F
Resistors not included in PE-68032
Application Circuit - B PE-68030 or PE-68036
.01 F .01 F
TPI
1 1:1 14
CONNECTOR RD-
TRANSCEIVER CHIP
R6 2 R5 TPI 3 12 10 TPO PEC PEC TPO 4 5 R3 R4 1:1 9 TD-
LOW PASS FILTER
13 RD+
6 7
R2 R1
LOW PASS FILTER
8 TD+
U.S: 858 674 8100 * U.K: 44 1483 401 700 * France: 33 3 84 35 04 04 * Singapore: 65 287 8998 * Taiwan: 886 2 2698 0228 * http://www.pulseeng.com
E103.A (6/00)
LOW-PROFILE SURFACE MOUNT 10BASE-T INTERFACE MODULES
Ideal for Type I or Type II PCMCIA Applications
Application Circuit - C PE-68034
.01 F .01 F
RX-
1 1:1 14
CONNECTOR RD-
TRANSCEIVER CHIP
R6 2 R5 RX+ 3 12 10
LOW PASS FILTER
13 RD+
TXOd+ TXOTXO+ TXOd-
4 5
R3 R4
1:1 9 TD-
6 7
R2 R1
LOW PASS FILTER
8 TD+
Application Circuit - D PE-68033
.01 F .01 F
RD-
1 1:1 14
CONNECTOR RX-
TRANSCEIVER CHIP
R6 2 R5 RD+ 3 12 10 DDA DTB DDB DTA 4 5 R3 R4 1:1 9 TX-
LOW PASS FILTER
13 RX+
6 7
R2 R1
LOW PASS FILTER
8 TX+
U.S: 858 674 8100 * U.K: 44 1483 401 700 * France: 33 3 84 35 04 04 * Singapore: 65 287 8998 * Taiwan: 886 2 2698 0228 * http://www.pulseeng.com
E103.A (6/00)
LOW-PROFILE SURFACE MOUNT 10BASE-T INTERFACE MODULES
Ideal for Type I or Type II PCMCIA Applications
Resistor Chart
Product Number
PE-68030 PE-68032 PE-68033
Resistor Number
R1, R3 R2, R4 R5, R6 NONE R1, R4 R2, R3 R5, R6 R1, R3 R2, R4 R5, R6 R1, R4 R2, R3 R5, R6 R1, R3 R2, R4 R5, R6 R1, R4 R2, R3 R5, R6
Resistor Value
53.6 1% 316 1% 49.9 1% N/A 68.1 1% 287 1% 49.9 1% 287 1% 68.1 1% 49.9 1% 53.6 1% 316 1% 49.9 1% 47.5 1% N/A 49.9 1% 20 1% 133 1% 49.9 1%
IC
AT&T Most Symbios Logic
IC Number
T7232 N/A NCR92C02A NCR92C350 DP83902VJG DP83934 AM79C96A AM79C940
Application Circuit
B A D
PE-68034
National
C
PE-68035
AMD
A
PE-68036
Motorola
MC68160
B
PE-68054
DEC
21040
A
Application
Pulse's ThinSetTM 10Base-T modules are the optimum analog solution for PCMCIA applications. Primary design features include electrical functions, mechanical packaging and process standards. Process Standards Electrical Functions * SMT requirements * Quality Assurance * Construction Methods * Impedance Matching * Equipment Isolation * EMI suppression Each module contains low pass filters, isolation transformers, and common mode chokes. Most also include pre-emphasis and impedance matching resistors. Please refer to the appropriate application circuit and resistor chart for specific configurations. Mechanical Packaging * Dimensions * External Features * Internal Construction The low .094" profile allows for use in both Type I and Type II applications. ThinSetTM modules are highly integrated to keep a compact form factor for improved thermal management. Compliant leads provide excellent solder-joint reliability with .002" coplanarity. Advanced mechanical design yields more consistent and repeatable electrical performance. Materials, resistant to high temperatures, have been selected for thermal compatibility to comply with industry standard reflow methods. Post dipping the leads helps ensure solderability to the PC board. Improved construction techniques increase package reliability in high stress environments. Note: Modules are packaged in tubes unless tape and reel is specified. Please add the suffix "T" (i.e. PE-68030T) for tape and reel orders, increments of 600 pieces.
For More Information :
UNITED STATES (Worldwide)
12220 World Trade Drive San Diego, CA 92128 U.S.A. http://www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262
UNITED KINGDOM (Northern Europe)
1 & 2 Huxley Road The Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701
FRANCE (Southern Europe)
Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41
SINGAPORE (Southern Asia)
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 287 8998 FAX:65 280 0080
TAIWAN, R.O.C. (Northern Asia)
3F-4, No. 81, Sec. 1 HsinTai Wu Road Hsi-Chih, Taipei Hsien Taiwan, R.O.C. Tel: 886 2 2698 0228 FAX: 886 2 2698 0948
DISTRIBUTOR
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Printed on recycled paper. (c)2000, Pulse Engineering, Inc.
E103.A (6/00)


▲Up To Search▲   

 
Price & Availability of PE-68032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X