Part Number Hot Search : 
LH28F HT67F488 R1180Q 0JQFM11 AM4409P SC480 SSU2N60A PSBT55
Product Description
Full Text Search
 

To Download PDF-4A-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDF-4A-100
0 POWER DIVIDER / COMBINER
1 to 200 MHz / 4-Way / High Output Isolation / Low Insertion Loss / Hi-Rel Hermetic Flatpack
PRINCIPAL SPECIFICATIONS
Model Number PDF-4A-100 Frequency Isolation, Range, dB, MHz Min. Typ. 1 - 200 20 25 Insertion Loss, dB, Max. Typ. 1.5 1.0 Amplitude Balance, dB, Max. Typ. 0.4 0.2 Phase Balance, Max. Typ. 4 2 VSWR Max. Typ. 1.5:1 1.3:1
A-Package Outline
GENERAL SPECIFICATIONS
Coupling: Impedance: CW Input Power: -- 6 dB nom. 50 nom. 50 mW max.
(When used as divider with 1.2:1 VSWRout)
Internal Load Dissipation: 35 mW max. Weight, nominal: 0.1 oz. (2.8 g) Operating Temperature: -- 55 to + 85C
General Notes:
1. The PDF-4A-100 4-way Power Divider/Combiner covers a broad frequency range of 1 to 200 MHz using a lumped element design to reduce the size to an absolute minimum. This unit is ideal for applications where high performance and low profile are essential. 2. Higher performance, including better isolation and lower insertion loss, is available with the PDF-4E series of Four Way Power Divider/Combiner. These units are supplied in a larger package than the PDF-4A-100. 3. Other Merrimac Power Dividers/Combiners are available for frequencies from a few kilohertz to 20 GHz, with outputs from two to sixteen and for powers up to several kilowatts.
NOTES: 1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over millimeters. 3. Dimensions marked with * apply only at body. 4. All unmarked pins are case ground.
16Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of PDF-4A-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X