Part Number Hot Search : 
6030554 C11ADL A12D1 SM6T22A N0432 EMK21 280FM FML22R
Product Description
Full Text Search
 

To Download P0720Q22CLRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Q2L Series - 3.3x3.3 QFN
Description Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor(R) devices designed to protect high density broadband equipment from damaging overvoltage transients. The series provides a low profile, chip scale surface mount solution that enables broadband equipment to comply with global regulatory standards while limiting the impact to broadband signals and board space. Features and Benefits Agency Approvals
Agency Agency File Number E133083
Low capacitance Low voltage overshoot Low on-state voltage Applicable Global Standards
Does not degrade with use Fails short circuit when surged in excess of ratings
Pinout Designation Not Applicable Schematic Symbol Level
Electrical Characteristics
VDRM Part Number P0080Q22CLRP P0300Q22CLRP P0640Q22CLRP P0720Q22CLRP P0900Q22CLRP P1100Q22CLRP P1300Q22CLRP P1500Q22CLRP P1800Q22CLRP P2300Q22CLRP P2600Q22CLRP P3100Q22CLRP P3500Q22CLRP Marking P-8C P03C P06C P07C P09C P11C P13C P15C P18C P23C P26C P31C P35C @lDRM=5A V min 6 25 58 65 75 90 120 140 170 190 220 275 320 VS @100V/s V max 25 40 77 88 98 130 160 180 220 260 300 350 400 IH IS IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT@IT = 2.2 Amps V max 5 5 5 5 5 5 5 5 5 5 5 5 5 Capacitance @1MHz, 2V bias pF min 35 25 55 50 45 45 40 35 35 30 30 30 25 pF max 75 45 85 75 70 70 60 55 50 50 45 45 40
mA min mA max 50 50 150 150 150 150 150 150 150 150 150 150 150 800 800 800 800 800 800 800 800 800 800 800 800 800
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are bi-directional (unless otherwise noted).
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
63 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Surge Ratings
Ipp Series C 2x10s A min 500 1.2x50s/8x20s A min 400 10x160s A min 200 10x560s A min 150 10x1000s A min 100 ITSM 50 / 60 Hz A min 30 Amps/s max 500 di/dt
Notes: - Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
Thermal Considerations
Package
3.3 x 3.3 QFN
Symbol TJ TS R0JA
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value
Unit C C
120
C/W
V-I Characteristics
tr x td Pulse Waveform
+I
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
14
2.0
Percent of VS Change - %
10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH (TC = 25C)
12
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25C
Ratio of
Junction Temperature (TJ) - C
Case Temperature (TC) - C
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
64 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
TP
Ramp-up
tP
Critical Zone TL to TP
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
60-180 secs.
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak) TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
TL TS(max)
Preheat
3C/sec. Max. 3C/sec. Max. 60-150 secs.
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106
Physical Specifications
Lead Material Terminal Finish Body Material
Copper Alloy
Temp Cycling
100% Matte-Tin Plated UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Resistance to Solder Heat Moisture Sensitivity Level
Dimensions -- 3.3x3.3 QFN
BOTTOM VIEW
C J E
TOP VIEW
A
Dimensions A B C E F H J K1 K2 M1 M2 N1 N2
Inches Min 0.126 0.126 0.075 0.011 0.088 0.035 0.000 0.004 0.004 0.063 0.045 0.095 0.082 Max 0.134 0.134 0.083 0.019 0.096 0.043 0.008 0.012 0.012 0.071 0.053 0.103 0.090
Millimeters Min 3.200 3.200 1.900 0.285 2.230 0.900 0.000 0.100 0.100 1.610 1.153 2.420 2.080 Max 3.400 3.400 2.100 0.485 2.430 1.100 0.200 0.300 0.300 1.810 1.353 2.620 2.280
B
F
END VIEW
H
SIDE VIEW
1.50 (.059") 1.27 (.050")
2.54 (.100")
N2 N1
K1
M1 M2
K2
Recommended Soldering Pad Outline (Reference Only)
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
65 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Part Numbering
Part Marking
Terminals on Back
P xxx 0 Q22 C L RP
TYPE P=SIDACtor MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE REEL PACK RoHS COMPLIANT IPP RATING
XXXX XXXXX
Part Marking Code Date code
(Refer to Electrical Characteristics Table)
Packing Options
Package Type Q22 Description 3.3x3.3 QFN Tape and Reel Pack Quantity 5000 Added Suffix RP Industry Standard EIA-481-D
Tape and Reel Specifications -- 3.3x3.3 QFN
Reel Dimension
Symbols
C A D B W1 N
Tape Leader and Trailer Dimensions
END
CARRIER TAPE
COVER TAPE
START
A B C D N W1 A0 B0 D0 D1 E1 E2 F
TRAILER 160mm MIN
LEADER 400mm MIN
Tape Dimension Items
K0 P0 P1
D0 T
P0 P2
CARRIER TAPE
D1
E1
P2 T W W0
W0 K0
COVER TAPE
B0 F E2 W P1 A0
Min Max Min Reel Diameter N/A 12.992 N/A Drive Spoke Width 0.059 N/A 1.50 Arbor Hole Diameter 0.504 0.531 12.80 Drive Spoke Diameter 0.795 N/A 20.20 Hub Diameter 1.969 N/A 50.00 Reel Inner Width at Hub 0.488 0.567 12.40 Pocket Width at Bottom 0.138 0.146 3.50 Pocket Length at Bottom 0.138 0.146 3.50 Feed Hole Diameter 0.059 0.063 1.50 Pocket Hole Diameter 0.059 N/A 1.50 Feed Hole Position 1 0.065 0.073 1.65 Feed Hole Position 2 0.400 0.408 10.15 Feed Hole Center 0.215 0.219 5.45 Pocket Hole Center 2 Pocket Depth 0.039 0.051 1.00 Feed Hole Pitch 0.153 0.161 3.90 Component Spacing 0.311 0.319 7 .90 Feed Hole Center 0.077 0.081 1.90 Pocket Hole Center 1 Carrier Tape Thickness 0.010 0.014 0.25 Embossed Carrier 0.453 0.484 11.50 Tape Width Cover Tape Width 0.358 0.366 9.10
Description
Inches
Millimeters Max 330.0 N/A 13.50 N/A N/A 14.40 3.70 3.70 1.60 N/A 1.85 10.35 5.55 1.30 4.10 8.10 2.05 0.35 12.30 9.30
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
66 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of P0720Q22CLRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X