Part Number Hot Search : 
PE44240 AM28F NX6306GK NX6306GH T508N17 AN253 001591 MIK393
Product Description
Full Text Search
 

To Download LUR9553-4H-TR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PLCC-4 TOPLED
Pb
Lead-Free Parts
LUR9553-4H/TR1
DATA SHEET
DOC. NO REV. DATE :
: QW0905-LUR9553-4H/TR1 B : 20 - Apr. - 2009
DCC
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR9553-4H/TR1 Page 1/7
Features
*package : 12mm tape on 7" diameter reels. *feature of the device:more light due to higher optical efficiency,higher ambient temperature at the same current possible compared to TOPLED *assembly methods:suitabl for all SMT assembly methods *ESD-withstand voltage:up to 2kv acc. to JESD22-A114-B
Applications
*traffic lights *backlighting(LCD,switches,keys,displays,illuminated advertising) *interior and exterior automotive lighting(e.g.dashboard backlighting,turn signal lamps,sidemarkers, brake lights) *substitution of micro incandescent lamps *marker lights(e.g.exit ways,etc.) *signal and symbol luminaire
Package Dimensions
2.8(.11) 1.85(.073) 0.7 (.028) 0.7 (.028) 0.9(.035) 3.5 (.138) 0.9(.035)
2
3
3
2
3.2(.126)
1
CATHODE
4
0.5(.020)
4
2.2(.106)
2.2 (.106)
1
2
3
0.95(.037)
1
Note : 1.All dimension are in millimeter tolerance is 0.2mm unless otherwise noted. 2.Specifications are subject to change without notice.
4
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR9553-4H/TR1 Page 2/7
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol URH Forward Current Peak Forward Current (1/10 Duty cycle,0.1ms Pulse Width) Power Dissipation Reverse Current @5V Electrostatic Discharge Operating Temperature Storage Temperature Soldering Temperature IF IFP PD Ir ESD Topr Tstg Tsol 70 100 200 10 2000 -40 ~ +100 -40 ~ +100 Max 260 for 5 sec Max mA mA mW UNIT
A V
IR-Reflow Profile for lead free soldering(Acc.to J-STD-020B)
300 Maximum Solder Profile Recommended Solder Profile Minimum Solder Profile
250
255C 240C 217C
260C -5C 245C 5C +5C 235C -0C Ramp Down 3k/s(max)
+0C
200 10 s min 30 s max 150 120 s max 100 Ramp Up 3k/s(max 25C 0 0 50 100 150 200 t 250 100 s max
50
300 s
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR9553-4H/TR1 Page 3/7
Typical Electrical & Optical Characteristics (Ta=25 )
PART NO
MATERIAL
COLOR
Emitted Lens
Water Clear
Dominant wave length
Spectral halfwidth
nm
Dnm
Forward voltage @50mA(V)
Luminous intensity
@50mA(mcd)
Viewing angle 2 1/2 (deg)
Min. Max. Min. 630 20 1.7 2.8 500
Typ 800 120
LUR9553-4H/TR1 AlGaInP/GaP
Red
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
Recommended Solder Pad useable for PLCC-4 TOPLED
2.6(.102) 0.4 (.016)
4.5 (.177)
1.5(.059)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR9553-4H/TR1 Page 4/7
Typical Electro-Optical Characteristics Curve
UR(H) CHIP
Fig.1 Forward current vs. Forward Voltage
1000
Fig.2 Relative Intensity vs. Forward Current
3.5
Forward Current(mA)
100 10
Relative Intensity Normalize @20mA
1.0 1.5 2.0 2.5 3.0
3.0 2.5 2.0 1.5 1.0 0.5 0.0 1 10 100 1000
1 01
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize @25
-40 -20 0 20 40 60 80 100
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1
1.0 0.9
0.8
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Fig.6 Directivity Radiation
0 -30 30
Relative Intensity@20mA
1.0
0.5
-60
60
0.0 550 600 650 700
100% 75% 50%
25%
0
25% 50% 75% 100%
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR9553-4H/TR1 Page 5/7
Reel Dimensions
16.01.0
1782.0
14.21.0
74.01.5
4.0
2.0
1.55
0.23
1.75
5.5
Cathode Marking 12.00.3 9.3 4.06
4.0
3.12
2.24
Part No. LUR9553-4H/TR1
Description 12.0mm tape,7"reel
Quantity/Reel 1500 devices
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR9553-4H/TR1 Page 6/7
Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as shown in Circuit A below Circuit model A LED Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUR9553-4H/TR1 Reliability Test: Page 7/7
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=50mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=1005 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (30min) (30min) 2.total 100 cycles
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test
1.T.Sol=235 5 2.Immersion time 2 0.5sec 3.Coverage 95% of the dipped surface
Temperature Cycling Environmental Test
1.105 ~ 25 ~ -55 ~ 25 30mins 5mins 30mins 5mins 2.10 Cyeles
IR Reflow
Ramp-up rate(217 to Peak) +3 second max Temp. maintain at 175( 25) 180 seconds max Temp. maintain above 217 60-150 seconds Peak temperature range 260+5/-0 Time within 5 of actual Peak Temperature(tp) 10-30 seconds Ramp-down rate +6 /second max
MIL-STD-750D:2031.2 J-STD-020B


▲Up To Search▲   

 
Price & Availability of LUR9553-4H-TR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X