Part Number Hot Search : 
A2203M DD201 EFA240D C1502 ICS571M CP593 SRA255 MC12026
Product Description
Full Text Search
 

To Download F1772-322-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F1772-2000
Vishay Roederstein
AC-Capacitors, Suppression Capacitors Class X2 AC 275V (MKT)
LEAD LENGTH X (mm) 4-1 6-1 15-1 30+5 ORDERING CODE*** F1772- . . . - 2004 F1772- . . . - 2000 F1772- . . . - 2015 F1772- . . . - 2030
H L Dimensions in mm
W
REFERENCE STANDARDS:
EN 132 400, 1994 EN 60068-1 IEC 60384-14/2, 1993 UL 1283 UL 1414 CSA 22.2 No. 8-M 86 CSA 22.2 No. 1-M 90
0.4
pcm 0.4 X
O 0.8
CAPACITANCE TOLERANCE:
Standard: 10%
DIELECTRIC:
Polyester film
DISSIPATION FACTOR TAN:
< 1% measured at 1kHz
ELECTRODES:
Metal evaporated
INSULATION RESISTANCE: FOR C 0.33F:
30 G average value 15 G minimum value
CONSTRUCTION:
Metallized film capacitor Internal series connection
Electrode Dielectric Center margin Free margin
TIME CONSTANT FOR C > 0.33F:
10 000 sec. average value 5 000 sec. minimum value
TEST VOLTAGE:
(Electrode/electrode): DC 2150V/2 sec. Between interconnected terminations and case (foil method): AC 2500V for 2 sec. at 25C.
Z [] 101
MAXIMUM PULSE RISE TIME: (d /d ) in V/s
ut
RATED VOLTAGE AC 275V
15.0 200
PITCH (mm) 22.5 27.5 150 100
37.5 100
100
RATED VOLTAGE:
0.47 F 0.015 F 0.01 F
PERMISSIBLE DC VOLTAGE:
DC 630V Radial tinned copper wire
0.22 F
10-1
0.1 F
10-2
COATING:
Plastic case, epoxy resin sealed, flame retardant UL 94V-0
10-3 0.01 0.05 0.1 0.5 1.0 5.0 f 10 50 100 [MHz]
CLIMATIC TESTING CLASS ACC. TO EN 60068-1:
40/100/56
Impedance (Z) as a function of frequency (f) at Ta = 20C (average). Measurement with lead length 6mm. FURTHER TECHNICAL DATA: See page 21 (Document No 26504)
To contact us: RFI@Vishay.com Document Number 26503 Revision 17-Sep-02
CAPACITANCE RANGE:
E12 series 0.01FX2 - 2.2FX2 preferred values acc. to E6
www.vishay.com 22
2.2 F 1.5 F 1 F 0.68 F
TERMINALS:
0.33 F
0.15 F
0.068 F
0.033 F
0.047 F
AC 275V, 50/60Hz
0.022 F
F1772-2000
Suppression Capacitors Class X2 AC 275V
APPROVALS
COUNTRY U.S.A. (for AC 250V) Canada (for AC 250V) SPECIFICATION UL 1283 UL 1414 C 22.2 No. 8-M 1986 C 22.2 No. 1-M 1994 ELECTRICAL VALUES 0.01 - 2.2FX 0.01 - 1.0FX 0.01 - 2.2FX 0.01 - 0.82FX 0.01 - 2.2FX2 0.01 - 2.2FX2 APPROVAL REFERENCE E 76297 E 100682 LR 64546 LR 64546-8 DE 1-8790 83658 APPROVAL MARK
Vishay Roederstein
CB TEST-CERTIFICATE (for AC 275V) Germany EN 132 400, 1999-06 IEC 60384-14, 2nd edition; 1993-07, Table II + A1: 1995-06
This approval mark together with the CB-Certificate replace all national approval marks of the following countries (they have already signed the CB-Agreement): Austria France Netherlands Japan Singapore CAPACITANCE Belgium Germany Israel Norway Rep. of Korea TOL. PITCH BOX NO. Denmark Ireland Portugal China Hungary DIMENSIONS W x H x L (mm) Finland Italy Spain Poland Iceland QUANTITY PACKAGE LEAD LENGTH LEAD LENGTH 6-1mm < = 6-1mm (g) (pcs)** 1.4 750 1.4 750 1.4 750 1.4 750 1.4 750 1.4 750 1.4 750 2.0 500 2.0 500 2.0 500 2.4 450 2.7 325 2.7 325 2.7 325 4.1 235 4.1 235 4.6 200 6.7 170 6.7 170 9.1 125 9.1 125 9.1 125 12.9 110 15.0 100 15.0 100 18.9 80 18.9 80 24.0 70 31.6 60 WEIGHT Sweden Switzerland Great Britain Czech. Republic Slovenia ORDERING CODE***
(%) 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2
FX2
FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2
10
FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2 FX2
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
(mm) 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0* 15.0* 22.5* 22.5* 22.5* 22.5* 22.5* 27.5* 27.5* 27.5* 27.5* 27.5* 27.5* 37.5* 37.5* 37.5* 37.5*
05 05 05 05 05 05 05 06 06 06 07 08 08 08 11 11 12 13 13 14 14 14 15 15 18 16 19 19 20
(+ 0.2/- 0.4mm) 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 5.3 x 10.3 x 17.8 6.3 x 12.3 x 17.8 6.3 x 12.3 x 17.8 6.3 x 12.3 x 17.8 7.3 x 13.3 x 17.8 8.3 x 14.3 x 17.8 8.3 x 14.3 x 17.8 8.3 x 14.3 x 17.8 7.3 x 15.3 x 26.3 7.3 x 15.3 x 26.3 8.3 x 16.3 x 26.3 10.3 x 18.3 x 26.3 10.3 x 18.3 x 26.3 11.0 x 20.3 x 31.3 11.0 x 20.3 x 31.3 11.0 x 20.3 x 31.3 13.0 x 23.3 x 31.3 13.0 x 23.3 x 31.3 14.5 x 24.3 x 31.3 14.0 x 24.3 x 41.3 15.5 x 28.3 x 41.3 15.5 x 28.3 x 41.3 17.8 x 32.3 x 41.3
F1772-310-20 . . F1772-312-20 . . F1772-315-20 . . F1772-318-20 . . F1772-322-20 . . F1772-327-20 . . F1772-333-20 . . F1772-339-20 . . F1772-347-20 . . F1772-356-20 . . F1772-368-20 . . F1772-382-20 . . F1772-410-20 . . F1772-412-20 . . F1772-415-20 . . F1772-418-20 . . F1772-422-20 . . F1772-427-20 . . F1772-433-20 . . F1772-439-20 . . F1772-447-20 . . F1772-456-20 . . F1772-468-20 . . F1772-482-20 . . F1772-510-20 . . F1772-512-20 . . F1772-515-20 . . F1772-518-20 . . F1772-522-20 . .
Preferred values in bold print. Inbuilt discharging resistor on request (with larger case dimensions). * Different pitch on request. ** Further information about packaging quantities with different lead length and/or taped versions. See page 16 (Document No 27608 Packing Quantities). Use Box No. as reference ***These capacitors can be delivered on continuous tape and reel - see page 14/15 (Document Number 26535). The ordering code is F1772- . . . - 2900 at H = 16.5mm, F1772- . . . - 2901 at H = 18.5mm. Document Number 26503 Revision 17-Sep-02 To contact us: RFI@Vishay.com www.vishay.com 23


▲Up To Search▲   

 
Price & Availability of F1772-322-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X