Part Number Hot Search : 
2A104J F10JC6 DTC114Y SMA64 2N649 B1012 50502 IR3220
Product Description
Full Text Search
 

To Download DVHF2812DRES-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DVHF2800D Series
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DESCRIPTION
The DVHF series of high reliability DC-DC converters is operable over the full military (-55 C to +125 C) temperature range with no power derating. Unique to the DVHF series is a magnetic feedback circuit that is radiation immune. Operating at a nominal fixed frequency of 450 kHz, these regulated, isolated units utilize well controlled undervoltage lockout circuitry to eliminate slow start-up problems. These converters are designed and manufactured in a facility qualified to ISO9001 and certified to MIL-PRF-38534 and MIL-STD-883. This product may incorporate one or more of the following U.S. patents: 5,784,266 5,790,389 5,963,438 5,999,433 6,005,780 6,084,792 6,118,673
FEATURES
* * * * * * * * * * * * * * * * * * * High Reliability Very Low Output Noise Wide Input Voltage Range: 15 to 50 Volts per MIL-STD-704 Up to 20 Watts Output Power Radiation Immune Magnetic Feedback Circuit NO Use of Optoisolators Undervoltage Lockout Indefinite Short Circuit Protection Current Limit Protection Industry Standard Pinout High Input Transient Voltage: 80 Volts for 1 sec per MIL-STD-704A Radiation Hardened Version Available Precision Projection Welded Hermetic Package High Power Density: > 37 W/in3 Custom Versions Available Additional Environmental Screening Available Meets MIL-STD-461C and MIL-STD-461D EMC Requirements When Used With a DVMH28 EMI Filter Flanged and Non-flanged Versions Available. MIL-PRF-38534 Element Evaluated Components
Figure 1 - DVHF2800D / DVHF2800DF DC-DC Converter (Not To Scale)
1X005DSG
11314 4th Avenue West, Suite 206 Everett, WA 98204 http://www.vpt-inc.com
Sales Information: Phone: (425) 353-3010 Fax: (425) 353-4030 E-mail: vptsales@vpt-inc.com
1
DVHF2800D Series
SPECIFICATIONS (TCASE = -55C to +125C, VIN = +28V 5%, Full Load5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous) Input Voltage (Transient, 1 second) Output Power1 Power Dissipation (Full Load, TCASE = +125C) 50 VDC 80 Volts 20 Watts 6 Watts Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) (Un-Flanged / Flanged)
DVHF2805D Min Typ Max Min DVHF2812D Typ Max
+12C -65C to +150C 270C (24 / 28) Grams
Parameter
Conditions
Units
STATIC
INPUT 4 Voltage Current Ripple Current Inhibit Pin Input UVLO Turn On UVLO Turn Off OUTPUT 5 Voltage
4 4 4
Continuous Transient, 1 sec Inhibited No Load Full Load , 20Hz to 10MHz
5
15 0 9.0 12.0 11.0
28 40 11.0 5.0 5.0 5.0 5.0 450 427
50 80 6 65 60 1.5 13.0 14.8 14.5 5.05 5.075 5.20 5.25 15 10.5 2.1 60 20 200 50 200 500 8 8 500 500 -
15 0 9.0 12.0 11.0 11.88 11.82 11.80 11.52 0 0 0 78 350 100 -
28 40 11.0 12.0 12.0 12.0 12.0 450 427
50 80 6 65 90 1.5 13.0 14.8 14.5 12.12 12.18 12.20 12.48 20 14 1.17 50 20 200 50 200 500 8 8 500 500 -
V V mA mA mAp-p V V V V V V V V W W A mVp-p mV mV mV mV mV % W W F kHz M kHrs
Inhibit Pin Open Circuit Voltage
+VOUT +VOUT -VOUT -VOUT Power
3,6
TCASE = 25C TCASE = -55C to +125C TCASE = 25C TCASE = -55C to +125C Either Output Either Output Full Load , 20Hz to 10MHz VIN = 16V to 40V VIN = 16V to 40V No Load to Full Load No Load to Full Load
5 5,7 5
4.95 4.925 4.80 4.75 0 0 0 73 350 100 -
Total VOUT VOUT VOUT +VOUT -VOUT +VOUT -VOUT -VOUT
Current
3,6
Ripple Voltage Line Regulation Load Regulation Cross Regulation EFFICIENCY
+VOUT = 70%, -VOUT = 30% +VOUT = 30%, -VOUT = 70% Full Load Overload
5 4
LOAD FAULT POWER DISSIPATION CAPACITIVE LOAD ISOLATION MTBF (MIL-HDBK-217F) See notes next page.
4
Short Circuit Either Output 500 VDC, TCASE = 25C AIF @ TC = 55C
SWITCHING FREQUENCY
1X005DSG
2
DVHF2800D Series
SPECIFICATIONS (TCASE = -55C to +125C, VIN = +28V 5%, Full Load5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous) Input Voltage (Transient, 1 second) Output Power1 Power Dissipation (Full Load, TCASE = +125C) 50 VDC 80 Volts 20 Watts 6 Watts Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) (Un-Flanged / Flanged)
DVHF2805D Min Typ Max Min DVHF2812D Typ Max
+12C -65C to +150C 270C (24 / 28) Grams
Parameter
Conditions
Units
DYNAMIC
Load Step Output Transient Load Step Recovery Line Step Recovery Turn On Delay Turn On Overshoot
2 4
VOUT VOUT VOUT
Half Load to Full Load VIN = 16V to 40V VIN = 0V to 28V
-
400 300 -
400 500 800 700 20 25
-
500 300 -
400 500 900 500 20 50
mVPK Sec mVPK Sec mSec mVPK
Line Step Output Transient
2, 4
Notes:
1. 2. 3. 4. 5. 6. 7.
Dependant on output voltage. Time for output voltage to settle within 1% of its nominal value. Derate linearly to 0 at 135C. Verified by qualification testing. Half load at +VOUT and half load at -VOUT. Up to 70% of the total power or current can be drawn from any one of the two outputs. 5% Load to Full Load at -55C.
1X005DSG
3
DVHF2800D Series
SPECIFICATIONS (TCASE = -55C to +125C, VIN = +28V 5%, Full Load5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous) Input Voltage (Transient, 1 second) Output Power1 Power Dissipation (Full Load, TCASE = +125C) 50 VDC 80 Volts 20 Watts 6 Watts Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) (Un-Flanged / Flanged)
DVHF2815D Min Typ Max
+12C -65C to +150C 270C (24 / 28) Grams
Parameter
Conditions
Units
STATIC
INPUT 4 Voltage Current Ripple Current Inhibit Pin Input UVLO Turn On UVLO Turn Off OUTPUT 5 Voltage
4 4 4
Continuous Transient, 1 sec Inhibited No Load Full Load , 20Hz to 10MHz
5
15 0 9.0 12.0 11.0
28 40 11.0 15.0 15.0 15.0 15.0 450 427
50 80 6 65 90 1.5 13.0 14.8 14.5 15.15 15.225 15.20 15.60 20 14 0.93 60 20 200 50 200 500 8 8 500 500 -
V V mA mA mAp-p V V V V V V V V W W A mVp-p mV mV mV mV mV % W W F kHz M kHrs
Inhibit Pin Open Circuit Voltage
+VOUT +VOUT -VOUT -VOUT Power
3,6
TCASE = 25C TCASE = -55C to +125C TCASE = 25C TCASE = -55C to +125C Either Output Either Output Full Load , 20Hz to 10MHz VIN = 16V to 40V VIN = 16V to 40V No Load to Full Load No Load to Full Load
5 5,7 5
14.85 14.775 14.80 14.40 79 350 100 -
Total VOUT VOUT VOUT +VOUT -VOUT +VOUT -VOUT -VOUT
Current
3,6
Ripple Voltage Line Regulation Load Regulation Cross Regulation EFFICIENCY
+VOUT = 70%, -VOUT = 30% +VOUT = 30%, -VOUT = 70% Full Load Overload
5 4
LOAD FAULT POWER DISSIPATION CAPACITIVE LOAD ISOLATION MTBF (MIL-HDBK-217F) See notes next page.
4
Short Circuit Either Output 500 VDC, TCASE = 25C AIF @ TC = 55C
SWITCHING FREQUENCY
1X005DSG
4
DVHF2800D Series
SPECIFICATIONS (TCASE = -55C to +125C, VIN = +28V 5%, Full Load5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous) Input Voltage (Transient, 1 second) Output Power1 Power Dissipation (Full Load, TCASE = +125C) 50 VDC 80 Volts 20 Watts 6 Watts Junction Temperature Rise to Case Storage Temperature Lead Solder Temperature (10 seconds) Weight (Maximum) (Un-Flanged / Flanged)
DVHF2815D Min Typ Max
+12C -65C to +150C 270C (24 / 28) Grams
Parameter
Conditions
Units
DYNAMIC
Load Step Output Transient Load Step Recovery Line Step Recovery Turn On Delay Turn On Overshoot
2 4
VOUT VOUT VOUT
Half Load to Full Load VIN = 16V to 40V VIN = 0V to 28V
-
500 300 -
400 500 900 500 20 50
mVPK Sec mVPK Sec mSec mVPK
Line Step Output Transient
2, 4
Notes:
1. 2. 3. 4. 5. 6. 7.
Dependant on output voltage. Time for output voltage to settle within 1% of its nominal value. Derate linearly to 0 at 135C. Verified by qualification testing. Half load at +VOUT and half load at -VOUT. Up to 70% of the total power or current can be drawn from any one of the two outputs. 5% Load to Full Load at -55C.
1X005DSG
5
DVHF2800D Series
BLOCK DIAGRAM
D2 PIN 2 +V OUT C3 Rs3
T1 PIN 8 28V IN L1 C1 IN COM PIN 7 Q1
OUT COM D1 C2 PIN 4 -V OUT Rs2 PIN 3
UNDER VOLTAGE SHUTDOWN
MAGNETIC FEEDBACK Rs1
VOLTAGE AND CURRENT AMPLIFIERS
PRIMARY HOUSEKEEPING SUPPLY INH PIN 1
PWM CONTROL
SECONDARY HOUSEKEEPING SUPPLY
Figure 2
CONNECTION DIAGRAM
8 28V IN 28 Vdc 1 INH 7 OUT COM +V OUT
2 LOAD
+ -
3
LOAD IN COM -V OUT 4
Figure 3
1X005DSG
6
DVHF2800D Series
INHIBIT DRIVE CONNECTION DIAGRAMS
28V IN 8 10K INH 1 BIAS
OPTOISOLATOR
28V IN 8 10K INH 1 BIAS
OPTIONAL CAPACITOR IN COM 7
12V
OPTIONAL CAPACITOR IN COM 7
12V
Figure 4 - Internal Inhibit Circuit and Recommended Drive (Shown with optional capacitor for turn-on delay)
Figure 5 - Isolated Inhibit Drive (Shown with optional capacitor for turn-on delay)
EMI FILTER HOOKUP DIAGRAM
DVMH28 EMI FILTER 1 28V IN 28V OUT 2 DVHF2800D DC-DC CONVERTER 8 28V IN +V OUT 2 LOAD
28 Vdc
+ 5 IN COM OUT COM 3 CASE 4
1 INH 7 IN COM 6 -V OUT OUT COM
3
4
LOAD
Figure 6 - Converter with EMI Filter
1X005DSG
7
DVHF2800D Series
EFFICIENCY PERFORMANCE CURVES (TCASE = 25C, Full Load, Unless Otherwise Specified)
VIN = 16V VIN = 28V VIN = 40V
80 75 Efficiency (%)
Efficiency (%)
85 80 75 70 65 60 55
70 65 60 55 50 0 5 10 15 Output Pow er (W)
0
5
10 Output Pow er (W)
15
20
Figure 7 - DVHF2805D Efficiency (%) vs. Output Power (W)
Figure 8 - DVHF2812D Efficiency (%) vs. Output Power (W)
90 85 Efficiency (%) 80 75 70 65 60 0 5 10 Output Pow er (W) 15 20
Figure 9 - DVHF2815D Efficiency (%) vs. Output Power (W)
1X005DSG
8
DVHF2800D Series
EMI PERFORMANCE CURVES
(TCASE = 25C, VIN = +28V 5%, Full Load, Unless Otherwise Specified)
Figure 10 - DVHF2800D without EMI Filter
Figure 11 - DVHF2800D with EMI Filter
1X005DSG
9
DVHF2800D Series
PACKAGE SPECIFICATIONS (NON-FLANGED)
TOP VIEW
SIDE VIEW
PIN 1 2 3 4 5 6 7 8
FUNCTION INHIBIT +V OUT OUT COM -V OUT N/C CASE IN COM 28V IN
BOTTOM VIEW
Figure 12 - Non-Flanged Package and Pinout (Dimensional Limits are 0.005" Unless Otherwise Stated)
1X005DSG
10
DVHF2800D Series
PACKAGE SPECIFICATIONS (FLANGED)
TOP VIEW
SIDE VIEW
PIN 1 2 3 4 5 6 7 8
FUNCTION INHIBIT +V OUT OUT COM -V OUT N/C CASE IN COM 28V IN
BOTTOM VIEW
Figure 13 - Flanged Package and Pinout (Dimensional Limits are 0.005" Unless Otherwise Stated)
1X005DSG
11
DVHF2800D Series
PACKAGE PIN DESCRIPTION
Pin
1 2 3 4 5 6 7 8
Function
INHIBIT +V OUT OUT COM -V OUT N/C CASE IN COM 28V IN
Description
Logic Low = Disabled Output. Connecting the inhibit pin to input common (PIN 7) causes converter shutdown. Logic High = Enabled Output. Unconnected or open collector TTL. Positive Output Voltage Connection Output Common Connection Negative Output Voltage Connection No Connection Case Connection Input Common Connection Positive Input Voltage Connection
1X005DSG
12
DVHF2800D Series
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534)
Screening NonDestructive Bond Pull Internal Visual Temperature Cycling Constant Acceleration PIND Pre Burn-In Electrical MIL-STD-883 Standard
(No Suffix)
Extended /ES * *
HB /HB * * * *
Class H /H * * * *
Class K /K * * * * * * *
Method 2023 Method 2017, 2032 Internal Procedure Method 1010, Condition C Method 1010, -55C to 125C Method 2001, 3000g, Y1 Direction Method 2001, 500g, Y1 Direction Method 2020, Condition A2 100% at 25C Method 1015, 320 hours at +125C Method 1015, 160 hours at +125C 96 hours at +125C 24 hours at +125C MIL-PRF-38534, Group A1 100% at 25C Method 1014, Fine Leak, Condition A Method 1014, Gross Leak, Condition C -3 Dip (1 x 10 ) Method 20123 Method 2009
*
*
* *
Burn-In
* *
*
*
*
Final Electrical
* * *
*
*
*
Hermeticity
*
* *
* *
* *
Radiography External Visual
* * * * * *
Notes:
1. 2. 3.
100% R&R testing at -55C, +25C, and +125C with all test data included in product shipment. PIND test Certificate of Compliance included in product shipment. Radiographic test Certificate of Compliance and film(s) included in product shipment.
1X005DSG
13
DVHF2800D Series
ORDERING INFORMATION
DVHF 1
28 2
05 3
D 4
F 5
R 6
/HB 7
-
XXX 8
(1) Product Series
DVHF
(2) Nominal Input Voltage
28 28 Volts
(3) Output Voltage
05 12 15 5 Volts 12 Volts 15 Volts
(4) Number of Outputs
D Dual
(5) Package Option None F NonFlanged Flanged
(6) Rad-Hard Option2 None R Standard 100 kRad
(7) Screening Code1,3 None /ES /HB /H /K Standard Extended HB Class H Class K
(8) Additional Screening Code Contact Sales
Notes:
1. 2. 3.
Contact the VPT Inc. Sales Department for availability of Class H (/H) or Class K (/K) qualified products. VPT Inc. is not currently qualified to a DSCC certified radiation hardness assurance program. VPT Inc. reserves the right to ship higher screened or SMD products to meet lower screened orders at our sole discretion unless specifically forbidden by customer contract.
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional environmental screening and testing, different input voltage, output voltage, power requirement, source inspection, and/or special element evaluation for space or other higher quality applications.
1X005DSG
14
DVHF2800D Series
SMD (STANDARD MICROCIRCUIT DRAWING) NUMBERS
Standard Microcircuit Drawing (SMD)
5962-0324401HXC 5962-0324401HYC 5962-0324402HXC 5962-0324402HYC 5962-0324403HXC 5962-0324403HYC
DVHF2800D Series Similar Part Number
DVHF2805D/H DVHF2805DF/H DVHF2812D/H DVHF2812DF/H DVHF2815D/H DVHF2815DF/H
Do not use the DVHF2800D Series similar part number for SMD product acquisition. It is listed for reference only. For exact specifications for the SMD product, refer to the SMD drawing. SMD's can be downloaded from the DSCC website at http://www.dscc.dla.mil/programs/smcr/. The SMD number listed above is for MIL-PRF-38534 Class H screening, standard gold plated lead finish, and no RHA (Radiation Hardness Assurance) level. Please reference the SMD for other screening levels, lead finishes, and radiation levels.
CONTACT INFORMATION
To request a quotation or place orders please contact your sales representative or the VPT Inc. Sales Department at: Phone: Fax: E-mail: (425) 353-3010 (425) 353-4030 vptsales@vpt-inc.com
All information contained in this datasheet is believed to be accurate, however, no responsibility is assumed for possible errors or omissions. The products or specifications contained herein are subject to change without notice.
1X005DSG
15


▲Up To Search▲   

 
Price & Availability of DVHF2812DRES-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X