Part Number Hot Search : 
ISP1563 MXT3010 161005 H1N60U SB640FCT SC417 110243 66000
Product Description
Full Text Search
 

To Download CZT200010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CZT2000 SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CZT2000 type is an NPN Epitaxial Planar Silicon darlington transistor manufactured in an epoxy molded surface mount package, designed for applications requiring extremely high voltages and high gain capability. MARKING: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCBO VCES VEBO IC PD TJ, Tstg JA 200 200 10 600 2.0 -65 to +150 62.5
UNITS V V V mA W C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICBO IEBO BVCES VCE(SAT) VCE(SAT) VCE(SAT) VBE(ON) hFE hFE hFE VCB=180V VBE=10V IC=1.0mA IC=20mA, IB=25A IC=80mA, IB=40A IC=160mA, IB=100A VCE=5.0V, IC=160mA VCE=5.0V, IC=100A VCE=5.0V, IC=10mA VCE=5.0V, IC=160mA 200
MAX 500 100 0.9 1.1 1.2 2.0
UNITS nA nA V V V V V
3000 3000 3000
R6 (1-March 2010)
CZT2000 SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR SOT-223 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Base 2) Collector 3) Emitter 4) Collector MARKING: FULL PART NUMBER
R6 (1-March 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CZT200010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X