Part Number Hot Search : 
NFM41 MJD41C11 CB2012T 99000 TM1723 CD5520B PWR1311 SA211
Product Description
Full Text Search
 

To Download CDSOT23-SR724 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

Applications

NT
Lead free device (RoHS Compliant*) Protects 4 lines Low leakage current Low capacitance 3 pF Typ.
Ethernet - 10/100/100 Base T Portable electronics Video/graphics card USB 2.0 interface FireWire
*R
oH
S
CO
M
CDSOT23-SR724 - Steering Diode Array
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Array diodes for Surge and ESD protection applications, in compact chip package SOT23-6 size format. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. The Bourns(R) device will meet IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and IEC 61000-4-5 (Surge) requirements.
1 I/O 1 2 VH 3 I/O 2 I/O 4 6 VP 5 I/O 3 4
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Peak Pulse Forward Current (tp = 8/20 s) Continuous Power Dissipation Typical Forward Voltage (8/20 s @ 25 C, IF = 1 A) Repetitive Peak Reverse Voltage1 Reverse Leakage Current @ VRRM2 Capacitance @ 0 V & 1 MHz Quiescent Supply Current @ 20 V3 Symbol IPP PPC VF VRRM ID Cj(SD) IRQ 3 100 2 20 10 Min. Nom. Max. 12 125 Unit A mW V V nA pF nA
Notes: 1. VRRM is +VCC for pin 5, -VEE for pin 2. Pin 2 also represents ground for unidirectional applications. 2. +20 V from Pin 5 to 1, 5 to 4, 5 to 3, and 5 to 6. -20 V from Pin 2 to 1, 2 to 3, 2 to 4, and 2 to 6. 3. +20 V from Pin 5 to 2.
Thermal Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Operating Temperature Storage Temperature Symbol TJ TSTG Min. -55 -55 Nom. +25 +25 Max. +150 +150 Unit C C
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-SR724 - Steering Diode Array
Mechanical Characteristics This is a molded JEDEC SOT23-6 package with lead free 100 % Tin (Sn) on the lead frame. It weighs approximately 16 mg and has a flammability rating of UL 94V-0. Product Dimensions
0.35 - 0.50 (0.014 - 0.020) 0.85 - 1.05 (0.033 - 0.040)
Recommended Footprint
2.40 (0.094)
6
5
4
2.60 - 3.00 (0.102 - 0.118)
0.20 (0.007)
0 - 10 1.90 (0.074)
1
2
3
1.50 - 1.75 (0.059 - 0.070) 0.35 - 0.55 (0.014 - 0.022) 0.09 - 0.20 (0.004 - 0.008) 0.70 (0.028) 1.00 (0.039) 0.95 (0.037)
1.70 - 2.10 (0.067 - 0.083) 2.80 - 3.05 (0.110 - 0.120) 0.90 - 1.30 (0.035 - 0.051)
0.90 - 1.45 (0.036 - 0.057)
DIMENSIONS = MILLIMETERS (INCHES)
DIMENSIONS = MILLIMETERS (INCHES)
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
TOP SIDE VIEW (INTO COMPONENT POCKET)
0.3 0.05 (.01 .002) 2.0 0.05 (.08 .002)
4.0 0.1 (.16 .004) 1.5 0.1/-0 (.06 .004/-0) DIA. 1.75 0.1 (.07 .004)
R
0.3 MAX. (0.01)
12.0 0.3 (.47 .01) 5.5 0.3 (.22 .01) 3.9 0.1 (.154 .004) 8.0 0.3 (.31 .01) R 0.25 TYP. (0.010)
0.9 0.1 (.035 .004)
3.9 0.1 (.154 .004)
ORIENTATION OF COMPONENT IN POCKET BACKSIDE FACING UP
DIMENSIONS = MILLIMETERS (INCHES)
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-SR724 - Steering Diode Array
Performance Graphs Non-Repetitive Peak Pulse Current Capability
8 IPP - Peak Pulse Current (% of IPP)
Pulse Wave Form
120 100 80 60 40 20 0 td = t|IPP/2 tt Test Waveform Parameters tt = 8 s td = 20 s et
Peak Pulse Current (A)
6
4
2
0 0.001
0.01
0.1
1
100
100
0
5
10
15 t - Time (s)
20
25
30
Square Wave Pulse (ms)
Typical Low Current Forward Voltage Drop
200 160 120 80 40 0 600 TA = 25 C Single Pulse See Pulse Wave Form
Typical High Current Forward Voltage Drop
5 4 Forward Current (A) 3 2 1 0 TA = 25 C Single Pulse See Pulse Wave Form
Forward Current (mA)
800
1,000
1,200
0
1 Forward Voltage Drop (V)
2
3
Forward Voltage Drop (mV)
Power Derating Curve
100 80 60 40 20 Average Power 0 0 25 50 75 100 125 150 Peak Pulse Power 8/20 s
% of Rated Power
TL - Lead Temperature (C)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-SR724 - Steering Diode Array
Block Diagram
I/O 4 6 REF 2 5 I/O 3 4
How To Order
CD SOT23 - SR 724
Common Code CD = Chip Diode Package SOT23 = SOT23-6 Package Model SR = Steering Diode Model Number 724
Typical Part Marking
1 I/O 1 2 REF 1 3 I/O 2
CDSOT23-SR724 ...................................................................... 724
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
COPYRIGHT(c) 2005, BOURNS, INC. LITHO IN U.S.A., IPA0522 10/05


▲Up To Search▲   

 
Price & Availability of CDSOT23-SR724

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X