Part Number Hot Search : 
BU426A 9PAMF10 SC8725 C2412A SC606 GP300 128160 2SK1952
Product Description
Full Text Search
 

To Download ADM1025ARQ-REEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Up to 8 Measurement Channels 5 Inputs to Measure Supply Voltages V CC Monitored Internally External Temperature Measurement with Remote Diode On-Chip Temperature Sensor 5 Digital Inputs for VID Bits Integrated 100 k Pull-Ups on VID Pins (ADM1025 Only) LDCM Support I2C(R) Compatible System Management Bus (SMBus) Programmable RST Output Pin Programmable INT Output Pin Configurable Offset for Internal/External Channel Shutdown Mode to Minimize Power Consumption Limit Comparison of all Monitored Values APPLICATIONS Network Servers and Personal Computers Microprocessor-Based Office Equipment Test Equipment and Measuring Instruments
Low Cost PC Hardware Monitor ASIC ADM1025/ADM1025A*
PRODUCT DESCRIPTION
The ADM1025/ADM1025A is a complete system hardware monitor for microprocessor-based systems, providing measurement and limit comparison of various system parameters. Five voltage measurement inputs are provided for monitoring 2.5 V, 3.3 V, 5 V, and 12 V power supplies and the processor core voltage. The ADM1025/ADM1025A can monitor a sixth power supply voltage by measuring its own VCC. One input (two pins) is dedicated to a remote temperature-sensing diode, and an on-chip temperature sensor allows ambient temperature to be monitored. The ADM1025A has open-drain VID inputs while the ADM1025 has on-chip 100 k pull-ups on the VID inputs. Measured values and in/out of limit status can be read out via an I2C compatible serial System Management Bus. The device can be controlled and configured over the same serial bus. The device also has a programmable INT output to indicate undervoltage, overvoltage, and overtemperature conditions. The ADM1025/ADM1025A's 3.0 V to 5.5 V supply voltage range, low supply current, and I2C compatible interface make it ideal for a wide range of applications. These include hardware monitoring and protection applications in personal computers, electronic test equipment, and office electronics.
FUNCTIONAL BLOCK DIAGRAM
VDD VID0 VID1 VID2 VID3 300k 12VIN/VID4 VCC POWER TO CHIP 100k PULL-UPS VID4 REGISTER SERIAL BUS INTERFACE ADD/RST/INT/NTO SDA SCL
VID0-VID3 REGISTER
ADM1025/ ADM1025A
VALUE AND LIMIT REGISTERS LIMIT COMPARATORS
VCCPIN 2.5VIN 3.3VIN 5VIN D+ D-/NTI BAND GAP TEMPERATURE SENSOR INPUT ATTENUATORS AND ANALOG MULTIPLEXER
ADDRESS POINTER REGISTER
MEASUREMENT STATUS REGISTERS ADC OFFSET REGISTER 2.5V BAND GAP REFERENCE CONFIGURATION REGISTER
*Patent Pending. Purchase of licensed I 2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I 2C Patent Rights to use these components in an I 2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
GND
REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
ADM1025/ADM1025A-SPECIFICATIONS (T = T
A
MIN
to TMAX, VCC = VMIN to VMAX, unless otherwise noted.)
Unit V mA A C C C C C A A Test Conditions/Comments Note 1 Interface Inactive, ADC Active Standby Mode (Note 2)
Parameter
POWER SUPPLY Supply Voltage, VCC Supply Current, ICC TEMPERATURE-TO-DIGITAL CONVERTER Internal Sensor Accuracy Resolution External Diode Sensor Accuracy Resolution Remote Sensor Source Current ANALOG-TO-DIGITAL CONVERTER (INCLUDING MUX AND ATTENUATORS) Total Unadjusted Error, TUE Differential Nonlinearity, DNL Power Supply Sensitivity Conversion Time (Analog Input or Internal Temperature) Conversion Time (External Temperature) Input Resistance (2.5 V, 3.3 V, 5 V, 12 V, V CCPIN) OPEN-DRAIN DIGITAL OUTPUT ADD/RST/INT/NTO Output Low Voltage, V OL High Level Output Leakage Current, I OH RST Pulsewidth OPEN-DRAIN SERIAL DATABUS OUTPUT (SDA) Output Low Voltage, V OL High Level Output Leakage Current, I OH SERIAL BUS DIGITAL INPUTS (SCL, SDA) Input High Voltage, V IH Input Low Voltage, VIL Hysteresis DIGITAL INPUT LOGIC LEVELS (ADD, VID0-VID4, NTI) 5 VID0-VID3 Input Resistance VID4 Input Resistance Input High Voltage, V IH6 Input Low Voltage, VIL6 DIGITAL INPUT LEAKAGE CURRENT Input High Current, I IH Input Low Current, IIL Input Capacitance, CIN SERIAL BUS TIMING Clock Frequency, fSCLK Glitch Immunity, tSW Bus Free Time, tBUF Start Setup Time, tSU:STA Start Hold Time, tHD:STA Stop Condition Setup Time, t SU:STO SCL Low Time, tLOW SCL High Time, t HIGH SCL, SDA Rise Time, t R SCL, SDA Fall Time, tF Data Setup Time, t SU:DAT Data Hold Time, tHD:DAT
Min 3.0
Typ 3.30 1.4 32
Max 5.5 2.5 500 3
1 5 3 1 180 11
60C TA 100C; VCC = 3.3 V High Level Low Level
80
1 11.6 34.8 140
2 1
250 0.4 1 45 0.4 1
% LSB %/V ms ms k V A ms V A V V mV
Note 3
Note 4 Note 4
0.1 20
IOUT = -6.0 mA; VCC = 3 V VOUT = VCC; VCC = 3 V
0.1 2.1
IOUT = -6.0 mA; VCC = 3 V VOUT = VCC
0.8 500
100 300 100 2.1 0.8 -1 +1 5 400 50 1.3 600 600 600 1.3 0.6 300 300 100 300
k k k V V A A pF kHz ns s ns ns ns s s ns ns ns ns
ADM1025 Only ADM1025 Only ADM1025A
VIN = VCC VIN = 0
See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1 See Figure 1
NOTES 1 All voltages are measured with respect to GND, unless otherwise specified. 2 Typicals are at TA = 25C and represent most likely parametric norm. Shutdown current typ is measured with V CC = 3.3 V. 3 TUE (Total Unadjusted Error) includes Offset, Gain, and Linearity errors of the ADC, multiplexer, and on-chip input attenuators, including an external series input protection resistor value between zero and 1 k. 4 Total monitoring cycle time is nominally 114.4 ms. Monitoring Cycle consists of 6 Voltage + 1 Internal Temperature + 1 External Temperature readings. 5 ADD is a three-state input that may be pulled high, low, or left open-circuit. 6 Timing specifications are tested at logic levels of V IL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge. Specifications subject to change without notice.
-2-
REV. C
ADM1025/ADM1025A
ABSOLUTE MAXIMUM RATINGS*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . 6.5 V Voltage on 12 V VIN Pin . . . . . . . . . . . . . . . . . . . . . . . . . 20 V Voltage on Any Input or Output Pin . . . . . . . . . -0.3 V to +6.5 V Input Current at Any Pin . . . . . . . . . . . . . . . . . . . . . . . 5 mA Package Input Current . . . . . . . . . . . . . . . . . . . . . . . 20 mA Maximum Junction Temperature (TJ max) . . . . . . . . . . 150C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature, Soldering Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . 215C Infrared 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200C ESD Rating All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
16-Lead QSOP Package: JA = 105C/W JC = 39C/W
ORDERING GUIDE
Model ADM1025ARQ ADM1025AARQ
Temperature Range 0C to 100C 0C to 100C
Package Description 16-Lead QSOP 16-Lead QSOP
Package Option RQ-16 RQ-16
Option Integrated 100 k VID Pull-Ups Open-Drain VID Inputs
tLOW
SCL
tR
tF
tHD:STA
tHD:STA
SDA
tHD:DAT
tHIGH
tSU:DAT
tSU:STA
tSU:STO
tBUF
P S S P
Figure 1. Diagram for Serial Bus Timing
REV. C
-3-
ADM1025/ADM1025A
PIN FUNCTION DESCRIPTIONS
Pin No. Mnemonic 1 2 3 4 5 6 7 8 9 10 11 SDA SCL GND VCC VID0 VID1 VID2 VID3 D-/NTI D+ 12VIN/VID4
Description Digital I/O. Serial bus bidirectional data. Open-drain output. Digital Input. Serial bus clock. System Ground Power. Can be powered by 3.3 V standby power if monitoring in low power states is required. This pin also serves as the analog input to monitor VCC. Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0-VID3 Status Register. It has an on-chip 100 k pull-up resistor (ADM1025 only). Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0-VID3 Status Register. It has an on-chip 100 k pull-up resistor (ADM1025 only). Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0-VID3 Status Register. It has an on-chip 100 k pull-up resistor (ADM1025 only). Digital Input. Core voltage ID readouts from the processor. This value is read into the VID0-VID3 Status Register. It has an on-chip 100 k pull-up resistor (ADM1025 only). Analog/Digital Input. Connected to cathode of external temperature sensing diode. If held high at power-up, it initiates NAND tree test mode. Analog Input. Connected to anode of external temperature sensing diode. Programmable Analog/Digital Input. Defaults to 12 VIN analog input at power-up but may be programmed as VID4 Core Voltage ID readout from the processor. This value is read into the VID4 Status Register. In analog 12 VIN mode, it has an on-chip voltage attenuator. In VID4 mode, it has an on-chip 300 k pull-up resistor. Analog Input. Monitors 5 V supply. Analog Input. Monitors 3.3 V supply. Analog Input. Monitors 2.5 V supply. Analog Input. Monitors processor core voltage (0 V to 3.0 V). Programmable Digital I/O. The lowest order programmable bit of the SMBus Address, sampled on SMB activity as a three-state input. Can also be configured to give a minimum 20 ms low reset output pulse. Alternatively, it can be programmed as an interrupt output for temperature/voltage interrupts. Functions as the output of the NAND tree in NAND tree test mode.
PIN CONFIGURATION
12 13 14 15 16
5VIN 3.3VIN 2.5VIN VCCPIN ADD/RST/INT/NTO
SDA 1 SCL 2 GND 3
16 ADD/RST/INT/NTO 15 VCCPIN
ADM1025/
14 2.5VIN
VCC 4 ADM1025A 13 3.3VIN TOP VIEW VID0 5 (Not to Scale) 12 5VIN VID1 6 VID2 7 VID3 8
11 12VIN/VID4 10 D+ 9
D-/NTI
-4-
REV. C
Typical Performance Characteristics- ADM1025/ADM1025A
30 20
120 100 90
TEMPERATURE ERROR - C
10 DXP TO GND 0 -10 DXP TO VCC (5V) -20 -30 -40 -50 -60 1 10 30 3.3 LEAKAGE RESISTANCE - M 100
READING
80 70 60 50 40 30 20 10 0 0 10 20 60 70 80 30 40 50 MEASURED TEMPERATURE 90 100 110
TPC 1. Temperature Error vs. PC Board Track Resistance
TPC 4. Pentium II (R) Temperature Measurement vs. ADM1025/ADM1025A Reading
6
25
5
20
TEMPERATURE ERROR - C
4 250mV p-p REMOTE 3 2
TEMPERATURE ERROR - C
15
10
5
1 100mV p-p REMOTE 0 -1
0
-5
50 500 5k 500k 50k FREQUENCY - Hz 5M 50M
1
2.2
3.2 4.7 DXP-DXN CAPACITANCE - nF
7
10
TPC 2. Temperature Error vs. Power Supply Noise Frequency
TPC 5. Temperature Error vs. Capacitance between D+ and D-
25
10 9
20
TEMPERATURE ERROR - C
TEMPERATURE ERROR - C
100mV p-p 15
8 7 10mV SQ. WAVE 6 5 4 3 2 1
10 50mV p-p 5
0
25mV p-p
-5 50 500 5k 50k 500k FREQUENCY - Hz 5M 50M
0
50
500
5k
100k 500k 50k FREQUENCY - Hz
5M
25M
50M
TPC 3. Temperature Error vs. Common-Mode Noise Frequency
TPC 6. Temperature Error vs. Differential-Mode Noise Frequency
Pentium II is a registered trademark of Intel Corporation.
REV. C
-5-
ADM1025/ADM1025A
26.5 26.0
A
PROCESSOR VOLTAGE ID
25.5 25.0 24.5 24.0 23.5 23.0 22.5 -40
VDD = 3.3V
STANDBY CURRENT -
Five digital inputs (VID4 to VID0--Pins 5 to 8 and 11) read the processor voltage ID code and store it in the VID registers, from which it can be read out by the management system over the serial bus. If Pin 11 is configured as a 12 V analog input (power-up default), the VID4 bit in the VID4 register will default to 0. The VID pins have internal 100 k pull-up resistors (ADM1025 only).
ADD/RST/INT/NTO
-20
0
20 40 60 80 TEMPERATURE - C
100
120
TPC 7. Standby Current vs. Temperature
GENERAL DESCRIPTION
Pin 16 is a programmable digital I/O pin. After power-up, at the first sign of SMBus activity, it is sampled to set the lowest two bits of the serial bus address. During board-level, NAND tree connectivity testing, this pin functions as the output of the NAND tree. During normal operation, Pin 16 may be programmed as a reset output to provide a low going 20 ms reset pulse when enabled, or it may be programmed as an interrupt output for out-of-limit temperature and/or voltage events. These functions are described in more detail later.
INTERNAL REGISTERS OF THE ADM1025/ADM1025A
The ADM1025/ADM1025A is a complete system hardware monitor for microprocessor-based systems. The device communicates with the system via a serial System Management Bus. The serial bus controller has a hardwired address line for device selection (Pin 16), a serial data line for reading and writing addresses and data (Pin 1), and an input line for the serial clock (Pin 2). All control and programming functions of the ADM1025/ ADM1025A are performed over the serial bus.
MEASUREMENT INPUTS
A brief description of the ADM1025/ADM1025A's principal internal registers is given below. More detailed information on the function of each register is given in Tables V to XV. Configuration Register: Provides control and configuration. Address Pointer Register: This register contains the address that selects one of the other internal registers. When writing to the ADM1025/ADM1025A, the first byte of data is always a register address, which is written to the Address Pointer Register. Status Registers: Two registers to provide status of each limit comparison. VID Registers: The status of the VID0 to VID4 pins of the processor can read from these registers. Value and Limit Registers: The results of analog voltage inputs and temperature measurements are stored in these registers, along with their limit values. Offset Register: Allows either an internal or external temperature channel reading to be offset by a twos complement value written to this register.
SERIAL BUS INTERFACE
The device has six measurement inputs, five for voltage and one for temperature. It can also measure its own supply voltage and can measure ambient temperature with its on-chip temperature sensor. Pins 11 through 15 are analog inputs with on-chip attenuators configured to monitor 12 V, 5 V, 3.3 V, 2.5 V, and the processor core voltage, respectively. Pin 11 may alternatively be programmed as a digital input for Bit 4 of the processor voltage ID code. Power is supplied to the chip via Pin 4, and the system also monitors the voltage on this pin. Remote temperature sensing is provided by the D+ and D- inputs, to which a diode-connected, external temperature-sensing transistor may be connected. An on-chip band gap temperature sensor monitors system ambient temperature.
SEQUENTIAL MEASUREMENT
Control of the ADM1025/ADM1025A is carried out via the serial bus. The ADM1025/ADM1025A is connected to this bus as a slave device, under the control of a master device or master controller. The ADM1025/ADM1025A has a 7-bit serial bus address. When the device is powered up, it will do so with a default serial bus address. The five MSBs of the address are set to 01011; the two LSBs are determined by the logical states of Pin 16 at power-up. This is a three-state input that can be grounded, connected to VCC, or left open-circuit to give three different addresses:
Table I. Address Selection
When the ADM1025/ADM1025A monitoring sequence is started, it cycles sequentially through the measurement of analog inputs and the temperature sensors. Measured values from these inputs are stored in Value Registers. These can be read out over the serial bus or can be compared with programmed limits stored in the Limit Registers. The results of out-of-limit comparisons are stored in the Status Registers, which can be read over the serial bus to flag out of limit conditions.
ADD Pin GND No Connect VCC
A1 0 1 0
A0 0 0 1
-6-
REV. C
ADM1025/ADM1025A
If ADD is left open-circuit, the default address will be 0101110. ADD is sampled only after power-up, so any changes made will have no effect, unless power is cycled. The facility to make hardwired changes to A1 and A0 allows the user to avoid conflicts with other devices sharing the same serial bus if, for example, more than one ADM1025/ADM1025A is used in a system. However, as previously mentioned, the ADD pin may also function as a reset output or interrupt output. Use of these functions may restrict the addresses that can be set. See the sections on RST and INT for further information. The serial bus protocol operates as follows. 1. The master initiates data transfer by establishing a START condition, defined as a high-to-low transition on the serial data line SDA while the serial clock line SCL remains high. This indicates that an address/data stream will follow. All slave peripherals connected to the serial bus respond to the START condition and shift in the next eight bits, consisting of a 7-bit address (MSB first) plus an R/W bit, which determines the direction of the data transfer, i.e., whether data will be written to or read from the slave device. The peripheral whose address corresponds to the transmitted address responds by pulling the data line low during the low period before the ninth clock pulse, known as the Acknowledge Bit. All other devices on the bus now remain idle while the selected device waits for data to be read from or written to it. If the R/W bit is a 0, the master will write to the slave device. If the R/W bit is a 1, the master will read from the slave device. 2. Data is sent over the serial bus in sequences of nine clock pulses, eight bits of data followed by an Acknowledge Bit from the slave device. Transitions on the data line must occur during the low period of the clock signal and remain stable during the high period, since a low-to-high transition when the clock is high may be interpreted as a STOP signal. The number of data bytes that can be transmitted over the serial bus in a single READ or WRITE operation is limited only by what the master and slave devices can handle. 3. When all data bytes have been read or written, STOP conditions are established. In WRITE mode, the master will pull the data line high during the 10th clock pulse to assert a STOP condition. In READ mode, the master device will override the Acknowledge Bit by pulling the data line high during the low period before the 9th clock pulse. This is known as No Acknowledge. The master will then take the data line low during the low period before the 10th clock pulse, then high during the 10th clock pulse to assert a STOP condition. Any number of bytes of data may be transferred over the serial bus in one operation, but it is not possible to mix read and write in one operation because the type of operation is determined at the beginning and cannot subsequently be changed without starting a new operation. In the case of the ADM1025/ADM1025A, write operations contain either one or two bytes, and read operations contain one byte and perform the following functions. To write data to one of the device data registers or read data from it, the Address Pointer Register must be set so that the correct data register is addressed; data can then be written into that register or read from it. The first byte of a write operation always contains an address that is stored in the Address Pointer Register. If data is to be written to the device, the write operation contains a second data byte that is written to the register selected by the Address Pointer Register. This is illustrated in Figure 2a. The device address is sent over the bus followed by R/W set to 0. This is followed by two data bytes. The first data byte is the address of the internal data register to be written to, which is stored in the Address Pointer Register. The second data byte is the data to be written to the internal data register.
1 SCL
9
1
9
SDA START BY MASTER
0
1
0
1
1
A1
A0
R/W ACK. BY ADM1025
D7
D6
D5
D4
D3
D2
D1
D0 ACK. BY ADM1025
FRAME 1 SERIAL BUS ADDRESS BYTE 1 SCL (CONTINUED)
FRAME 2 ADDRESS POINTER REGISTER BYTE 9
SDA (CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0 ACK. BY STOP BY ADM1025 MASTER
FRAME 3 DATA BYTE
Figure 2a. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
REV. C
-7-
ADM1025/ADM1025A
1 SCL 9 1 9
SDA START BY MASTER
0
1
0
1
1
A1
A0
R/W ACK. BY ADM1025
D7
D6
D5
D4
D3
D2
D1
D0 ACK. BY ADM1025 STOP BY MASTER
FRAME 1 SERIAL BUS ADDRESS BYTE
FRAME 2 ADDRESS POINTER REGISTER BYTE
Figure 2b. Writing to the Address Pointer Register Only
1 SCL 9 1 9
SDA START BY MASTER
0
1
0
1
1
A1
A0
R/W ACK. BY ADM1025
D7
D6
D5
D4
D3
D2
D1
D0 STOP BY NO ACK. BY MASTER MASTER
FRAME 1 SERIAL BUS ADDRESS BYTE
FRAME 2 DATA BYTE FROM ADM1025
Figure 2c. Reading Data from a Previously Selected Register
When reading data from a register there are two possibilities: 1. If the ADM1025/ADM1025A's Address Pointer Register value is unknown or not the desired value, it is first necessary to set it to the correct value before data can be read from the desired data register. This is done by performing a write to the ADM1025/ADM1025A as before, but only the data byte containing the register address is sent, since data should not be written to the register. This is shown in Figure 2b. A read operation is then performed consisting of the serial bus address, R/W bit set to 1, followed by the data byte read from the data register. This is shown in Figure 2c. 2. If the Address Pointer Register is known to be already at the desired address, data can be read from the corresponding data register without first writing to the Address Pointer Register, so Figure 2b can be omitted. NOTES 1. Although it is possible to read a data byte from a data register without first writing to the Address Pointer Register, if the Address Pointer Register is already at the correct value, it is not possible to write data to a register without writing to the Address Pointer Register because the first data byte of a write is always written to the Address Pointer Register. 2. In Figures 2a to 2c, the serial bus address is shown as the default value 01011(A1)(A0), where A1 and A0 are set by the three-state ADD pin. 3. In addition to supporting the Send Byte and Receive Byte protocols, the ADM1025/ADM1025A also supports the Read Byte protocol (see System Management Bus specifications Rev. 1.1 for more information). 4. If Reset or interrupt functionality is required, the address pin cannot be strapped to GND, since this would keep the ADD/ RST/INT/NTO pin permanently low.
MEASUREMENT INPUTS
A/D CONVERTER
These inputs are multiplexed into the on-chip, successiveapproximation, analog-to-digital converter. This has a resolution of eight bits. The basic input range is 0 V to 2.5 V, but the inputs have built-in attenuators to allow measurement of 2.5 V, 3.3 V, 5 V, 12 V, and the processor core voltage VCCP without any external components. To allow for the tolerance of these supply voltages, the A/D converter produces an output of 3/4 full scale (decimal 192) for the nominal input voltage and so has adequate headroom to cope with overvoltages. Table II shows the input ranges of the analog inputs and output codes of the A/D converter. When the ADC is running, it samples and converts an input every 11.6 ms, except for the external temperature (D+ and D-) input. This has special input signal conditioning and is averaged over 16 conversions to reduce noise; a measurement on this input takes nominally 34.8 ms.
INPUT CIRCUITS
The internal structure for the analog inputs is shown in Figure 3. Each input circuit consists of an input protection diode, an attenuator, plus a capacitor to form a first order low-pass filter that gives the input immunity to high frequency noise.
122.2k 22.7k 91.6k 55.2k 62.6k 82.4k 36.7k 111.2k 25pF 25pF MUX 25pF 35pF
12VIN
5VIN
3.3VIN
2.5VIN
The ADM1025/ADM1025A has six external measurement inputs, five for voltage and one (two pins) for temperature. Internal measurements are also carried out on VCC and the on-chip temperature sensor. -8-
VCCPIN
19.6k 105k 10pF
Figure 3. Structure of Analog Inputs
REV. C
ADM1025/ADM1025A
Table II. A/D Output Code vs. VIN
Input Voltage 12 VIN <0.062 0.062-0.125 0.125-0.188 0.188-0.250 0.250-0.313 0.313-0.375 0.375-0.438 0.438-0.500 0.500-0.563 5 VIN <0.026 0.026-0.052 0.052-0.078 0.078-0.104 0.104-0.130 0.130-0.156 0.156-0.182 0.182-0.208 0.208-0.234 VCC/3.3 VIN <0.0172 0.017-0.034 0.034-0.052 0.052-0.069 0.069-0.086 0.086-0.103 0.103-0.120 0.120-0.138 0.138-0.155 2.5 VIN <0.013 0.013-0.026 0.026-0.039 0.039-0.052 0.052-0.065 0.065-0.078 0.078-0.091 0.091-0.104 0.104-0.117 * * * 0.833-0.846 * * * 1.667-1.680 * * * 2.500-2.513 * * * 3.190-3.203 3.203-3.216 3.216-3.229 3.229-3.242 3.242-3.255 3.255-3.268 3.268-3.281 3.281-3.294 3.294-3.307 3.307-3.320 >3.320 VCCPIN <0.012 0.012-0.023 0.023-0.035 0.035-0.047 0.047-0.058 0.058-0.070 0.070-0.082 0.082-0.093 0.093-0.105
A/D Output Decimal 0 1 2 3 4 5 6 7 8 Binary 0000 0000 0000 0001 0000 0010 0000 0011 0000 0100 0000 0101 0000 0110 0000 0111 0000 1000
4.000-4.063
1.666-1.692
1.100-1.117
0.749-0.761
64 (1/4 Scale)
0100 0000
8.000-8.063
3.330-3.560
2.200-2.217
1.499-1.511
128 (1/2 Scale)
1000 0000
12.000-12.063
5.000-5.026
3.300-3.317
2.249-2.261
192 (3/4 Scale)
1100 0000
15.312-15.375 15.375-15.437 15.437-15.500 15.500-15.563 15.625-15.625 15.625-15.688 15.688-15.750 15.750-15.812 15.812-15.875 15.875-15.938 >15.938
6.380-6.406 6.406-6.432 6.432-6.458 6.458-6.484 6.484-6.510 6.510-6.536 6.536-6.562 6.562-6.588 6.588-6.615 6.615-6.640 >6.640
4.210-4.230 4.230-4.245 4.245-4.263 4.263-4.280 4.280-4.300 4.300-4.314 4.314-4.330 4.331-4.348 4.348-4.366 4.366-4.383 >4.383
2.869-2.881 2.881-2.893 2.893-2.905 2.905-2.916 2.916-2.928 2.928-2.940 2.940-2.951 2.951-2.964 2.964-2.975 2.975-2.987 >2.988
245 246 247 248 249 250 251 252 253 254 255
1111 0101 1111 0110 1111 0111 1111 1000 1111 1001 1111 1010 1111 1011 1111 1100 1111 1101 1111 1110 1111 1111
REV. C
-9-
ADM1025/ADM1025A
TEMPERATURE MEASUREMENT SYSTEM Internal Temperature Measurement Table III. Temperature Data Format
The ADM1025/ADM1025A contains an on-chip band gap temperature sensor whose output is digitized by the on-chip ADC. The temperature data is stored in the Local Temperature Value Register (Address 27h). As both positive and negative temperatures can be measured, the temperature data is stored in twos complement format, as shown in Table III. Theoretically, the temperature sensor and ADC can measure temperatures from -128C to +127C with a resolution of 1C, although temperatures below 0C and above +100C are outside the operating temperature range of the device.
External Temperature Measurement
Temperature -128C -125C -100C -75C -50C -25C 0C +10C +25C +50C +75C +100C +125C +127C
Digital Output 1000 0000 1000 0011 1001 1100 1011 0101 1100 1110 1110 0111 0000 0000 0000 1010 0001 1001 0011 0010 0100 1011 0110 0100 0111 1101 0111 1111
The ADM1025/ADM1025A can measure temperature using an external diode sensor or diode-connected transistor connected to Pins 9 and 10. The forward voltage of a diode or diode-connected transistor, operated at a constant current, exhibits a negative temperature coefficient of about -2 mV/C. Unfortunately, the absolute value of VBE, varies from device to device, and individual calibration is required to null this out, so the technique is unsuitable for mass production. The technique used in the ADM1025/ADM1025A is to measure the change in VBE when the device is operated at two different currents. This is given by: VBE = KT q x In (N ) where: K is Boltzmann's constant. q is the charge on the carrier. T is the absolute temperature in Kelvins. N is the ratio of the two currents. Figure 4 shows the input signal conditioning used to measure the output of an external temperature sensor. This figure shows the external sensor as a substrate transistor provided for temperature monitoring on some microprocessors, but it could equally well be a discrete transistor. If a discrete transistor is used, the collector will not be grounded and should be linked to the base. If a PNP transistor is used, the base is connected to the D- input and the emitter to the D+ input. If an NPN transistor is used, the emitter is connected to the D- input and the base to the D+ input. Bit 6 of Status Register 2 (42h) is set if a remote diode fault is detected. The ADM1025/ADM1025A detects shorts from D+ to GND or supply, as well as shorts/opens between D+/D-.
VDD I N I IBIAS
To prevent ground noise interfering with the measurement, the more negative terminal of the sensor is not referenced to ground but is biased above ground by an internal diode at the D- input. If the sensor is used in a very noisy environment, a capacitor of value up to 1 nF may be placed between the D+ and D- inputs to filter the noise. To measure VBE, the sensor is switched between operating currents of I and N x I. The resulting waveform is passed through a 65 kHz low-pass filter to remove noise, then to a chopperstabilized amplifier that performs the functions of amplification and rectification of the waveform to produce a dc voltage proportional to VBE. This voltage is measured by the ADC to give a temperature output in 8-bit twos complement format. To further reduce the effects of noise, digital filtering is performed by averaging the results of 16 measurement cycles. An external temperature measurement takes nominally 34.8 ms.
LAYOUT CONSIDERATIONS
Digital boards can be electrically noisy environments and care must be taken to protect the analog inputs from noise, particularly when measuring the very small voltages from a remote diode sensor. The following precautions should be taken: 1. Place the ADM1025/ADM1025A as close as possible to the remote sensing diode. Provided that the worst noise sources, such as clock generators, data/address buses, and CRTs, are avoided, this distance can be four to eight inches. 2. Route the D+ and D- tracks close together, in parallel, with grounded guard tracks on each side. Provide a ground plane under the tracks if possible. 3. Use wide tracks to minimize inductance and reduce noise pickup. 10 mil track minimum width and spacing is recommended.
GND 10MIL 10MIL D+ 10MIL 10MIL D- 10MIL 10MIL GND 10MIL
D+ REMOTE SENSING TRANSISTOR
VOUT+ TO ADC
D-
BIAS DIODE
VOUT- LOW-PASS FILTER fC = 65kHz
Figure 4. Signal Conditioning for External Diode Temperature Sensors
Figure 5. Arrangement of Signal Tracks
-10-
REV. C
ADM1025/ADM1025A
4. Try to minimize the number of copper/solder joints, which can cause thermocouple effects. Where copper/solder joints are used, make sure that they are in both the D+ and D- path and at the same temperature. Thermocouple effects should not be a major problem as 1C corresponds to about 240 V, and thermocouple voltages are about 3 V/oC of temperature difference. Unless there are two thermocouples with a big temperature differential between them, thermocouple voltages should be much less than 200 V. 5. Place 0.1 F bypass and 1 nF input filter capacitors close to the ADM1025/ADM1025A. 6. If the distance to the remote sensor is more than eight inches, the use of twisted pair cable is recommended. This will work up to about 6 to 12 feet. 7. For really long distances (up to 100 feet) use shielded twisted pair, such as Belden #8451 microphone cable. Connect the twisted pair to D+ and D- and the shield to GND close to the ADM1025/ADM1025A. Leave the remote end of the shield unconnected to avoid ground loops. Because the measurement technique uses switched current sources, excessive cable and/or filter capacitance can affect the measurement. When using long cables, the filter capacitor may be reduced or removed. Cable resistance can also introduce errors. 1 series resistance introduces about 0.5C error.
LIMIT VALUES
As the ADC will normally be left to free-run in this manner, the time taken to monitor all the analog inputs will normally not be of interest, since the most recently measured value of any input can be read out at any time.
INPUT SAFETY
Scaling of the analog inputs is performed on-chip, so external attenuators are normally not required. However, since the power supply voltages will appear directly at the pins, it is advisable to add small external resistors in series with the supply traces to the chip to prevent damaging the traces or power supplies should an accidental short such as a probe connect two power supplies together. As the resistors will form part of the input attenuators, they will affect the accuracy of the analog measurement if their value is too high. The analog input channels are calibrated assuming an external series resistor of 500 , and the accuracy will remain within specification for any value from zero to 1 k, so a standard 510 resistor is suitable. The worst such accident would be connecting 0 V to 12 V--a total of 12 V difference. With the series resistors, this would draw a maximum current of approximately 12 mA.
LAYOUT AND GROUNDING
High and low limit values for each measurement channel are stored in the appropriate limit registers. As each channel is measured, the measured value is stored and compared with the programmed limit.
STATUS REGISTERS
Analog inputs will provide best accuracy when referred to a clean ground. A separate, low impedance ground plane for analog ground, which provides a ground point for the voltage dividers and analog components, will provide best performance but is not mandatory. The power supply bypass, the parallel combination of 10 F (electrolytic or tantalum) and 0.1 F (ceramic) bypass capacitors connected between Pin 9 and ground, should also be located as close as possible to the ADM1025/ADM1025A.
RST/INT OUTPUT
The results of limit comparisons are stored in Status Registers 1 and 2. The Status Register bit for a particular measurement channel reflects the status of the last measurement and limit comparison on that channel. If a measurement is within limits, the corresponding Status Register bit will be cleared to "0." If the measurement is out of limits, the corresponding status register bit will be set to "1." The state of the various measurement channels may be polled by reading the Status Registers over the serial bus. Reading the Status Registers does not affect their contents. Out-of-limit temperature/voltage events may also be used to generate an interrupt so that remedial action, such as turning on a cooling fan, may be taken immediately. This is described in the section on RST and INT.
MONITORING CYCLE TIME
As previously mentioned, Pin 16 is a multifunction pin. Its state after power-on is latched to set the lowest two bits of the serial bus address. During NAND tree board-level connectivity testing, it functions as the output of the NAND tree. It may also be used as a reset output, or as an interrupt output for out-of-limit temperature/voltage events. Pin 16 is programmed as a reset output by clearing Bit 0 of the Test Register and setting Bit 7 of the VID Register. A low going, 20 ms, reset output pulse can then be generated by setting Bit 4 of the Configuration Register. If Bit 7 of the VID Register is cleared, Pin 16 can be programmed as an interrupt output for out-of-limit temperature/voltage events (INT). Desired interrupt operation is achieved by changing the values of Bits 1 and 0 of the Test Register as shown in Table IV. Note, however, that Bits 2 to 7 of the Test Register must be zeros (not don't cares). If, for example, INT is programmed for thermal and voltage interrupts, then if any temperature or voltage measurement goes outside its respective high or low limit, the INT output will go low. It will remain low until Status Register 1 is read, when it will be cleared. If the temperature or voltage remains out of limit, INT will be reasserted on the next monitoring cycle. INT can also be cleared by issuing an Alert Response Address Call.
The monitoring cycle begins when a 1 is written to the Start Bit (Bit 0) of the Configuration Register. The ADC measures each analog input in turn and as each measurement is completed the result is automatically stored in the appropriate value register. This "round-robin" monitoring cycle continues until it is disabled by writing a 0 to Bit 0 of the Configuration Register.
REV. C
-11-
ADM1025/ADM1025A
Table IV. Controlling the Operation of INT GENERATING AN SMBALERT
Test Register Bit 1 Bit 0 0 0 1 1 0 1 0 1
Function Interrupts Disabled Thermal Interrupt Only Voltage Interrupt Only Voltage and Thermal Interrupts
The INT output can be used as an interrupt output or can be used as an SMBALERT. One or more INT outputs can be connected to a common SMBALERT line connected to the master. If a device's INT line goes low, the following procedure occurs: 1. SMBALERT is pulled low. 2. Master initiates a read operation and sends the Alert Response Address (ARA = 0001 100). This is a general call address that must not be used as a specific device address. 3. The device whose INT output is low responds to the Alert Response Address, and the master reads its device address. The address of the device is now known and it can be interrogated in the usual way. 4. If more than one device's INT output is low, the one with the lowest device address will have priority, in accordance with normal SMBus arbitration. 5. Once the ADM1025/ADM1025A has responded to the Alert Response Address, it will reset its INT output; however, if the error condition that caused the interrupt persists, INT will be reasserted on the next monitoring cycle.
NAND TREE TESTS
Note that Bit 7 of VID register should be zero, and that Bits 2 to 7 of Test Register must be zeros.
When Pin 16 is used as a RST or INT output, it is open-drain and requires an external pull-up resistor. This will restrict the address function on Pin 16 to being high at power-up. If the RST or INT function is required and two ADM1025/ADM1025As are to be used on the same serial bus, A1/A0 can be set to 10 by using a high value pull-up on Pin 16 (100 k or greater). This will not override the "floating" condition of ADD during power-up. Note, however, that the RST/INT outputs of two or more devices cannot be wire-OR'd, since the devices would then have the same address. If the RST/INT outputs need to be connected to a common interrupt line, they can be OR'd together using the circuit of Figure 6. If the RST or INT functionality is not required, a third address may be used by setting A1/A0 to 00 by using a 1 k pull-down resistor on Pin 16. Note that this address should not be used if RST or INT is required, since using this address will cause the device to appear to be generating resets or interrupts, since Pin 16 will be permanently tied low.
VCC R1 1k
A NAND tree is provided in the ADM1025/ADM1025A for Automated Test Equipment (ATE) board level connectivity testing. The device is placed into NAND Test Mode by powering up with Pin 9 (D-/NTI) held high. This pin is automatically sampled after power-up, and if it is connected high, the NAND test mode is invoked. In NAND test mode, all digital inputs may be tested as illustrated below. ADD/RST/INT/NTO will become the NAND test output pin. To perform a NAND tree test, all pins are initially driven low. The test vectors set all inputs low, then one-by-one toggle them high (keeping them high). Exercising the test circuit with this "walking one" pattern, starting with the input closest to the output of the tree, cycling toward the farthest, causes the output of the tree to toggle with each input change. Allow for a typical propagation delay of 500 ns. The structure of the NAND tree is shown in Figure 7.
SDA
A1/A0 = 01 ADD/RST/INT/NTO SDA SCL
ADM1025/ ADM1025A
No. 1
VCC R2 470k
VCC R5 4.7k RST OR INT OPEN-COLLECTOR AND GATE
A1/A0 = 10 ADD/RST/INT/NTO SDA SCL No. 2
ADM1025/ ADM1025A
Figure 6. Using Two ADM1025/ADM1025As on the Same Bus with a Common Interrupt
SCL VID0 VID1 VID2 VID3
ADD/RST/INT/NTO
Figure 7. NAND Tree
Note: If any of the inputs shown in Figure 7 are unused, they should not be connected directly to ground but via a resistor such as 10 k. This will allow the ATE to drive every input high so that the NAND tree test can be properly carried out. Refer to Table XVI for Test Vectors.
-12-
REV. C
ADM1025/ADM1025A
USING THE ADM1025/ADM1025A Power-On RESET
When power is first applied, the ADM1025/ADM1025A performs a "power- on reset" on several of its registers. Registers whose power-on values are not shown have power-on conditions that are indeterminate. Value and limit registers are reset to 00h on power-up. The ADC is inactive. In most applications, usually the first action after power-on would be to write limits into the Limit Registers. Power-on reset clears or initializes the following registers (the initialized values are shown in Table VI): - Configuration Register - Status Registers #1 and #2 - VID0-3 Register - VID4 Register - Test Register
INITIALIZATION
starting the ADC to avoid spurious out-of-limit conditions. The time taken to complete the analog measurements depends on how they are configured, as described elsewhere. Once the measurements have been completed, the results can be read from the Value Registers at any time.
REDUCED POWER AND SHUTDOWN MODE
The ADM1025/ADM1025A can be placed in a low power mode by setting Bit 0 of the Configuration Register to 0. This disables the internal ADC. Full shutdown mode may then be achieved by setting Bit 7 of the VID Register to 1 and Bit 0 of the Test Register to 1. This turns off power to all analog circuits and stops the monitoring cycle, if running, but it does not affect the condition of any of the registers. The device will return to its previous state when these bits are reset to zero.
5 V OPERATION
Configuration Register Initialization performs a similar, but not identical, function to power-on reset. Configuration Register Initialization is accomplished by setting Bit 7 of the Configuration Register high. This bit automatically clears after being set.
USING THE CONFIGURATION REGISTER
Control of the ADM1025/ADM1025A is provided through the configuration register. The Configuration Register is used to start and stop the ADM1025/ADM1025A, program the operating modes of Pins 11 and 16, and provide the initialization function described above. Bit 0 of the Configuration Register controls the monitoring loop of the ADM1025/ADM1025A. Setting Bit 0 low stops the monitoring loop and puts the ADM1025/ADM1025A into a low power mode thereby reducing power consumption. Serial bus communication is still possible with any register in the ADM1025/ADM1025A while in low power mode. Setting Bit 0 high starts the monitoring loop. Bit 4 of the Configuration Register causes a low going 20 ms (typ) pulse at the RST pin (Pin 16) when set. This bit is self-clearing. Bit 5 of the Configuration Register selects the operating mode of Pin 11 between the default of 12 V analog input (Bit 5 = 0) and VID4 (Bit 5 = 1). Bit 7 of the Configuration Register is used to start a Configuration Register Initialization when it is set to 1.
USING THE OFFSET REGISTER
The ADM1025/ADM1025A may be operated with VCC connected to any supply voltage between 3.0 V and 5.5 V, but it should be noted that the device has been optimized for 3.3 V operation. In particular, the internal voltage divider used to measure the supply voltage is optimized for 3.3 V. Powering the device from 5 V will cause the VCC Reading Register (Register 25h) to overrange. In this case, the 5 V measurement should be read from the 5 V Reading Register (Register 23h), instead of the VCC Reading Register. Note also that when the 12 VIN/VID4 pin is programmed to read VID4, due to its internal voltage divider, it will only read VIH = 2.1 V on the 12 VIN/VID4 pin as logic high if the device is being powered from the 3.3 V supply.
REGISTERS Table V. Address POINTER Register
Bit 7-0
Name Address Pointer
R/W Write
Description Address of ADM1025/ ADM1025A Registers. See the tables below for detail.
Table VI. List of Registers
Register Name Configuration Register Status Register 1 Status Register 2 VID Register VID4 Register Value and Limit Registers Company ID Stepping
Address A7-A0 in Hex 40h 41h 42h 47h 49h
Power On Value of Registers: <7:0> 0000 1000 0000 0000 0000 0000 <7:4> = 0000, <3:0> = VID3-VID0 <0> = VID4; Default = 1000 000 (VID4)
This register contains a twos complement value that is added (or subtracted if the number is negative) to either the internal or external temperature reading. Note that the default value in the offset register is zero, so zero is always added to the temperature reading. The offset register is configured for the external temperature channel by default. It may be switched to the internal channel by setting Bit 0 of the Test Register to 1, setting Bit 6 of the VID Register to 1, and clearing Bit 7 of the VID Register.
STARTING CONVERSION
15-3Dh 3Eh 3Fh
0100 0001 0010 (Bits 3:0 Version Number)
The monitoring function of the ADM1025/ADM1025A is started by writing to the Configuration Register and setting Start (Bit 0) high. Limit values should be written into the Limit Registers before REV. C -13-
ADM1025/ADM1025A
Table VII. Register 40h - Configuration Register Table VIII. Register 41h - Status Register 1 (Power-On Default <7:0> = 00h)
Bit Name 0 START
R/W
Description Bit Name 0 +2.5 V_Error R/W Read-Only Description A 1 indicates a high or low limit has been exceeded. A 1 indicates a high or low limit has been exceeded. A 1 indicates a high or low limit has been exceeded. A 1 indicates a high or low limit has been exceeded. A 1 indicates a high or a low temperature limit has been exceeded. A 1 indicates a high or low Remote temperature limit has been exceeded.
1 2 3 4
5
6 7
Read/Write Logic 1 enables startup of monitor ASIC, and Logic 0 places the ASIC in standby mode. At startup, limit checking functions and scanning begins. Note, all HIGH and LOW LIMITS should be set into the ADM1025/ADM1025A prior to turning on this bit. (Power-up Default = 0.) Reserved Read Reserved Read Reserved Read RESET Read/Write Setting this bit generates a minimum 20 ms low pulse on Pin 16 if the function is enabled. +12/VID4 Read/Write Selects whether Pin 11 acts as Select a 12 V analog input monitoring pin, or as a VID[4] input. This pin defaults to the 12 V analog input. (Default = 0.) Reserved Read Initialization Read/Write Logic 1 restores power-up default values to the Configuration Register and Status Registers. This bit automatically clears itself and the power-on default is zero.
1
VCCP_Error +3.3 V_Error
Read-Only
2
Read-Only
3
+5 V_Error
Read-Only
4
Local Temp Error Remote Temp Error
Read-Only
5
Read-Only
6 7
Reserved Reserved
Table IX. Register 42h - Status Register 2 (Power-On Default <7:0> = 00h)
Bit Name 0 +12 V_Error
R/W Read-Only
Description A 1 indicates a high or low limit has been exceeded. A 1 indicates a high or low limit has been exceeded. Undefined Undefined Undefined Undefined A one indicates either a short or open circuited fault on the remote thermal diode inputs. Undefined
1
VCC_Error Reserved Reserved Reserved Reserved Remote Diode Fault
Read-Only
2 3 4 5 6
Read-Only Read-Only Read-Only Read-Only Read-Only
7
Reserved
Read-Only
-14-
REV. C
ADM1025/ADM1025A
Table X. Register 47h - VID REGISTER (Power-On Default = 0000 (VID[3:0])) Table XII. Registers 15h-3Dh - Value and Limit Registers (continued)
Bit Name 0-3 VID[3:0]
R/W Read-Only
Description
Address 34h 35h 36h 37h 38h 39h 3Ah
R/W Read/Write Read/Write Read/Write Read/Write Read/Write Read/Write Read/Write
Description 12 V Low Limit VCC High Limit VCC Low Limit Remote Temperature High Limit Remote Temperature Low Limit Local Temperature High Limit Local Temperature Low Limit
The VID[3:0] inputs from Pentium/PRO power supplies to indicate the operating voltage (e.g., 1.3 V to 2.9 V). 4-5 Reserved Read-Only Undefined 6 Offset Config Read/Write Configures offset register to be used with internal or external channel. If Bit 0 of Test Register = 1 and Bit 7 of VID Register = 0, then setting this bit to 1 configures tHhe Offset Register to the internal temperature channel. Clearing this bit configures the Offset Register to the external temperature channel. (Default = 0.) 7 RST ENABLE Read/Write When set to 1, enables the RST output function on Pin 16. This bit defaults to 0 on power-up. (RST Disabled.)
Table XI. Register 49h - VID4 Register (Power-On Default = 1000 000(VID4))
For the high limits of the voltages, the device is doing a greater-than comparison. For the low limits, however, it is doing a less-than or equal comparison.
Table XIII. Register 15h - Manufacturers Test Register
Bit 0
Name
R/W Read/Write
Description Used to select RST or INT functions. Refer to RST/INT Output section. Used to select RST or INT functions. Refer to RST/INT Output section. Reserved. Only values written to these bits should be zeros.
1
Read/Write
2-7
Reserved
Read/Write
Table XIV. Register 3Eh - Company ID
Bit 0 1-7
Name VID4 Reserved
R/W Read Read
Description VID4 Input (If Selected) (Defaults to 0)
Value (Bits 7:0) R/W 0100 0001 Read-Only
Description This location contains the company identification number that may be used by software to determine the manufacturer's device. This register is read-only.
Table XII. Registers 15h-3Dh - Value and Limit Registers
Address 15h 1Fh 20h 21h 22h 23h 24h 25h 26h 27h 2Bh 2Ch 2Dh 2Eh 2Fh 30h 31h 32h 33h
R/W Read/Write Read/Write Read-Only Read-Only Read-Only Read-Only Read-Only Read-Only Read-Only Read-Only Read/Write Read/Write Read/Write Read/Write Read/Write Read/Write Read/Write Read/Write Read/Write
Description Manufacturers Test Register Offset Register 2.5 V Reading VCCP Reading 3.3 V Reading 5 V Reading 12 V Reading VCC Reading Remote Diode Temperature Reading Local Temperature Reading 2.5 V High Limit 2.5 V Low Limit VCCP High Limit VCCP Low Limit 3.3 V High Limit 3.3 V Low Limit 5 V High Limit 5 V Low Limit 12 V High Limit
Table XV. Register 3Fh - Stepping
Value (Bits 7:0) 0010 [Version]
R/W Read-Only
Description Stepping ID Number and Version
Table XVI. NAND Tree Test Vectors
Vector No. SDA 1 2 3 4 5 6 7 0 0 0 0 0 0 1
ADD/RST/ SCL VID0 VID1 VID2 VID3 INT/NTO 0 0 0 0 0 1 1 0 0 0 0 1 1 1 0 0 0 1 1 1 1 0 0 1 1 1 1 1 0 1 1 1 1 1 1 1 0 1 0 1 0 1
REV. C
-15-
ADM1025/ADM1025A
OUTLINE DIMENSIONS 16-Lead Shrink Small Outline Package [QSOP] (RQ-16)
Dimensions shown in inches
0.193 BSC
16
9
0.154 BSC
1 8
0.236 BSC
PIN 1 0.065 0.049 0.069 0.053
0.010 0.025 0.004 BSC COPLANARITY 0.004
0.012 0.008
SEATING PLANE
0.010 0.006
8 0
0.050 0.016
COMPLIANT TO JEDEC STANDARDS MO-137AB
Revision History
Location 4/03--Data Sheet changed from REV. B to REV. C. Page
Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
10/02--Data Sheet changed from REV. A to REV. B.
Updated Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Universal Change to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
-16-
REV. C
C00060-0-4/03(C)


▲Up To Search▲   

 
Price & Availability of ADM1025ARQ-REEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X