Part Number Hot Search : 
4744A 1N6299A 2SD780 MICONDUC 58010 B1517 C911805 C74HC40
Product Description
Full Text Search
 

To Download 52044-2045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Features and Benefits
s Sizes 3 to 40 circuits s For 0.30mm thick FFC/FPC s All solder tails kinked for added PCB retention
Physical Housing: PBTP, UL 94V-0 Contact: Phosphor Bronze Plating: Tin Temperature: -40 to +85C
ORDERING INFORMATION AND DIMENSIONS
Circuits 13 14 15 16 17 18 19 10 11 12 13 14 15 Order No. 52044-0345 52044-0445 52044-0545 52044-0645 52044-0745 52044-0845 52044-0945 52044-1045 52044-1145 52044-1245 52044-1345 52044-1445 52044-1545 Dimension A B 7.15 (.281) 2.50 (.098) 8.40 (.331) 3.75 (.147) 9.65 (.380) 5.00 (.196) 10.90 (.429) 6.25 (.246) 12.15 (.478) 7.50 (.295) 13.40 (.528) 8.75 (.344) 14.65 (.577) 10.00 (.393) 15.90 (.626) 11.25 (.442) 17.15 (.675) 12.50 (.492) 18.40 (.724) 13.75 (.541) 19.65 (.774) 15.00 (.590) 20.90 (.823) 16.25 (.639) 22.15 (.872) 17.50 (.688) Circuits 16 17 18 19 20 21 22 23 24 25 26 27 28 Order No. 52044-1645 52044-1745 52044-1845 52044-1945 52044-2045 52044-2145 52044-2245 52044-2345 52044-2445 52044-2545 52044-2645 52044-2745 52044-2845 Dimension A B 23.40 (.921) 18.75 (.738) 24.65 (.970) 20.00 (.787) 25.90 (1.020) 21.25 (.836) 27.15 (1.069) 22.50 (.885) 28.40 (1.118) 23.75 (.935) 29.65 (1.167) 25.00 (.984) 30.90 (1.217) 26.25 (1.033) 32.15 (1.266) 27.50 (1.082) 33.40 (1.314) 28.75 (1.131) 34.65 (1.364) 30.00 (1.181) 35.90 (1.413) 31.25 (1.230) 37.15 (1.463) 32.50 (1.279) 38.40 (1.512) 33.75 (1.328) Circuits 29 30 31 32 33 34 35 36 37 38 39 40 Order No. 52044-2945 52044-3045 52044-3145 52044-3245 52044-3345 52044-3445 52044-3545 52044-3645 52044-3745 52044-3845 52044-3945 52044-4045 Dimension A B 39.65 (1.561) 35.00 (1.377) 40.90 (1.610) 36.25 (1.427) 42.15 (1.659) 37.50 (1.476) 43.40 (1.709) 38.75 (1.525) 44.65 (1.758) 40.00 (1.574) 45.90 (1.807) 41.25 (1.624) 47.15 (1.856) 42.50 (1.673) 48.40 (1.906) 43.75 (1.722) 49.65 (1.955) 45.00 (1.771) 50.90 (2.004) 46.25 (1.820) 52.15 (2.053) 47.50 (1.870) 53.40 (2.102) 48.75 (1.919)
Note: For cable specification dimensions, see cable pages at end of section
990
F-35
FFC/FPC Connectors
Reference Information Packaging: Tray Designed In: Millimeters
Electrical Voltage: 200V Current: 1.0A Contact Resistance: 30m max. Dielectric Withstanding Voltage: 500V AC/1 min. Insulation Resistance: 500 M min.
1.25mm (.049") Pitch FFC/FPC Connector 52044 Right Angle, Non-ZIF Top Contact Style
F


▲Up To Search▲   

 
Price & Availability of 52044-2045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X