Part Number Hot Search : 
0100C 7502B IRG4BC10 M51945 CS3842B ST1S10P 0603A NTE832SM
Product Description
Full Text Search
 

To Download 430NM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLDERING INSTRUCTIONS FOR THROUGH HOLE LEDs
DIP AND WAVE SOLDERING Temperature Maximum of the Soldering Soldering Bath Time 260oC 260oC 3s 5s Distance from Solder Joint to Case >2mm >4mm IRON SOLDERING (with 1.5mm IRON TIP) Temperature of the Soldering Iron 260oC 260oC Maximum Soldering Time 3s 5s Distance From Solder Joint to Case >2mm >4mm
RECOMMENDED SOLDERING PATTERN FOR SMT LEDs
1 2 3
4
5
6
7
8
9
10
SOLDERING INSTRUCTIONS FOR SMT LEDs
Surface Mount LEDs are temperature sensitive and must be handled with extreme care. IR Reflow Soldering and Vapor Phase Reflow Soldering are recommended. Wave Soldering is not recommended for surface mount LEDs. Please request our SMT LED Soldering Notes 155-1209.
Note: Above dimensions in millimeters
84
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
LED TECHNICAL DATA
Absolute Maximum Ratings
(TA=25C)
430NM (GaN)
470nm (GaN)
525nm (GaN)
555nm (GaP)
565nm (GaP)
590nm (GaAsP/ GaP)
595nm (InGaAlP)
Unit
Reverse Voltage
5
5
5
5
5
5
5
V
Forward Current
30
30
25
30
25
30
25
mA
Forward Current (Peak)
t 10us
100
100
150
100
150
150
150
mA
Power Dissipation
105
120
105
120
105
105
105
mW
Operating Temperature
-20 to +80
-30 to +85
-40 to +85
-30 to +85
-40 to +85
-40 to +85
-40 to +85
o
C
Storage Temperature
-30 to +100 -40 to +100
-40 to +85
-40 to +100 -40 to +85
-40 to +85
-40 to +85
o
C
Operating Characteristics
(TA=25 C)
o
430NM (GaN)
470nm (GaN)
525nm (GaN)
555nm (GaP)
565nm (GaP)
590nm (GaAsP/ GaP) 2.1
595nm (InGaAlP)
Unit
Forward Voltage (typ.)
IF=20mA
4.5
3.6
3.5
2.25
2.2
2.0
V
Forward Voltage (max.)
IF=20mA
5.5
4.0
4.0
2.6
2.5
2.5
2.5
V
Reverse Current
VR=5V
100
50
50
10
10
10
10
uA
Wavelength at Peak Emmission
IF=20mA
430
470
525
555
565
590
595
nm
Spectral line half-width
IF=20mA
65
30
40
30
30
35
15
nm
Capacitance
VF=0V, f=1MHz
100
50
50
45
45
10
33
pF
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
85
LED TECHNICAL DATA
Absolute Maximum Ratings
(TA=25 C)
610nm (GaAsP/ GaP)
620nm (InGaAlP)
625nm (GaAsP/ GaP)
660nm (GaAlAs)
700nm (GaP)
880nm (GaAlAs)
940nm (GaAs)
Unit
Reverse Voltage
5
5
5
5
5
5
5
V
Forward Current
30
30
30
30
25
50
50
mA
Forward Current (Peak)
t 10us
150
150
150
150
150
1200
1200
mA
Power Dissipation
105
75
105
100
120
100
100
mW
Operating Temperature
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
o
C
Storage Temperature
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
o
C
Operating Characteristics
(TA=25oC)
610nm (GaAsP/ GaP) 2.0
620nm (InGaAlP)
625nm (GaAsP/ GaP) 2.0
660nm (GaAlAs)
700nm (GaP)
880nm (GaAlAs)
940nm (GaAs)
Unit
Forward Voltage (typ.)
IF=20mA
1.95
1.85
2.0
1.4
1.2
V
Forward Voltage (max.)
IF=20mA
2.6
2.5
2.5
2.5
2.5
1.7
1.5
V
Reverse Current
VR=5V
10
10
10
10
10
10
10
uA
Wavelength at Peak Emmission
IF=20mA
610
620
625
660
700
880
940
nm
Spectral line half-width
IF=20mA
35
15
45
20
45
50
50
nm
Capacitance
VF=0V, f=1MHz
15
40
12 LEDs
95
40
90
90
pF
86
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
TECHNICAL DATA 5V/12V LED WITH INTERNAL RESISTANCE
Absolute Maximum Ratings
(TA=25 C)
o
565nm (GaP)
590nm (GaAsP/GaP)
625nm (GaAsP/GaP)
660nm (GaAlAs)
Unit
Reverse Voltage Forward Current (Peak)
t10us
5 150 0.7 310 -40 to +85
5 150 0.7 310 -40 to +85
5 150 0.7 310 -40 to +85
5 200 0.35 300 -40 to +85
V mA mA mW
o
Derating linear from 50oC Power Dissipation Operating/Storage Temperature
C
Operating Characteristics
(TA=25 C)
o
565nm (GaP)
590nm (GaAsP/GaP)
625nm (GaAsP/GaP)
660nm (GaAlAs)
Unit
Forward Current (typ) VF=5V VF=12V Reverse Current
VR=5v
12 11 10 565
12 11 10 590
12 11 10 625
13 10 10 660
mA mA uA nm
Wavelength at Peak Emmission
IF=20mA
Spectraline half-width IF=20mA
30
35
45
20
nm
RELATIVE INTENSITY VS. WAVELENGTH
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
87
LED TECHNICAL DATA
430NM (GaN)
470nm (GaN)
525nm (GaN)
555nm (GaP)
88
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
LED TECHNICAL DATA
565nm (GaP)
590nm (GaAsP/GaP)
595nm (InGaAlP)
610nm (GaAsP/GaP)
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
89
LED TECHNICAL DATA
620nm (InGaAlP)
625nm (GaAsP/GaP)
660nm (GaAlAs)
700nm (GaP)
90
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
LED TECHNICAL DATA
WHITE
880nm (GaAlAs)
940nm (GaAs)
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169
91
LED TECHNICAL DATA
Lead Forming Guidelines
Custom Lead Options
Contact us with your requirements and specifications.
Custom lead forming
LED Cleaning
* * *
We recommend using isopropyl alcohol to clean our LEDs. Avoid using any unspecified chemical solvent such as Trichlororethylene, Chlorosen or Acetone. If cleaning is required, perform in one minute or less under normal temperature conditions.
92
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169


▲Up To Search▲   

 
Price & Availability of 430NM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X