|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0022283104 Active 2.54mm (.100") Pitch KK(R) Header, Breakaway, Vertical, with Polarizing Wall, 10 Circuits, 0.38m (15") Gold (Au) Selective Plating, with Kinked PC Tails Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-10-07 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Product Name PCB Headers 42225 Wire-to-Board KK(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 10 10 Black 100 94V-0 No None Brass Gold Tin Nylon 1 Vertical 0.120 In 3.05 mm No Yes 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 15 0.375 100 2.5 Yes No Partial No 0C to +75C Through Hole Search Parts in this Series 42225Series Mates With 2695 , 6471 , 7880 , 4455 , 7720 Electrical Current - Maximum per Contact Voltage - Maximum 4A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235 Material Info Old Part Number 42225-0150 Reference - Drawing Numbers Product Specification Sales Drawing PS-10-07 SD-42225-001 This document was generated on 04/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION A-42225-0002/0036 HEADER NUMBER: 41410 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 2-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 22-28-3020 A-42225-0002 20 22-28-3200 A-42225-0020 03 22-28-3030 A-42225-0003 21 22-28-3210 A-42225-0021 04 22-28-3040 A-42225-0004 22 22-28-3220 A-42225-0022 05 22-28-3050 A-42225-0005 23 22-28-3230 A-42225-0023 06 22-28-3060 A-42225-0006 24 22-28-3240 A-42225-0024 07 22-28-3070 A-42225-0007 25 22-28-3250 A-42225-0025 08 22-28-3080 A-42225-0008 26 22-28-3260 A-42225-0026 09 22-28-3090 A-42225-0009 27 22-28-3270 A-42225-0027 10 22-28-3100 A-42225-0010 28 22-28-3280 A-42225-0028 11 22-28-3110 A-42225-0011 29 22-28-3290 A-42225-0029 12 22-28-3120 A-42225-0012 30 22-28-3300 A-42225-0030 13 22-28-3130 A-42225-0013 31 22-28-3310 A-42225-0031 14 22-28-3140 A-42225-0014 32 22-28-3320 A-42225-0032 15 22-28-3150 A-42225-0015 33 22-28-3330 A-42225-0033 16 22-28-3160 A-42225-0016 34 22-28-3340 A-42225-0034 17 22-28-3170 A-42225-0017 35 22-28-3350 A-42225-0035 18 22-28-3180 A-42225-0018 36 22-28-3360 A-42225-0036 19 22-28-3190 A-42225-0019 REV: TITLE: A-42225-0037/0071 HEADER NUMBER: 41410 PIN NUMBER: 42663-AXB208 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .100/2.54 CKTS: 2-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 22-28-3021 A-42225-0037 20 22-28-3201 A-42225-0055 03 22-28-3031 A-42225-0038 21 22-28-3211 A-42225-0056 04 22-28-3041 A-42225-0039 22 22-28-3221 A-42225-0057 05 22-28-3051 A-42225-0040 23 22-28-3231 A-42225-0058 06 22-28-3061 A-42225-0041 24 22-28-3241 A-42225-0059 07 22-28-3071 A-42225-0042 25 22-28-3251 A-42225-0060 08 22-28-3081 A-42225-0043 26 22-28-3261 A-42225-0061 09 22-28-3091 A-42225-0044 27 22-28-3271 A-42225-0062 10 22-28-3101 A-42225-0045 28 22-28-3281 A-42225-0063 11 22-28-3111 A-42225-0046 29 22-28-3291 A-42225-0064 12 22-28-3121 A-42225-0047 30 22-28-3301 A-42225-0065 13 22-28-3131 A-42225-0048 31 22-28-3311 A-42225-0066 14 22-28-3141 A-42225-0049 32 22-28-3321 A-42225-0067 15 22-28-3151 A-42225-0050 33 22-28-3331 A-42225-0068 16 22-28-3161 A-42225-0051 34 22-28-3341 A-42225-0069 17 22-28-3171 A-42225-0052 35 22-28-3351 A-42225-0070 18 22-28-3181 A-42225-0053 36 22-28-3361 A-42225-0071 19 22-28-3191 A-42225-0054 SHEET No. K DOCUMENT NUMBER: .100 POLARIZING BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -2APPROVED BY: SD- 42225 -001 S. LINEHAN 03/04/2004 K.SAMIEC 03/04/2004 Y. MARGULIS 03/04/2004 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42225-0072/0106 HEADER NUMBER: 41410 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .100/2.54 CKTS: 2-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 22-28-3022 A-42225-0072 20 22-28-3202 A-42225-0090 03 22-28-3032 A-42225-0073 21 22-28-3212 A-42225-0091 04 22-28-3042 A-42225-0074 22 22-28-3222 A-42225-0092 05 22-28-3052 A-42225-0075 23 22-28-3232 A-42225-0093 06 22-28-3062 A-42225-0076 24 22-28-3242 A-42225-0094 07 22-28-3072 A-42225-0077 25 22-28-3252 A-42225-0095 08 22-28-3082 A-42225-0078 26 22-28-3262 A-42225-0096 09 22-28-3092 A-42225-0079 27 22-28-3272 A-42225-0097 10 22-28-3102 A-42225-0080 28 22-28-3282 A-42225-0098 11 22-28-3112 A-42225-0081 29 22-28-3292 A-42225-0099 12 22-28-3122 A-42225-0082 30 22-28-3302 A-42225-0100 13 22-28-3132 A-42225-0083 31 22-28-3312 A-42225-0101 14 22-28-3142 A-42225-0084 32 22-28-3322 A-42225-0102 15 22-28-3152 A-42225-0085 33 22-28-3332 A-42225-0103 16 22-28-3162 A-42225-0086 34 22-28-3342 A-42225-0104 17 22-28-3172 A-42225-0087 35 22-28-3352 A-42225-0105 18 22-28-3182 A-42225-0088 36 22-28-3362 A-42225-0106 19 22-28-3192 A-42225-0089 REV: TITLE: A-42225-0107/0141 HEADER NUMBER: 41410 PIN NUMBER: 42663-BAA154 PIN LENGTH: L .555/14.10 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .135/3.43 TIN: T OVERALL CKTS: 2-36 KINKS: YES REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 22-28-3023 A-42225-0107 20 22-28-3203 A-42225-0125 03 22-28-3033 A-42225-0108 21 22-28-3213 A-42225-0126 04 22-28-3043 A-42225-0109 22 22-28-3223 A-42225-0127 05 22-28-3053 A-42225-0110 23 22-28-3233 A-42225-0128 06 22-28-3063 A-42225-0111 24 22-28-3243 A-42225-0129 07 22-28-3073 A-42225-0112 25 22-28-3253 A-42225-0130 08 22-28-3083 A-42225-0113 26 22-28-3263 A-42225-0131 09 22-28-3093 A-42225-0114 27 22-28-3273 A-42225-0132 10 22-28-3103 A-42225-0115 28 22-28-3283 A-42225-0133 11 22-28-3113 A-42225-0116 29 22-28-3293 A-42225-0134 12 22-28-3123 A-42225-0117 30 22-28-3303 A-42225-0135 13 22-28-3133 A-42225-0118 31 22-28-3313 A-42225-0136 14 22-28-3143 A-42225-0119 32 22-28-3323 A-42225-0137 15 22-28-3153 A-42225-0120 33 22-28-3333 A-42225-0138 16 22-28-3163 A-42225-0121 34 22-28-3343 A-42225-0139 17 22-28-3173 A-42225-0122 35 22-28-3353 A-42225-0140 18 22-28-3183 A-42225-0123 36 22-28-3363 A-42225-0141 19 22-28-3193 A-42225-0124 SHEET No. K DOCUMENT NUMBER: .100 POLARIZING BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -3APPROVED BY: SD- 42225 -001 S. LINEHAN 03/04/2004 K.SAMIEC 03/04/2004 Y. MARGULIS 03/04/2004 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42225-0142/0176 HEADER NUMBER: 41410 PIN NUMBER: 42663-BAB208 PIN LENGTH: L .555/14.10 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .135/3.43 TIN: T .100/2.54 CKTS: 2-36 KINKS: YES REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 22-28-3024 A-42225-0142 20 22-28-3204 A-42225-0160 03 22-28-3034 A-42225-0143 21 22-28-3214 A-42225-0161 04 22-28-3044 A-42225-0144 22 22-28-3224 A-42225-0162 05 22-28-3054 A-42225-0145 23 22-28-3234 A-42225-0163 06 22-28-3064 A-42225-0146 24 22-28-3244 A-42225-0164 07 22-28-3074 A-42225-0147 25 22-28-3254 A-42225-0165 08 22-28-3084 A-42225-0148 26 22-28-3264 A-42225-0166 09 22-28-3094 A-42225-0149 27 22-28-3274 A-42225-0167 10 22-28-3104 A-42225-0150 28 22-28-3284 A-42225-0168 11 22-28-3114 A-42225-0151 29 22-28-3294 A-42225-0169 12 22-28-3124 A-42225-0152 30 22-28-3304 A-42225-0170 13 22-28-3134 A-42225-0153 31 22-28-3314 A-42225-0171 14 22-28-3144 A-42225-0154 32 22-28-3324 A-42225-0172 15 22-28-3154 A-42225-0155 33 22-28-3334 A-42225-0173 16 22-28-3164 A-42225-0156 34 22-28-3344 A-42225-0174 17 22-28-3174 A-42225-0157 35 22-28-3354 A-42225-0175 18 22-28-3184 A-42225-0158 36 22-28-3364 A-42225-0176 19 22-28-3194 A-42225-0159 REV: TITLE: A-42225-0177/0211 HEADER NUMBER: 41410 PIN NUMBER: 42663-BAB228 PIN LENGTH: L .555/14.10 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .135/3.43 TIN: T .100/2.54 CKTS: 2-36 KINKS: YES REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 22-28-3025 A-42225-0177 20 22-28-3205 A-42225-0195 03 22-28-3035 A-42225-0178 21 22-28-3215 A-42225-0196 04 22-28-3045 A-42225-0179 22 22-28-3225 A-42225-0197 05 22-28-3055 A-42225-0180 23 22-28-3235 A-42225-0198 06 22-28-3065 A-42225-0181 24 22-28-3245 A-42225-0199 07 22-28-3075 A-42225-0182 25 22-28-3255 A-42225-0200 08 22-28-3085 A-42225-0183 26 22-28-3265 A-42225-0201 09 22-28-3095 A-42225-0184 27 22-28-3275 A-42225-0202 10 22-28-3105 A-42225-0185 28 22-28-3285 A-42225-0203 11 22-28-3115 A-42225-0186 29 22-28-3295 A-42225-0204 12 22-28-3125 A-42225-0187 30 22-28-3305 A-42225-0205 13 22-28-3135 A-42225-0188 31 22-28-3315 A-42225-0206 14 22-28-3145 A-42225-0189 32 22-28-3325 A-42225-0207 15 22-28-3155 A-42225-0190 33 22-28-3335 A-42225-0208 16 22-28-3165 A-42225-0191 34 22-28-3345 A-42225-0209 17 22-28-3175 A-42225-0192 35 22-28-3355 A-42225-0210 18 22-28-3185 A-42225-0193 36 22-28-3365 A-42225-0211 19 22-28-3195 A-42225-0194 SHEET No. K DOCUMENT NUMBER: .100 POLARIZING BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -4APPROVED BY: SD- 42225 -001 S. LINEHAN 03/04/2004 K.SAMIEC 03/04/2004 Y. MARGULIS 03/04/2004 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42225-0213/0246 HEADER NUMBER: 41410 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-28-3206 A-42225-0230 03 22-28-3036 A-42225-0213 21 22-28-3216 A-42225-0231 04 22-28-3046 A-42225-0214 22 22-28-3226 A-42225-0232 05 22-28-3056 A-42225-0215 23 22-28-3236 A-42225-0233 06 22-28-3066 A-42225-0216 24 22-28-3246 A-42225-0234 07 22-28-3076 A-42225-0217 25 22-28-3256 A-42225-0235 08 22-28-3086 A-42225-0218 26 22-28-3266 A-42225-0236 09 22-28-3096 A-42225-0219 27 22-28-3276 A-42225-0237 10 22-28-3106 A-42225-0220 28 22-28-3286 A-42225-0238 11 22-28-3116 A-42225-0221 29 22-28-3296 A-42225-0239 12 22-28-3126 A-42225-0222 30 22-28-3306 A-42225-0240 13 22-28-3136 A-42225-0223 31 22-28-3316 A-42225-0241 14 22-28-3146 A-42225-0224 32 22-28-3326 A-42225-0242 15 22-28-3156 A-42225-0225 33 22-28-3336 A-42225-0243 16 22-28-3166 A-42225-0226 34 22-28-3346 A-42225-0244 17 22-28-3176 A-42225-0227 35 22-28-3356 A-42225-0245 18 22-28-3186 A-42225-0228 36 22-28-3366 A-42225-0246 19 22-28-3196 A-42225-0229 A-42225-0248/0281 HEADER NUMBER: 41410 PIN NUMBER: 42663-AXB208 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-28-3207 A-42225-0265 03 22-28-3037 A-42225-0248 21 22-28-3217 A-42225-0266 04 22-28-3047 A-42225-0249 22 22-28-3227 A-42225-0267 05 22-28-3057 A-42225-0250 23 22-28-3237 A-42225-0268 06 22-28-3067 A-42225-0251 24 22-28-3247 A-42225-0269 07 22-28-3077 A-42225-0252 25 22-28-3257 A-42225-0270 08 22-28-3087 A-42225-0253 26 22-28-3267 A-42225-0271 09 22-28-3097 A-42225-0254 27 22-28-3277 A-42225-0272 10 22-28-3107 A-42225-0255 28 22-28-3287 A-42225-0273 11 22-28-3117 A-42225-0256 29 22-28-3297 A-42225-0274 12 22-28-3127 A-42225-0257 30 22-28-3307 A-42225-0275 13 22-28-3137 A-42225-0258 31 22-28-3317 A-42225-0276 14 22-28-3147 A-42225-0259 32 22-28-3327 A-42225-0277 15 22-28-3157 A-42225-0260 33 22-28-3337 A-42225-0278 16 22-28-3167 A-42225-0261 34 22-28-3347 A-42225-0279 17 22-28-3177 A-42225-0262 35 22-28-3357 A-42225-0280 18 22-28-3187 A-42225-0263 36 22-28-3367 A-42225-0281 19 22-28-3197 A-42225-0264 SHEET No. REV: TITLE: K DOCUMENT NUMBER: .100 POLARIZING BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -5APPROVED BY: SD- 42225 -001 S. LINEHAN 03/04/2004 K.SAMIEC 03/04/2004 Y. MARGULIS 03/04/2004 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42225-0282/0316 HEADER NUMBER: 41410 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-28-3208 A-42225-0300 03 22-28-3038 A-42225-0283 21 22-28-3218 A-42225-0301 04 22-28-3048 A-42225-0284 22 22-28-3228 A-42225-0302 05 22-28-3058 A-42225-0285 23 22-28-3238 A-42225-0303 06 22-28-3068 A-42225-0286 24 22-28-3248 A-42225-0304 07 22-28-3078 A-42225-0287 25 22-28-3258 A-42225-0305 08 22-28-3088 A-42225-0288 26 22-28-3268 A-42225-0306 09 22-28-3098 A-42225-0289 27 22-28-3278 A-42225-0307 10 22-28-3108 A-42225-0290 28 22-28-3288 A-42225-0308 11 22-28-3118 A-42225-0291 29 22-28-3298 A-42225-0309 12 22-28-3128 A-42225-0292 30 22-28-3308 A-42225-0310 13 22-28-3138 A-42225-0293 31 22-28-3318 A-42225-0311 14 22-28-3148 A-42225-0294 32 22-28-3328 A-42225-0312 15 22-28-3158 A-42225-0295 33 22-28-3338 A-42225-0313 16 22-28-3168 A-42225-0296 34 22-28-3348 A-42225-0314 17 22-28-3178 A-42225-0297 35 22-28-3358 A-42225-0315 18 22-28-3188 A-42225-0298 36 22-28-3368 A-42225-0316 19 22-28-3198 A-42225-0299 REV: TITLE: A-42225-0488/0518 HEADER NUMBER: 41410 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 6-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: 6 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42225-0502 A-42225-0502 03 21 42225-0503 A-42225-0503 04 22 42225-0504 A-42225-0504 05 23 42225-0505 A-42225-0505 06 42225-0488 A-42225-0488 24 42225-0506 A-42225-0506 07 42225-0489 A-42225-0489 25 42225-0507 A-42225-0507 08 42225-0490 A-42225-0490 26 42225-0508 A-42225-0508 09 42225-0491 A-42225-0491 27 42225-0509 A-42225-0509 10 42225-0492 A-42225-0492 28 42225-0510 A-42225-0510 11 42225-0493 A-42225-0493 29 42225-0511 A-42225-0511 12 42225-0494 A-42225-0494 30 42225-0512 A-42225-0512 13 42225-0495 A-42225-0495 31 42225-0513 A-42225-0513 14 42225-0496 A-42225-0496 32 42225-0514 A-42225-0514 15 42225-0497 A-42225-0497 33 42225-0515 A-42225-0515 16 42225-0498 A-42225-0498 34 42225-0516 A-42225-0516 17 42225-0499 A-42225-0499 35 42225-0517 A-42225-0517 18 42225-0500 A-42225-0500 36 42225-0518 A-42225-0518 19 42225-0501 A-42225-0501 SHEET No. K DOCUMENT NUMBER: .100 POLARIZING BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -6APPROVED BY: SD- 42225 -001 S. LINEHAN 03/04/2004 K.SAMIEC 03/04/2004 Y. MARGULIS 03/04/2004 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC |
Price & Availability of 22-28-3104 |