Part Number Hot Search : 
SK3A5P0 SMG5D60D NTE2375 SHD114 PMD10K60 LU221 A2B15 D3FS4A10
Product Description
Full Text Search
 

To Download 2-25-6DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
Features
Fully encapsulated Low profile Low insertion loss Frequency range 10 kHz to 500 MHz Impedance levels from 12.5 to 800 6 pin DIP and SMD Lead free RoHS compliant**
*R
oH
S
CO
M
PL
NT
Electrical Specifications @ 25 C
Part Number Type D Type W
2-1-1D_ 2-1-6D_ 2-2-1D_ 2-2.5-6D_ 2-3-1D_ 2-4-1D_ 2-4-6D_ 2-5-1D_ 2-8-1D_ 2-13-1D_ 2-16-6D_ 3-1-1D_ 3-1-6D_ 3-1.5-1D_ 3-1.5-6D_ 3-2.5-6D_ 3-4-6D_ 3-9-1D_ 3-16-1D_ 3-36-1D_ 4-1-6D_ 4-1.5-1D_ 4-2.5-6D_ 4-4-1D_ 4-25-1D_ 2-1-1W_ 2-1-6W_ 2-2-1W_ 2-2.5-6W_ 2-3-1W_ 2-4-1W_ 2-4-6W_ 2-5-1W_ 2-8-1W_ 2-13-1W_ 2-16-6W_ 3-1-1W_ 3-1-6W_ 3-1.5-1W_ 3-1.5-6W_ 3-2.5-6W_ 3-4-6W_ 3-9-1W_ 3-16-1W_ 3-36-1W_ 4-1-6W_ 4-1.5-1W_ 4-2.5-6W_ 4-4-1W_ 4-25-1W_
Note: RF2 and RF3 are standard units. RF4 only on request. Terminal Material: 97Sn/2.5Cu/0.5Ag Operating Temperature Range: 0 C to +70 C Storage Temperature Range: -40 C to +85 C
REV. 01/09 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
-1J 4-4
Type J
2-1-1J_ 2-1-6J_ 2-2-1J_ 2-2.5-6J_ 2-3-1J_ 2-4-1J_ 2-4-6J_ 2-5-1J_ 2-8-1J_ 2-13-1J_ 2-16-6J_ 3-1-1J_ 3-1-6J_ 3-1.5-1J_ 3-1.5-6J_ 3-2.5-6J_ 3-4-6J_ 3-9-1J_ 3-16-1J_ 3-36-1J_ 4-1-6J_ 4-1.5-1J_ 4-2.5-6J_ 4-4-1J_ 4-25-1J_
(nominal 50 )
RF2, RF3, RF4 Series - Wideband Transformers
Ratio Frequency Impedance MHz
1 1 2 2.5 3 4 4 5 8 13 16 1 1 1.5 1.5 2.5 4 9 16 36 1 1.5 2.5 4 25 .050-200 .003-300 .070-200 .010-100 .050-250 .200-350 .020-250 .300-300 .030-140 .300-120 .030-75 .150-400 .010-150 .100-300 .020-100 .010-100 .020-200 .150-200 .300-120 .030-20 .004-500 .075-500 .010-50 .050-200 .020-30
3dB MHz
.050-200 .003-300 .070-200 .010-100 .050-250 .200-350 .020-250 .300-300 .030-140 .300-120 .030-75 .150-400 .010-150 .100-300 .020-100 .010-100 .020-200 .150-200 .300-120 .030-20 .004-500 .075-500 .010-50 .050-200 .020-30
Insertion Loss 2dB MHz
.080-150 .010-150 .100-100 .020-50 .100-200 .350-300 .050-150 .600-200 .100-90 .700-80 .060-30 .350-200 .020-100 .200-150 .050-50 .020-50 .050-150 .300-150 .700-80 .050-10 .020-200 .200-100 .025-25 .200-50 .050-20
1dB MHz
.20-80 .02-50 .50-50 .05-20 .50-70 2-100 .10-100 5-100 1-60 5-20 10-20 2-50 .05-50 .50-80 .10-25 .05-20 .10-100 2-40 .50-20 .10-5 .10-50 .10-50 .05-10 1-30 .10-10
Schematic
RF2 Series
RF3 Series
RF4 Series
RF2, RF3, RF4 Series - Wideband Transformers
Product Dimensions
Type D
1 2 3
Typical Frequency Response
2-4-1 3 dB Bandwidth 0.200-350 MHz
How to Order
x - x - x x __ __ L
Model Impedance Ratio (see "Ratio Impedance") Type Number
6.85 MAX (.270)
6
5
4
dB
7.62 (.300)
6.35 MAX (.249) 3.81 MIN (.150) 2.54 (.100) 5.08 TYP. (.200) 0.45 TYP. (.018)
Termination Type (see "Product Dimensions") D = Through-hole W = Surface Mount (Gull-Wing) J = Surface Mount ("J" Leads)
0.38 (.015)
Frequency (MHz)
8.38 TYP. (.330)
Impedance Ratio P = Ratio: Primary to Secondary (R : 1) Blank = Ratio: Secondary to Primary (R : 1) Where "R" is the Ratio Impedance in Electrical Specifications chart Packaging E = Tape and Reel (Types J and W only) Blank = Tubes (Types D and W only) Termination Material L = 97Sn/2.5Cu/0.5Ag (lead free)
Type J
2-3-1
3 dB Bandwidth 0.050-250 MHz
6.35 MAX (.250)
Packaging
dB
0.25 TYP (.010) 1.14 - 1.27 (.045 - .050)
1
2
3
8.38 (.330)
6 5 4
Tape and Reel (Types J and W only) ..................................700 pcs./reel Tubes (Types D and W only)....68 pcs./tube
1.14 - 1.27 (.045 - .050) 0.38 TYP (.015)
Frequency (MHz)
Type W
3-1-1
3 dB Bandwidth 0.150-400 MHz
6.35 (.250) 0.25 TYP (.010) 1.14 - 1.27 (.045 - .050) 1.90 (.075) 10.92 (.430) 1.90 (.075) 1.14 - 1.27 (.045 - .050)
6
5
4
0.38 TYP (.015)
dB
1
2
3
Frequency (MHz)
DIMENSIONS ARE:
MM (INCHES)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
RF2, RF3, RF4 Series - Wideband Transformers
Packaging Dimensions
330 DIA. (12.99)
2.0 0.5 (.079 .020)
28.4 (1.12) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969)
21.0 0.8 (.827 .031)
THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
13.0 0.5 DIA. (.512 .020) 24 (0.95)
EMBOSSED CARRIER
Tape Dimensions for "W" Type
7.50 (.295) 1.75 (.069) 2.00 (.079) 4.00 (.157) 12.00 (.472) 1.50 DIA. (.059)
7.1 (.280) 6.7 (.264) 4.9 (.193)
16.00 0.30 (.630 .012)
5
8.2 (.323)
1.50 DIA. MIN. (.059)
11.2 (.441)
Tape Dimensions for "J" Type
7.50 (.295) 1.75 (.069) 2.00 (.079) 4.00 (.157) 12.00 (.472) 1.50 DIA. (.059) 7.9 (.311) 16.00 0.30 (.630 .012)
5
8.9 (.350) 4.9 (.193)
1.50 DIA. MIN. (.059)
6.1 (.240)
6.6 (.260)
DIMENSIONS:
MM (INCHES)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2-25-6DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X