![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2,000 V - 10,000 V Rectifiers 25 mA - 250 mA Forward Current 70 ns Recovery Time AXIAL LEADED HERMETICALLY SEALED MIL-PRF-19500/577 1N6529 1N6531 1N6533 1N6535 4 JANTX Part Number JANTXV ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS Working Reverse Voltage (Vrwm) Average Rectified Current (Io) Reverse Current @ Vrwm (Ir) Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns Thermal Impedance Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF (Vf) 25C Volts mA uJ-L L=000 L=.125 L=.250 C/W C/W C/W 55C(1) 100C(2) 25C 100C Volts 1N6529 1N6531 1N6533 1N6535 Amps Amps A A 2000 3000 5000 10000 0.250 0.100 0.050 0.025 0.125 0.050 0.025 0.012 0.1 0.1 0.1 0.1 10 10 10 10 3.0 7.0 9.0 14.0 25 25 25 25 10 8 4 2 1.50 1.25 0.75 0.38 70 70 70 70 18 18 18 18 30 30 30 30 50 50 50 50 4.0 2.0 1.0 0.5 (1)TL=55C L=0.375" (2)TL=100C L=0.375" (3)If=12.5mA, Ir=25mA, Irr=6.3mA * Op.Temp.= -65C to +175C Stg.Temp.= -65C to +200C Part A .200(5.08) MAX. .140(3.56) MIN. .220(5.59) MAX. .160(4.06) MIN. .240(6.10) MAX. .180(4.57) MIN. .300(7.62) MAX. .240(6.10) MIN. .095 .035 (2.41 .76) A 1N6529 1N6531 1.30(33.02) 1.00(25.4) .020 .003 (.50 .08) 1N6533 1N6535 Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice. VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291 TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com 79 1N6529 1N6531 1N6533 1N6535 POWER DERATING 4 Maximum Maxumum Power Dissipation (W) L=0.200" L=0.100" L=0.000" 12 10 Forward Voltage (V) 8 TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C 3 1N6531 2 6 1N6529 4 2 0 1 L=0.300" L=0.400" L=0.500" 0 0 25 50 75 100 125 Lead Temperature (C) Temperature (C) 150 175 0.0 0.5 1.0 Forward Current (A) 1.5 2.0 1000.0 REVERSE CURRENT VS. TEMPERATURE AT Vrwm 25 TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C 20 Reverse Current (uA) Forward Voltage (V) 100.0 1N6535 15 1N6533 10.0 10 1.0 5 0.1 25 50 75 100 Temperature (C) Temperature (C) 125 150 0 0.0 0.1 0.2 0.3 Forward Current (A) 0.4 0.5 160 140 Reverse Recovery Time (ns) 120 100 80 60 40 20 0 25 TYPICAL REVERSE RECOVERY TIME VS. TEMPERATURE 6 5 Junction Capacitance (pF) 4 3 2 1 0 TYPICAL JUNCTION CAPACITANCE VS. REVERSE VOLTAGE AT 25C 1N6529 1N6531 1N6533 1N6535 50 75 100 Temperature (C) Temperature (C) 125 150 0 20 40 60 Reverse Bias Voltage (V) 80 100 80 |
Price & Availability of 1N6535
![]() |