![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0015453348 Active cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 48 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-71395 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Overview Product Name PCB Receptacles 71395 Board-to-Board cgrid__sl_products C-Grid(R) Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 48 Black 50 94V-0 No No None No Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.058 In 1.47 mm Yes None Tray 0.100 In 2.54 mm 30 0.75 75 1.875 No N/A -40C to +105C Surface Mount Search Parts in this Series 71395Series Mates With 8624 C-Grid(R) Breakaway Header, 70246 Straight Header, 70247 Right Angle Header, 70287 C-Grid(R) Header, 70227 Dual Row C-Grid(R) Header, 70567 C-Grid(R) Header, 70280 C-Grid(R) Breakaway Header, 70524 C-Grid(R) Breakaway Header, 7 Electrical Current - Maximum per Contact Grounding to PCB Voltage - Maximum 2.5A No 250V Solder Process Data Lead-free Process Capability Process Temperature max. C Reflow Capable (SMT only) 260 Material Info Old Part Number 71395-1248 Reference - Drawing Numbers Application Specification Packaging Specification Product Specification Sales Drawing AS-71395-001 PK-70873-0304 PS-71395 SDA-71395-1*** This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 15-45-3348
![]() |