Part Number Hot Search : 
74HC6 P6NC80Z TA144 74LVC1G3 74F28000 LTC24 74F28000 4FCT2
Product Description
Full Text Search
 

To Download 15-45-3130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015453130 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 30 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-71395 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Overview Product Name PCB Receptacles 71395 Board-to-Board cgrid__sl_products C-Grid(R)
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 30 Black 50 94V-0 No No None No Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.058 In 1.47 mm Yes None Tray 0.100 In 2.54 mm 30 0.75 75 1.875 No N/A -40C to +105C Surface Mount
Search Parts in this Series 71395Series Mates With 8624 C-Grid(R) Breakaway Header, 70246 Straight Header, 70247 Right Angle Header, 70287 C-Grid(R) Header, 70227 Dual Row C-Grid(R) Header, 70567 C-Grid(R) Header, 70280 C-Grid(R) Breakaway Header, 70524 C-Grid(R) Breakaway Header, 7
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 2.5A No 250V
Solder Process Data
Lead-free Process Capability Process Temperature max. C Reflow Capable (SMT only) 260
Material Info
Old Part Number 71395-1130
Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-71395-001 PK-70873-0304 PS-71395 SDA-71395-1***
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 15-45-3130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X