![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0014451807 Active cgrid__sl_products 2.54mm (.100") Pitch SLTM Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 28, 3.81m (150") Tin (Sn), 7 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-70400 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Series Agency Certification CSA UL General Product Family Series Comments Component Type Glow-Wire Compliant Overview Product Name Ribbon Cable / Wire Trap Connectors 70475 Terminals Preloaded Housing No cgrid__sl_products SLTM Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 7 Black 25 Vertical 94V-0 None Phosphor Bronze Tin Tin Polyester Alloy 1 None Tube 0.100 In 2.54 mm 150 3.81 150 3.81 No Yes N/A -40C to +105C IDT or Pierce 1.35mm (.053") max. 28 Discrete Wire, Ribbon Cable Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 70475Series Mates With 70004 Interim Clip (Single Row), 70013 Interim Clip (Dual Row) Use With 7307 Tinned 28AWG, 7767 Topcoat 28AWG, 24241 Tinned 26AWG, 8996 Topcoat 26AWG, 24226 Tinned 24AWG, 8997 Topcoat 24AWG, 24369 High Flex 26AWG, 24389 High Flex 24AWG Electrical Current - Maximum per Contact Voltage - Maximum 1.2A 250V Material Info Old Part Number 70475-0426 Reference - Drawing Numbers Product Specification PS-70400 This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 14-45-1807
![]() |