Part Number Hot Search : 
MHW930 FA102 371910 371910 382LP3E FR024 DF1510 MBRF20
Product Description
Full Text Search
 

To Download 09-50-8053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0009508053 Active
kk 3.96mm (.156") Pitch KK(R) Crimp Terminal Housing, Friction Ramp, 5 Circuits
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-08-50 (PDF) RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series MolexKits Overview Product Name Crimp Housings 41695 Yes kk KK(R)
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Temperature Range - Operating No 5 Natural 94V-0 Female No None Yes Polyester 1 Bag No 0.156 In 3.96 mm Yes 0C to +75C
Search Parts in this Series 41695Series Use With KK(R) Crimp Terminal 2478 , 2578 , 8818. TrifurconTM Crimp Terminal 7258 , 6438 , 6838
Material Info
Old Part Number 41695-N-D05
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-41695-003 PS-08-50 SD-41695
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 09-50-8053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X