Part Number Hot Search : 
G40CQ SKY65119 ACS764 AP9452G DP7045 C1512 20301 SC100
Product Description
Full Text Search
 

To Download 0398800506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 02/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0398800506 Active
5.08mm (.200") Pitch BeauTM EurostyleTM Low Profile, Two Level Terminal Block, Modular, 6 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39880 Wire-to-Board One Piece USA-263 EurostyleTMMulti-Level Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 6 Horizontal 94V-0 None 2 Vertical 0.140 In 3.50 mm None 0.093 In 2.40 mm No 0.200 In 5.08 mm 0.200 In 5.08 mm N/A Fully Yes 110C 16, 18, 20, 22, 24, 26, 28, 30 0.20 - 1.50
Search Parts in this Series 39880Series
Electrical
Current - Maximum per Contact UL Voltage - Maximum 13.5A E48521 300V
Material Info
Old Part Number 882106
Reference - Drawing Numbers
Sales Drawing SD-39880-005
This document was generated on 02/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0398800506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X