Part Number Hot Search : 
18P1100 UL7410 18P1100 TM6203 0ZB6T B25655J M62460 T02GH
Product Description
Full Text Search
 

To Download TXL150-05S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Enclosed Power Supplies
TXL Series, 25-600 Watt
Features Compact Metal Case with Screw Terminal
Block
NEW
Dual and Triple Output Models with
isolated Outputs
Universal Input 85-264 VAC, 50/60 Hz EMI / EMC Compliance with EN 61000-6-3
and EN 61000-6-1

Compliance to EN 61000-3-2 (PFC) Short Circuit and Overvoltage Protection High Efficiency International Safety Approvals Industrial Grade Components 3 Year Product Warranty
The TRACOPOWER TXL series is a family of encased power supplies designed for a wide range of cost critical industrial applications. Wit a low profile metal case and screw terminal block connection they are easy to install in any equipment. There are 57 models in this range with single-, dual-, and triple output voltages from 3.3VDC to 48VDC in 10 power ranges from 25W to 600W. These power supplies have Universal Input 85-240VAC and comply also with European EMC standards and the Low Voltage Directive (LVD). The high quality of this product is supported by a 3 year warranty.
Models with Single Output
Order Code TXL 025-3.3S TXL 025-05S TXL 025-12S TXL 025-15S TXL 025-24S TXL 025-48S TXL 035-3.3S TXL 035-05S TXL 035-12S TXL 035-15S TXL 035-24S TXL 035-48S TXL 050-05S TXL 060-12S TXL 060-15S TXL 060-24S TXL 060-3.3S TXL 060-05S TXL 070-12S TXL 070-15S TXL 070-24S TXL 070-48S http://www.tracopower.com E 60 / 70 Watt 50 / 60 Watt D 35 Watt C 25 Watt Case Size Output Power max. Output Voltage nom. 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC 5 VDC 12 VDC 15 VDC 24 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC Output Current max. 6.0 A 5.0 A 2.1 A 1.7 A 1.1 A 0.57 A 9.0 A 7.0 A 3.0 A 2.4 A 1.5 A 0.75 A 10.0 A 5.0 A 4.0 A 2.5 A 15.0 A 12.0 A 6.0 A 4.8 A 3.0 A 1.5 A Page 1 of 9
Enclosed Power Supplies
TXL Series Models with Single Output
Order Code TXL 100-3.3S TXL 100-05S TXL 100-12S TXL 100-15S TXL 100-24S TXL 100-48S TXL 120-12S TXL 120-15S TXL 120-24S TXL 120-48S TXL 150-05S TXL 150-12S TXL 150-24S TXL 150-48S TXL 220-12S TXL 220-24S TXL 220-48S TXL 300-24S TXL 300-48S TXL 600-24S TXL 600-48S O P 300 Watt 600 Watt N 220 Watt L 150 Watt K 120 Watt J 100 Watt Case Output Power max. Output Voltage nom. 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 48 VDC 12 VDC 15 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 12 VDC 24 VDC 48 VDC 24 VDC 48 VDC 24 VDC 48 VDC Output Current max. 25.0 A 20.0 A 8.5 A 6.8 A 4.5 A 2.1 A 10.0 A 8.0 A 5.0 A 2.5 A 30.0 A 12.5 A 6.3 A 3.2 A 18.4 A 9.2 A 4.6 A 12.5 A 6.5 A 25.0 A 12.5 A
25-600 Watt
Models with Multiple Output
Order Code TXL 035-0512D TXL 035-0524D TXL 035-1212D TXL 035-1515D TXL 060-0512DI TXL 060-0524DI TXL 060-0522TI TXL 060-0533TI TXL 060-0534TI TXL 100-0512DI TXL 100-0524DI TXL 100-0522TI TXL 100-0533TI TXL 100-0534TI J 100 Watt E 60 Watt D 35 Watt Case Output Power max. * Output1 +5 VDC/ 4.0 A +5 VDC/ 4.0 A +12 VDC/ 1.5 A +15 VDC/ 1.3 A +5 VDC/ 8.0 A +5 VDC/ 6.0 A +5 VDC/ 7.0 A +5 VDC/ 7.0 A +5 VDC/ 6.0 A +5 VDC/ 12.0 A +5 VDC/ 10.0 A +5 VDC/ 12.0 A +5 VDC/ 12.0 A +5 VDC/ 12.0 A * Output 2 +12 VDC/ 1.5 A +24 VDC/ 1.3 A -12 VDC/ 1.5 A -15 VDC/ 1.3 A +12 VDC/ 4.0 A +24 VDC/ 2.2 A +12 VDC/ 3.5 A +15 VDC/ 3.0 A +12 VDC/ 1.5 A +12 VDC/ 6.0 A +24 VDC/ 4.0 A +12 VDC/ 5.0 A +15 VDC/ 3.0 A +12 VDC/ 3.0 A -12 VDC/ 1.5 A -15 VDC/ 1.5 A +24 VDC/ 2.0 A -12 VDC/ 1.0 A -15 VDC/ 1.0 A +24 VDC/ 1.2 A * Output 3
* Total power must not exceed specified max. output power
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 9
Enclosed Power Supplies
TXL Series Input Specifications
Input voltage range Input frequency Input current (at full load) TXL 025 TXL 035 TXL 060/ 070 TXL 100 TXL 120 TXL 150 TXL 220 TXL 300 TXL 600 Input current (at no load) TXL 025 TXL 035 TXL 120 TXL 220/ 300 TXL 600 other Recommended circuit breaker (characteristic C) or slow blow fuse TXL 025/ 035/ 060/070 TXL 100/120/150/ 220 TXL 300 TXL 600 models models models models models models models models models models models models models models models models models models models 85 - 264 VAC 88 - 264 VAC (TXL 100 & TXL 300 models) 47 - 63 Hz Vin = 115 VAC 0.54 A typ. 0.70 A typ. 1.00 A typ. 1.65 A typ. 1.30 A typ. 2.10 A typ. 3.00 A typ. 3.30 A typ. 6.30 A typ. Vin = 115 VAC 10 mA typ. 50 mA typ. 135 mA typ. 115 mA typ. 210 mA typ. 100 mA typ. 5A 10 A 15 A 20 A 10% - 35 Watt dual output models: range Vout 1-2 - other multi output models: Vout 1 Vin = 230 VAC 0.22 A typ. 0.42 A typ. 0.60 A typ. 0.95 A typ. 0.65 A typ 1.10 A typ. 1.60 A typ. 1.70 A typ 3.10 A typ Vin = 230 VAC 17 mA typ. 55 mA typ. 125 mA typ. 140 mA typ. 220 mA typ. 80 mA typ.
25-600 Watt
Output Specifications
Output voltage adjustment range
Regulation
1 % max. single output models 2 % max. multiple output models 4 % max. for main output 6 % max. for output 2/3 (20-100% load) - Minimum load on main output of multiple output models 0.3A for TXL 035 (for to assure the regulation on the auxillary outputs) 1.0A for TXL 060 1.5A for TXL 100 - Input variation - Load variation (10-100%) 3.3VDC output < 50mV Output 3 (of triple output models) < 1.5% of Vout all other output voltages < 1.0% of Vout nom. 105 % - 150% of Iout max. Fold back, automatic recovery 115 % - 140 % of Vout nom. (depending on model) models 10'000 F models 10'000 F models 4'700 F models 1'000 F models 5'000 F models 17'000 F models 44'000 F
Ripple and noise (20Mhz Bandwidth)
Output current limitation Overload protection mode Over voltage protection (only output 1) Capacitive load, max. 3.3 -12 VDC output TXL 070: 24 VDC & 48VDC output TXL 100/150: 24 VDC & 48VDC output TXL 035/ 120: 24 VDC & 48VDC output TXL 025/ TXL 220: TXL 300 TXL 600
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3 of 9
Enclosed Power Supplies
TXL Series General Specifications
Temperature ranges - Operating - Load derating above 45C - Storage (non operating) - 10 C...+70 C 2% /K (2.5%/K for TXL 120/220) - 10 C...+75 C 0.02 % / C 70 - 84 % (depending on model) 85 % rel max. (non condensing) 50 kHz typ. (pulse width modulation) 20 ms min. - - - - Input / output Input / case Output / case Output / Output 60-100 Watt multiple output models: 35 Watt dual output models: 3`000 VAC 1`500 VAC 500 VAC 500 VAC (for all outputs of triple output models!) outputs not isolated > 250'000 h @ 25C typ. EN 55022, class B, FCC part 15, level B IEC / EN 61000-3-2, class D (TXL 120/150/220) IEC / EN 61000-3-2, class A (others) IEC / EN 61000-3-3 IEC / EN 61000-4-2 IEC / EN 61000-4-3 IEC / EN 61000-4-4 IEC / EN 61000-4-5 IEC / EN 61000-4-6 IEC / EN 61000-4-8 IEC / EN 61000-4-11 cUL /UL File E188913 TXL 025/035 nickel plated steel (chassis & cover) TXL 50/60/70/100 aluminium (chassis), Nickel plated steel (cover) others aluminium (chassis & cover) 4 kV / 8 kV 3 V/m 1 kV 1 kV / 2 kV 3 V/m 3 A/m
25-600 Watt
Temperature coefficient Efficiency Humidity (non condensing) Switching frequency Hold-up time Isolation voltage
Reliability /calculated MTBF (MIL-HDBK-217F) Electromagnetic compatibility - Conducted input RI suppression (EMC), Emissions - Harmonic current emissions - Flicker Electromagnets compatibility - Electrostatic discharge ESD (EMC), Immunity - RF field immunity - Electrical fast transients/burst immunity - Surge - Conducted RF - Magnetic field - Voltage dip Safety standards Safety approval Case material
UL 1950, IEC 60950, EN 60950
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 4 of 9
Enclosed Power Supplies
TXL Series Outline Dimensions mm (inches
25-600 Watt
Case C
14 max.
(0.55 max.)
79 0.8 (3.11 0.03)
M3 thread (bottom)
51 0.8 (2.01 0.03)
L N
Vout
(0.65)
16.4
(1.12 0.03)
(1.59 0.02)
13
55 0.5
M3 thread
(0.51) (2.17 0.02)
11
(0.43)
65 0.5
(2.56 0.02)
(0.57)
14.5
25.4
34.4
(1.0)
(1.35)
28.50.5
40.5 0.5
Weight: 0.19 kg (6.7 oz)
Case D
10 max.
(0.39 max.)
99 0.8 (3.90 0.03)
M3 thread (bottom)
35 0.5 (1.38 0.03)
20.5
(0.81)
55 0.5 (2.17 0.02)
M3 thread
single 1 2 3 4 5 6 AC L AC N AC FG -V out +V out No con.
dual AC L AC N AC FG Common V out 1 V out 2
18
(0.71)
74 0.5
(2.91 0.02)
(0.69)
Connection
17.5
45 (1.77)
1 2 3 4 5 6
82 0.8 (3.23 0.03)
Weight:
0.3 kg (10 oz)
Specifications can be changed without notice http://www.tracopower.com Page 5 of 9
Enclosed Power Supplies
TXL Series Outline Dimensions mm (inches
Case E
25-600 Watt
10 max.
(0.39 max.) 1 2 3 4 5 6 7 8 9
160 0.8
(6.30 0.03) M3 thread (bottom)
37.5 0.5
(1.48 0.02)
Dual & Triple output
Single output
24
(0.95)
78 0.5 (3.07 0.02) 18 0.5
M3 thread (0.71 0.02)
Pin-Out
Single 1 2 3 4 5 6 7 8 9 Case J
1 2 3 4 5 6 7 8 9
Dual AC L AC N AC FG No con. No con -Vout 1 +Vout 1 -Vout 2 +Vout 2
Triple AC L AC N AC FG +Vout 3 -Vout 3 -Vout 1 +Vout 1 -Vout 2 +Vout 2
AC L AC N AC FG -Vout -Vout +Vout +Vout - -
(1.26) (0.71 0.02) (0.75) (0.35) (3.15 0.02)
32
1 2 3 4 5 6 7
(3.74 0.03)
95 0.8
22
(0.87)
118 0.5 (4.65 0.02)
Weight: 0.7 kg (25 oz)
10 max.
(0.39 max.)
198 0.8
(7.80 0.03)
1 2 3 4 5 6 7 Single output
(3.74 0.03)
95 0.8
4 x M3 thread (bottom)
38 0.5
(1.50 0.02)
Dual & Triple output
62
(2.44)
120 0.8
(4.72 0.03) M3 thread
Pin-Out
Single 1 2 3 4 5 6 7 8 9 AC L AC N AC FG -Vout -Vout +Vout +Vout - - Dual AC L AC N AC FG No con. No con -Vout 1 +Vout 1 -Vout 2 +Vout 2 Triple AC L AC N AC FG +Vout 3 -Vout 3 -Vout 1 +Vout 1 -Vout 2 +Vout 2
18 0.5
9
80 0.5
20
(0.79)
158 0.5
(6.22 0.02)
Weight:
0.8 kg (28 oz)
Specifications can be changed without notice http://www.tracopower.com Page 6 of 9
19
(0.75)
19
Enclosed Power Supplies
TXL Series Outline Dimensions mm (inches
Case K
25-600 Watt
12 max.
(0.47 max.)
178 0.8
(7.01 0.03)
(3.90 0.03)
99 0.8
Vout
+ +
2 x M3 thread (bottom)
N L
35 0.5
(1.38 0.02)
55
0.8
77
(3.03) (0.71 0.02)
(2.17 0.03) M4 thread
18 0.5
46.5 0.5
(1.83 0.02)
Weight:
0.82 kg (29 oz)
25
(0.98)
117 0.5
(4.61 0.02)
36
(1.42)
Case L
13 max.
(0.51 max.) + +
198 0.8
(7.83 0.03)
(3.90 0.03)
Vout
5 x M3 thread (bottom) (0.39) (1.56 0.02) 51 0.5 (2.0 0.02) (0.98
0.02)
99 0.8
17.5
N L
(0.69) (0.98) (3.110.02)
50 0.5
(1.97 0.02)
133 0.8
(5.24 0.03)
11
(0.43)
168 0.8
(6.61 0.03) M4 thread
25 0.5
10 39.50.5
Weight:
0.89 kg ( 31 oz)
25
(0.98)
117 0.5
(4.61 0.02)
Specifications can be changed without notice http://www.tracopower.com Page 7 of 9
25
80 0.5
Enclosed Power Supplies
TXL Series Outline Dimensions mm (inches
Case N
(0.47 max.) (7.8 0.03)
xM 3 ott thr om ea )d (b 5
25-600 Watt
12 max.
198 0.8
99 0.8 (3.9 0.03)
45 0.5
(1.77 0.02) (1.38)
35
133 0.8
(5.24 0.03)
(0.39) air flow
10
Weight:
0.86 kg ( 30 oz)
(3.90)
6 x M4 thread
20
(0.98 0.02)
25 0.5
(0.39)
10
65
0.8 (2.56 0.03)
63
0.8 (2.48 0.03)
38
N L
12.5
10 15
(0.39)(0.59)
117 0.5
(4.61 0.02)
44.5 0.5
(1.75 0.02)
Case O
12 max.
(0.47 max.)
212 0.8
(8.35 0.03) 150 0.8 (5.91 0.03) (1.16)
29.5
115 0.8 (4.53 0.03)
(3.74 0.03)
N L
50 0.5 (1.97 0.02)
177.5 0.8
(6.99 0.03)
(3.44 0.03)
7
(0.28)
Weight:
1.05 kg (37 oz)
air flow
Specifications can be changed without notice http://www.tracopower.com
150 0.8
(5.91 0.03)
29.5
(1.16)
(0.49)
12.5
(0.98 0.03)
25 0.8
Page 8 of 9
(0.39)
10
87.5 0.8
(1.28)
32.5
5 x M3 thread (bottom)
54.5 0.8
4 x M4 thread (bottom)
(2.15 0.03)
95 0.8
Vout
(1.97 0.03)
50 0.8
+ + +
(0.49)
(0.83)
21
0.5 (1.5 0.02)
49.5 0.5
(1.95 0.02)
89 0.5 (3.5 0.02)
Vout
+ +
(b
2
4 ott thr om ea )d
xM
Enclosed Power Supplies
TXL Series Outline Dimensions mm (inches)
Case P
25-600 Watt
12 max.
(0.47 max.)
275
(10.83)
240 0.8
(9.45 0.03)
5.0
(0.2)
L N
4 x M3 thread (bottom & cover)
+Vout +Vout +Vout -Vout -Vout -Vout
(4.92 0.03)
125 0.8
63 0.8
(2.48 0.03)
(0.79 0.03)
20 0.8
220 0.8
(8.66 0.03)
16.0 *15.0
(0.63)
*(0.59)
Molex 5559-06P RC+ RS+ Power good
(0.24)
RCRSShare
air flow
(1.18)
30.0
*(0.33)
*8.5
4 x M3 thread (front- & backside) *= dimensions for backside
Weight:
2.3 kg (81 oz)
Specifications can be changed without notice
Rev. 09/05.1
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
Page 9 of 9
6
(4.45 0.03)
113 0.8


▲Up To Search▲   

 
Price & Availability of TXL150-05S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X