Part Number Hot Search : 
X27C1 2SA1634 GI7810 0000Z0 PIC24EGP BCW60D LBS13401 MJE1300
Product Description
Full Text Search
 

To Download TX39-22-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SHEET
TX3.9/2.2/2.5 Alloy powder toroids
New data 2008 Sep 01
Ferroxcube
Alloy powder toroids
RING CORES (TOROIDS) Effective core parameters SYMBOL (I/A) Ve Ie Ae m PARAMETER core factor (C1) effective volume effective length effective area mass of core (for i 125) MPP Sendust VALUE UNIT 4.46 19.9 9.42 2.11 0.17 0.12 mm -1 mm 3 mm mm 2 g g
1.98 0.26 4.26 0.32
TX3.9/2.2/2.5
Coating The cores are coated with epoxy. The colour is cream (Sendust), grey (MPP) or khaki (High-Flux). Maximum operating temperature is 200 C. Parylene coating is also available (transparent, maximum operating temperature 130 C). Isolation voltage AC isolation voltage : 1000 V (Parylene : 750 V). Contacts are applied on the edge of the ring core, which is also the critical point for the winding operation.
(0.16) coating EPOXY
2.86 0.32
MFP148
Dimensions in mm.
Fig.1 TX3.9/2.2/2.5 ring core.
Ring core data B (mT) at GRADE AL (nH) 35 8 % 41 8 % 45 8 % 48 8 % 56 8 % 84 8 % Sendust 17 15 % 21 15 % 25 15 % 35 15 % i H = 100 kA/m; f = 10 kHz; T = 25 C 800 800 800 800 800 800 1030 1040 1050 1060 CORE LOSS (W) at f = 100 kHz; B = 100 mT; T = 25 C 0.015 0.016 0.016 0.016 0.030 0.030 0.017 0.017 0.017 0.017 TYPE NUMBER
MPP
125 147 160 173 200 300 60 75 90 125
TX3.9/2.5-M2-A35 TX3.9/2.5-M2-A41 TX3.9/2.5-M2-A45 TX3.9/2.5-M2-A48 TX3.9/2.5-M2-A56 TX3.9/2.5-M2-A84 TX3.9/2.5-S7-A17 TX3.9/2.5-S7-A21 TX3.9/2.5-S7-A25 TX3.9/2.5-S7-A35
2008 Sep 01
1797
Ferroxcube
Alloy powder toroids
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
TX3.9/2.2/2.5
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2008 Sep 01
1798


▲Up To Search▲   

 
Price & Availability of TX39-22-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X